Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXTQ30N50L2 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTQ30N50L2
Description  Linear L2TM Power MOSFET with extended FBSOA N-Channel Enhancement Mode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTQ30N50L2 Datasheet(HTML) 1 Page - IXYS Corporation

  IXTQ30N50L2 Datasheet HTML 1Page - IXYS Corporation IXTQ30N50L2 Datasheet HTML 2Page - IXYS Corporation IXTQ30N50L2 Datasheet HTML 3Page - IXYS Corporation IXTQ30N50L2 Datasheet HTML 4Page - IXYS Corporation IXTQ30N50L2 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2008 IXYS CORPORATION, All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
500
V
V
DGR
T
J
= 25
°C to 150°C, R
GS = 1MΩ
500
V
V
GSS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C = 25°C
30
A
I
DM
T
C = 25°C, pulse width limited by TJM
60
A
I
AR
T
C = 25°C
30
A
E
AR
T
C = 25°C
50
mJ
E
AS
1.5
J
P
D
T
C = 25°C
400
W
T
J
-55 to +150
°C
T
JM
+150
°C
T
stg
-55 to +150
°C
T
L
1.6mm (0.063in) from case for 10s
300
°C
T
SOLD
Plastic body for 10s
260
°C
M
d
Mounting torque (TO-247, TO-3P)
1.13/10
Nm/lb.in.
Weight
TO-247
6.0
g
TO-3P
5.5
g
TO-268
5.0
g
N-Channel Enhancement Mode
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 250μA
500
V
V
GS(th)
V
DS
= V
GS, ID = 250μA
2.5
4.5
V
I
GSS
V
GS = ±30V, VDS = 0V
±100 nA
I
DSS
V
DS
= V
DSS
50
μA
V
GS = 0V
T
J
= 125
°C
300
μA
R
DS(on)
V
GS = 10V, ID = 0.5 • ID25 , Note 1
200 m
Ω
G = Gate
D
= Drain
S = Source TAB = Drain
Linear L2TM Power
MOSFET with extended
FBSOA
IXTH30N50L2
IXTQ30N50L2
IXTT30N50L2
DS99957A (04/08)
V
DSS
= 500V
I
D25
= 30A
R
DS(on)
≤≤≤≤≤ 200mΩ
Ω
Ω
Ω
Ω
TO-247 (IXTH)
Features
Designed for linear operation
International standard packages
Unclamped Inductive Switching
(UIS) rated.
Molding epoxies meet UL 94 V-0
flammability classification
Integrated gate resistor for easy
paralleling
Guaranteed FBSOA at 75
°C
Applications
Solid state circuit breakers
Soft start controls
Linear amplifiers
Programmable loads
Current regulators
TO-3P (IXTQ)
TO-268 (IXTT)
G
S
D
S
G
(TAB)
(TAB)
(TAB)
D
DD
D
D
O
G O
O
S
w
O
w
R
Gi


Similar Part No. - IXTQ30N50L2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTQ30N50L2 IXYS-IXTQ30N50L2 Datasheet
159Kb / 6P
   N-Channel Power MOSFET
logo
Inchange Semiconductor ...
IXTQ30N50L2 ISC-IXTQ30N50L2 Datasheet
300Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IXTQ30N50L2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTN200N10L2 IXYS-IXTN200N10L2 Datasheet
170Kb / 6P
   Linear L2TM Power MOSFET w/ Extended FBSOA
IXTK46N50L IXYS-IXTK46N50L Datasheet
122Kb / 5P
   Linear Power MOSFET With Extended FBSOA
IXTH30N60L2 IXYS-IXTH30N60L2 Datasheet
147Kb / 5P
   Linear L2 Power MOSFET with extended FBSOA
IXTB62N50L IXYS-IXTB62N50L Datasheet
155Kb / 5P
   Linear Power MOSFET w/Extended FBSOA
IXTN8N150L IXYS-IXTN8N150L Datasheet
155Kb / 5P
   Linear Power MOSFET w/Extended FBSOA
IXTK200N10L2 IXYS-IXTK200N10L2 Datasheet
139Kb / 5P
   Linear L2 Power MOSFET w/ Extended FBSOA
IXTK8N150L IXYS-IXTK8N150L Datasheet
153Kb / 5P
   N-Channel Enhancement Mode Guaranteed FBSOA
IXTB30N100L IXYS-IXTB30N100L Datasheet
97Kb / 5P
   Power MOSFETs with Extended FBSOA
IXTK90N25L2 IXYS-IXTK90N25L2 Datasheet
163Kb / 5P
   LinearL2 Power MOSFET w/Extended FBSOA
IXTK20N150 IXYS-IXTK20N150 Datasheet
148Kb / 5P
   High Voltage Power MOSFET Extended FBSOA
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com