Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CCM-BOOST Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # CCM-BOOST
Description  CCM PFC Boost Converter Design
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CCM-BOOST Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button CCM-BOOST Datasheet HTML 4Page - Infineon Technologies AG CCM-BOOST Datasheet HTML 5Page - Infineon Technologies AG CCM-BOOST Datasheet HTML 6Page - Infineon Technologies AG CCM-BOOST Datasheet HTML 7Page - Infineon Technologies AG CCM-BOOST Datasheet HTML 8Page - Infineon Technologies AG CCM-BOOST Datasheet HTML 9Page - Infineon Technologies AG CCM-BOOST Datasheet HTML 10Page - Infineon Technologies AG CCM-BOOST Datasheet HTML 11Page - Infineon Technologies AG CCM-BOOST Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
CCM PFC Boost Converter Design
8
Design Note DN 2013-01
V1.0 January 2013
(2)
→ Inductor saturation current, rectifier bridge, MOSFET and boost diode, must all be rated at > 7.5A . One
practical design would suggest 12A current ratings.
(3)
(4)
Off the shelf inductors are available and usable for a first pass design, typically with single layer windings
and a permeability droop of 30% or less [ ].
In some circumstances it may be desirable to further optimize the inductor configuration, in order to meet
requirements for high power factor over a wide line and input current range, and to optimize the inductor
size. Many of the popular PFC controllers use what is known as single cycle current loop control, which can
provide very good performance provided that the inductor remains in CCM mode operation. At low-line this is
no problem, but for operation in the high-line band (176VAC to 265VAC), the operating current will be much
lower. If an inductor is used with a nominal “stable” value of inductance, what works well at low-line results
in DCM mode operation for a significant part of the load range at high-line, and poorer power factor and
higher EMI than necessary.
Figure 4.2 Swinging Boost Inductor example optimized for CMM mode operation over wide range


Similar Part No. - CCM-BOOST

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
CCM-B50 MITSUMI-CCM-B50 Datasheet
89Kb / 2P
   Power Supply Voltage and Signal
More results

Similar Description - CCM-BOOST

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4984D STMICROELECTRONICS-L4984D Datasheet
5Mb / 35P
   CCM PFC controller
April 2013 Rev 1
logo
Texas Instruments
UCC28180 TI1-UCC28180 Datasheet
1Mb / 48P
[Old version datasheet]   Programmable Frequency, Continuous Conduction Mode (CCM), Boost Power Factor Correction (PFC) Controller
UCC28070 TI-UCC28070 Datasheet
403Kb / 27P
[Old version datasheet]   Two-Phase Interleaved CCM PFC Controller
logo
Fairchild Semiconductor
SG6901 FAIRCHILD-SG6901 Datasheet
721Kb / 19P
   CCM PFC/Flyback PWM Combination Controller
logo
ON Semiconductor
FAN9673 ONSEMI-FAN9673 Datasheet
1Mb / 26P
   Three-Channel Interleaved CCM PFC Controller
June, 2019 ??Rev. 7
logo
Texas Instruments
UCC28180 TI-UCC28180_15 Datasheet
1Mb / 45P
[Old version datasheet]   UCC28180 Programmable Frequency, Continuous Conduction Mode (CCM), Boost Power Factor Correction (PFC) Controller
logo
ON Semiconductor
FAN9672 ONSEMI-FAN9672 Datasheet
1Mb / 26P
   Two-Channel Interleaved CCM PFC Controller
June, 2019 ??Rev. 4
logo
STMicroelectronics
L4985 STMICROELECTRONICS-L4985 Datasheet
1Mb / 27P
   CCM PFC controller with high voltage startupv
Rev 3 - January 2022
logo
PCA ELECTRONICS INC.
EPC3246-XX PCA-EPC3246-XX_15 Datasheet
126Kb / 5P
   PFC Boost Inductor
logo
Cooper Bussmann, Inc.
CTX16-17309 COOPER-CTX16-17309 Datasheet
200Kb / 1P
   INDUCTOR, BOOST PFC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com