Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM25C020 Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FM25C020
Description  2K-Bit SPI??Interface Serial CMOS EEPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM25C020 Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FM25C020 Datasheet HTML 3Page - Fairchild Semiconductor FM25C020 Datasheet HTML 4Page - Fairchild Semiconductor FM25C020 Datasheet HTML 5Page - Fairchild Semiconductor FM25C020 Datasheet HTML 6Page - Fairchild Semiconductor FM25C020 Datasheet HTML 7Page - Fairchild Semiconductor FM25C020 Datasheet HTML 8Page - Fairchild Semiconductor FM25C020 Datasheet HTML 9Page - Fairchild Semiconductor FM25C020 Datasheet HTML 10Page - Fairchild Semiconductor FM25C020 Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
www.fairchildsemi.com
FM25C020U Rev. B
Molded Small Out-Line Package (M8)
Package Number M08A
Molded Dual-In-Line Package (N)
Package Number N08E
12
3 4
87
6 5
0.189 - 0.197
(4.800 - 5.004)
0.228 - 0.244
(5.791 - 6.198)
Lead #1
IDENT
Seating
Plane
0.004 - 0.010
(0.102 - 0.254)
0.014 - 0.020
(0.356 - 0.508)
0.014
(0.356)
Typ.
0.053 - 0.069
(1.346 - 1.753)
0.050
(1.270)
Typ
0.016 - 0.050
(0.406 - 1.270)
Typ. All Leads
8
° Max, Typ.
All leads
0.150 - 0.157
(3.810 - 3.988)
0.0075 - 0.0098
(0.190 - 0.249)
Typ. All Leads
0.004
(0.102)
All lead tips
0.010 - 0.020
(0.254 - 0.508)
x 45
°
Physical Dimensions inches (millimeters) unless otherwise noted
0.373 - 0.400
(9.474 - 10.16)
0.092
(2.337)
DIA
+
1234
8765
0.250 - 0.005
(6.35
± 0.127)
87
0.032
± 0.005
(0.813
± 0.127)
Pin #1
Option 2
RAD
1
0.145 - 0.200
(3.683 - 5.080)
0.130
± 0.005
(3.302
± 0.127)
0.125 - 0.140
(3.175 - 3.556)
0.020
(0.508)
Min
0.018
± 0.003
(0.457
± 0.076)
90
° ± 4°
Typ
0.100
± 0.010
(2.540
± 0.254)
0.040
(1.016)
0.039
(0.991)
Typ.
20
° ± 1°
0.065
(1.651)
0.050
(1.270)
0.060
(1.524)
Pin #1 IDENT
Option 1
0.280 MIN
0.300 - 0.320
(7.62 - 8.128)
0.030
(0.762)
MAX
0.125
(3.175)
DIA
NOM
0.009 - 0.015
(0.229 - 0.381)
0.045
± 0.015
(1.143
± 0.381)
0.325
+0.040
-0.015
8.255
+1.016
-0.381
95
° ± 5°
0.090
(2.286)
(7.112)
IDENT


Similar Part No. - FM25C020

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM25C040 FAIRCHILD-FM25C040 Datasheet
105Kb / 11P
   4K-Bit SPI??Interface Serial CMOS EEPROM
FM25C040U FAIRCHILD-FM25C040U Datasheet
105Kb / 11P
   4K-Bit SPI??Interface Serial CMOS EEPROM
FM25C040UE FAIRCHILD-FM25C040UE Datasheet
105Kb / 11P
   4K-Bit SPI??Interface Serial CMOS EEPROM
FM25C040UV FAIRCHILD-FM25C040UV Datasheet
105Kb / 11P
   4K-Bit SPI??Interface Serial CMOS EEPROM
FM25C041 FAIRCHILD-FM25C041 Datasheet
103Kb / 11P
   4K-Bit SPI??Interface Serial CMOS EEPROM
More results

Similar Description - FM25C020

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM25C020 FAIRCHILD-NM25C020 Datasheet
108Kb / 10P
   2K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
FM25C040U FAIRCHILD-FM25C040U Datasheet
105Kb / 11P
   4K-Bit SPI??Interface Serial CMOS EEPROM
FM25C640U FAIRCHILD-FM25C640U Datasheet
102Kb / 11P
   64K-Bit SPI??Interface Serial CMOS EEPROM
FM25C160U FAIRCHILD-FM25C160U Datasheet
102Kb / 11P
   16K-Bit SPI??Interface Serial CMOS EEPROM
FM25C041U FAIRCHILD-FM25C041U Datasheet
103Kb / 11P
   4K-Bit SPI??Interface Serial CMOS EEPROM
logo
Catalyst Semiconductor
CAT25C01 CATALYST-CAT25C01_05 Datasheet
374Kb / 15P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25010 CATALYST-CAT25010 Datasheet
73Kb / 11P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25020 CATALYST-CAT25020 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT64LC10 CATALYST-CAT64LC10 Datasheet
300Kb / 12P
   1K/2K/4K-Bit SPI Serial EEPROM
logo
Seiko Instruments Inc
S-29255A SII-S-29255A Datasheet
846Kb / 14P
   CMOS 2K/4K-bit SERIAL EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com