Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2911-1-F3-M-A Datasheet(PDF) 2 Page - California Eastern Labs

Part # PS2911-1-F3-M-A
Description  HIGH CTR, 4-PIN ULTRA SMALL PACKAGE FLAT-LEAD PHOTOCOUPLER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2911-1-F3-M-A Datasheet(HTML) 2 Page - California Eastern Labs

  PS2911-1-F3-M-A Datasheet HTML 1Page - California Eastern Labs PS2911-1-F3-M-A Datasheet HTML 2Page - California Eastern Labs PS2911-1-F3-M-A Datasheet HTML 3Page - California Eastern Labs PS2911-1-F3-M-A Datasheet HTML 4Page - California Eastern Labs PS2911-1-F3-M-A Datasheet HTML 5Page - California Eastern Labs PS2911-1-F3-M-A Datasheet HTML 6Page - California Eastern Labs PS2911-1-F3-M-A Datasheet HTML 7Page - California Eastern Labs PS2911-1-F3-M-A Datasheet HTML 8Page - California Eastern Labs PS2911-1-F3-M-A Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
PS2911-1e
R08DS0110EJ0300 Rev.3.00
Page 2 of 12
May 24, 2013
PACKAGE DIMENSIONS (UNIT: mm)
5.0±0.2
1.27
0.4±0.1
2.5±0.3
4
3
12
R
0.2±0.1
MARKING EXAMPLE
Assembly lot
3
Week assembled
No. 1 pin
mark
(Nicked
corner)
Company initial
(Engraved R)
01
11
601
R
*1
*1 Bar : Pb-Free
Year Assembled
(Last 1 Digit)
Ni/Pd/Au PLATING
Last number of
type No. : 11
PHOTOCOUPLER CONSTRUCTION
Parameter
MIN.
Air Distance
4 mm
Creepage Distance
4 mm
Isolation Distance
0.4 mm
<R>
<R>
A Business Partner of Renesas Electronics Corporation.


Similar Part No. - PS2911-1-F3-M-A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2911-1-F3-A CEL-PS2911-1-F3-A Datasheet
766Kb / 7P
   NECs HIGH CTR, 4 PIN ULTRA SMALL PACKAGE FLAT LEAD OPTOCOUPLER
logo
Renesas Technology Corp
PS2911-1-F3-AX RENESAS-PS2911-1-F3-AX Datasheet
304Kb / 14P
   HIGH CTR, 4-PIN ULTRA SMALL PACKAGE FLAT-LEAD PHOTOCOUPLER
PS2911-1-F3-AX RENESAS-PS2911-1-F3-AX Datasheet
500Kb / 14P
   HIGH CTR, 4-PIN ULTRA SMALL PACKAGE FLAT-LEAD PHOTOCOUPLER
Dec 6, 2021
More results

Similar Description - PS2911-1-F3-M-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2911-1 RENESAS-PS2911-1_15 Datasheet
194Kb / 14P
   HIGH CTR, 4-PIN ULTRA SMALL PACKAGE FLAT-LEAD PHOTOCOUPLER
PS2911-1 RENESAS-PS2911-1_16 Datasheet
304Kb / 14P
   HIGH CTR, 4-PIN ULTRA SMALL PACKAGE FLAT-LEAD PHOTOCOUPLER
PS2911-1 RENESAS-PS2911-1_V01 Datasheet
500Kb / 14P
   HIGH CTR, 4-PIN ULTRA SMALL PACKAGE FLAT-LEAD PHOTOCOUPLER
Dec 6, 2021
logo
California Eastern Labs
PS2911 CEL-PS2911 Datasheet
766Kb / 7P
   NECs HIGH CTR, 4 PIN ULTRA SMALL PACKAGE FLAT LEAD OPTOCOUPLER
logo
Renesas Technology Corp
PS2915-1 RENESAS-PS2915-1_15 Datasheet
429Kb / 14P
   HIGH CTR, AC INPUT RESPONSE TYPE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
PS2915-1 RENESAS-PS2915-1_16 Datasheet
464Kb / 14P
   HIGH CTR, AC INPUT RESPONSE TYPE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
PS2915-1 RENESAS-PS2915-1_V01 Datasheet
491Kb / 14P
   HIGH CTR, AC INPUT RESPONSE TYPE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
Dec 8, 2021
logo
California Eastern Labs
PS2915-1 CEL-PS2915-1 Datasheet
779Kb / 7P
   HIGH CTR, AC INPUT RESPONSE TYPE 4 PIN ULTRA SMALL PACKAGE FLAT LEAD OPTOCOUPLER
logo
Renesas Technology Corp
PS2933-1 RENESAS-PS2933-1_16 Datasheet
411Kb / 14P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
PS2933-1 RENESAS-PS2933-1_V01 Datasheet
466Kb / 14P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
Dec 8, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com