Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2911-1-F3-M-A Datasheet(PDF) 9 Page - California Eastern Labs

Part # PS2911-1-F3-M-A
Description  HIGH CTR, 4-PIN ULTRA SMALL PACKAGE FLAT-LEAD PHOTOCOUPLER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2911-1-F3-M-A Datasheet(HTML) 9 Page - California Eastern Labs

Back Button PS2911-1-F3-M-A Datasheet HTML 5Page - California Eastern Labs PS2911-1-F3-M-A Datasheet HTML 6Page - California Eastern Labs PS2911-1-F3-M-A Datasheet HTML 7Page - California Eastern Labs PS2911-1-F3-M-A Datasheet HTML 8Page - California Eastern Labs PS2911-1-F3-M-A Datasheet HTML 9Page - California Eastern Labs PS2911-1-F3-M-A Datasheet HTML 10Page - California Eastern Labs PS2911-1-F3-M-A Datasheet HTML 11Page - California Eastern Labs PS2911-1-F3-M-A Datasheet HTML 12Page - California Eastern Labs PS2911-1-F3-M-A Datasheet HTML 13Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
PS2911-1e
R08DS0110EJ0300 Rev.3.00
Page 9 of 12
May 24, 2013
NOTES ON HANDLING
1. Recommended soldering conditions
(1) Infrared reflow soldering
Peak reflow temperature
260
°C or below (package surface temperature)
Time of peak reflow temperature
10 seconds or less
Time of temperature higher than 220
°C
60 seconds or less
Time to preheat temperature from 120 to 180
°C
120
±30 s
Number of reflows
Three or less
Flux
Rosin flux containing small amount of chlorine (The flux
with a maximum chlorine content of 0.2 Wt% or less is
recommended.)
220˚C
Time (s)
(heating)
to 10 s
to 60 s
260˚C MAX.
Recommended Temperature Profile of Infrared Reflow
120±30 s
(preheating)
180˚C
120˚C
(2) Wave soldering
Temperature
260
°C or below (molten solder temperature)
Time
10 seconds or less
Preheating conditions
120
°C or below (package surface temperature)
Number of times
One (Allowed to be dipped in solder including plastic mold portion.)
Flux
Rosin flux containing small amount of chlorine (The flux with a maximum
chlorine content of 0.2 Wt% or less is recommended.)
(3) Soldering by Soldering Iron
Peak Temperature (lead part temperature) 350
°C or below
Time (each pin)
3 seconds or less
Flux
Rosin flux containing small amount of chlorine (The flux with a
maximum chlorine content of 0.2 Wt% or less is recommended.)
(a) Soldering of leads should be made at the point 1.5 to 2.0 mm from the root of the lead
(4) Cautions
Fluxes
Avoid removing the residual flux with freon-based and chlorine-based cleaning solvent.
<R>
A Business Partner of Renesas Electronics Corporation.


Similar Part No. - PS2911-1-F3-M-A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2911-1-F3-A CEL-PS2911-1-F3-A Datasheet
766Kb / 7P
   NECs HIGH CTR, 4 PIN ULTRA SMALL PACKAGE FLAT LEAD OPTOCOUPLER
logo
Renesas Technology Corp
PS2911-1-F3-AX RENESAS-PS2911-1-F3-AX Datasheet
304Kb / 14P
   HIGH CTR, 4-PIN ULTRA SMALL PACKAGE FLAT-LEAD PHOTOCOUPLER
PS2911-1-F3-AX RENESAS-PS2911-1-F3-AX Datasheet
500Kb / 14P
   HIGH CTR, 4-PIN ULTRA SMALL PACKAGE FLAT-LEAD PHOTOCOUPLER
Dec 6, 2021
More results

Similar Description - PS2911-1-F3-M-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2911-1 RENESAS-PS2911-1_15 Datasheet
194Kb / 14P
   HIGH CTR, 4-PIN ULTRA SMALL PACKAGE FLAT-LEAD PHOTOCOUPLER
PS2911-1 RENESAS-PS2911-1_16 Datasheet
304Kb / 14P
   HIGH CTR, 4-PIN ULTRA SMALL PACKAGE FLAT-LEAD PHOTOCOUPLER
PS2911-1 RENESAS-PS2911-1_V01 Datasheet
500Kb / 14P
   HIGH CTR, 4-PIN ULTRA SMALL PACKAGE FLAT-LEAD PHOTOCOUPLER
Dec 6, 2021
logo
California Eastern Labs
PS2911 CEL-PS2911 Datasheet
766Kb / 7P
   NECs HIGH CTR, 4 PIN ULTRA SMALL PACKAGE FLAT LEAD OPTOCOUPLER
logo
Renesas Technology Corp
PS2915-1 RENESAS-PS2915-1_15 Datasheet
429Kb / 14P
   HIGH CTR, AC INPUT RESPONSE TYPE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
PS2915-1 RENESAS-PS2915-1_16 Datasheet
464Kb / 14P
   HIGH CTR, AC INPUT RESPONSE TYPE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
PS2915-1 RENESAS-PS2915-1_V01 Datasheet
491Kb / 14P
   HIGH CTR, AC INPUT RESPONSE TYPE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
Dec 8, 2021
logo
California Eastern Labs
PS2915-1 CEL-PS2915-1 Datasheet
779Kb / 7P
   HIGH CTR, AC INPUT RESPONSE TYPE 4 PIN ULTRA SMALL PACKAGE FLAT LEAD OPTOCOUPLER
logo
Renesas Technology Corp
PS2933-1 RENESAS-PS2933-1_16 Datasheet
411Kb / 14P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
PS2933-1 RENESAS-PS2933-1_V01 Datasheet
466Kb / 14P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
Dec 8, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com