Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSA30I150PA Datasheet(PDF) 2 Page - IXYS Corporation

Part # DSA30I150PA
Description  Schottky Diode Gen High Performance Schottky Diode Low Loss and Soft Recovery
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DSA30I150PA Datasheet(HTML) 2 Page - IXYS Corporation

  DSA30I150PA Datasheet HTML 1Page - IXYS Corporation DSA30I150PA Datasheet HTML 2Page - IXYS Corporation DSA30I150PA Datasheet HTML 3Page - IXYS Corporation DSA30I150PA Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DSA 30 I 150 PA
I
RMS
A
per pin
35
R thCH
K/W
0.50
M
D
Nm
0.6
mounting torque
0.4
T
stg
°C
150
storage temperature
-55
Weight
g
2
Symbol
Definition
Ratings
typ.
max.
min.
Conditions
RMS current
thermal resistance case to heatsink
Unit
I
is typically limited by: 1. pin-to-chip resistance; or by 2. current capability of the chip.
In case of 1, a common cathode/anode configuration and a non-isolated backside, the whole current capability can be used by connecting
the backside.
F
C
N
60
mounting force with clip
20
Ordering
Delivering Mode
Base Qty Code Key
Standard
Part Name
DSA 30 I 150 PA
504155
Tube
50
XXXXXX
YYWW
Logo
Marking on product
DateCode
Assembly Code
abcdef
Product Marking
D
S
A
30
I
150
PA
Part number
Diode
Schottky Diode
low VF
Single Diode
TO-220AC (2)
=
=
=
1)
1)
Marking on Product
DSA30I150PA
Current Rating [A]
Reverse Voltage [V]
=
=
=
=
RMS
IXYS reserves the right to change limits, conditions and dimensions.
20100205b
Data according to IEC 60747and per diode unless otherwise specified
© 2010 IXYS all rights reserved


Similar Part No. - DSA30I150PA

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
DSA30I150PA ISC-DSA30I150PA Datasheet
279Kb / 2P
   Schottky Rectifier Diode
More results

Similar Description - DSA30I150PA

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DSA30C150PB IXYS-DSA30C150PB Datasheet
91Kb / 3P
   Schottky Diode Gen 2 High Performance Schottky Diode Low Loss and Soft Recovery
DSA50C100QB IXYS-DSA50C100QB_1 Datasheet
117Kb / 4P
   Schottky Diode Gen 2 High Performance Schottky Diode Low Loss and Soft Recovery
DSA20C45PB IXYS-DSA20C45PB Datasheet
102Kb / 2P
   Schottky High Performance Schottky Diode Low Loss and Soft Recovery
DSB20I15PA IXYS-DSB20I15PA Datasheet
86Kb / 4P
   High Performance Schottky Diode Low Loss and Soft Recovery Single Diode
DSA10I100PM IXYS-DSA10I100PM Datasheet
99Kb / 4P
   High Performance Schottky Diode Low Loss and Soft Recovery Single Diode
DSA300I45NA IXYS-DSA300I45NA Datasheet
171Kb / 5P
   High Performance Schottky Diode Low Loss and Soft Recovery Single Diode
DSA2I100SB IXYS-DSA2I100SB Datasheet
97Kb / 2P
   High Performance Schottky Diode Low Loss and Soft Recovery Single Diode
DSA15IM200UC IXYS-DSA15IM200UC Datasheet
152Kb / 5P
   High Performance Schottky Diode Low Loss and Soft Recovery Single Diode
DSB15IM45IB IXYS-DSB15IM45IB Datasheet
88Kb / 4P
   High Performance Schottky Diode Low Loss and Soft Recovery Single Diode
DSB10I45PM IXYS-DSB10I45PM Datasheet
99Kb / 4P
   High Performance Schottky Diode Low Loss and Soft Recovery Single Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com