Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSA50C100QB Datasheet(PDF) 4 Page - IXYS Corporation

Part # DSA50C100QB
Description  Schottky Diode Gen 2 High Performance Schottky Diode Low Loss and Soft Recovery
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DSA50C100QB Datasheet(HTML) 4 Page - IXYS Corporation

  DSA50C100QB Datasheet HTML 1Page - IXYS Corporation DSA50C100QB Datasheet HTML 2Page - IXYS Corporation DSA50C100QB Datasheet HTML 3Page - IXYS Corporation DSA50C100QB Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DSA 50 C 100 QB
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4
0
10
20
30
40
50
60
70
020
40
60
80
100
0.0001
0.001
0.01
0.1
1
10
10
30
50
70
0
204060
0
10
20
30
40
50
60
70
0.0001
0.001
0.01
0.1
1
10
0.0
0.2
0.4
0.6
0.8
1.0
0
50
100
150
200
0
10
20
30
40
50
60
70
80
0
2040
6080
100
0
200
400
600
800
1000
DC
25°C
50°C
75°C
100°C
125°C
Single Pulse
T
VJ=175°C
150°C
I
F
[A]
V
F [V]
I
R
[mA]
V
R [V]
V
R [V]
C
T
[pF]
T
C [°C]
I
F(AV) [A]
P
(AV)
[W]
t [s]
Note: All curves are per diode
Fig. 1 Maximum forward voltage
drop characteristics
Fig. 2 Typ. reverse current
I
R vs. reverse voltage VR
Fig. 3 Typ. junction capacitance
C
T vs. reverse voltage VR
Fig. 4 Average forward current
I
F(AV) vs. case temperature TC
Fig. 5 Forward power loss
characteristics
Fig. 6 Transient thermal impedance junction to case
I
F(AV)
[A]
T
VJ =
150°C
125°C
25°C
d= 0.5
d =
DC
0.5
0.33
0.25
0.17
0.08
Z
thJC
[K/W]
T
VJ =25°C
R
thi [K/W]
0.026
0.172
0.227
0.435
0.09
t
i [s]
0.0005
0.011
0.072
0.34
1.5
IXYS reserves the right to change limits, conditions and dimensions.
20101129a
Data according to IEC 60747and per diode unless otherwise specified
© 2010 IXYS all rights reserved


Similar Part No. - DSA50C100QB

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DSA50C100QB IXYS-DSA50C100QB Datasheet
113Kb / 2P
   Schottky High Performance Schottky Diode Low Loss and Soft Recovery Common Cathode
More results

Similar Description - DSA50C100QB

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DSA30C150PB IXYS-DSA30C150PB Datasheet
91Kb / 3P
   Schottky Diode Gen 2 High Performance Schottky Diode Low Loss and Soft Recovery
DSA30I150PA IXYS-DSA30I150PA Datasheet
114Kb / 4P
   Schottky Diode Gen High Performance Schottky Diode Low Loss and Soft Recovery
DSA20C45PB IXYS-DSA20C45PB Datasheet
102Kb / 2P
   Schottky High Performance Schottky Diode Low Loss and Soft Recovery
DSB20I15PA IXYS-DSB20I15PA Datasheet
86Kb / 4P
   High Performance Schottky Diode Low Loss and Soft Recovery Single Diode
DSA10I100PM IXYS-DSA10I100PM Datasheet
99Kb / 4P
   High Performance Schottky Diode Low Loss and Soft Recovery Single Diode
DSA300I45NA IXYS-DSA300I45NA Datasheet
171Kb / 5P
   High Performance Schottky Diode Low Loss and Soft Recovery Single Diode
DSA2I100SB IXYS-DSA2I100SB Datasheet
97Kb / 2P
   High Performance Schottky Diode Low Loss and Soft Recovery Single Diode
DSA15IM200UC IXYS-DSA15IM200UC Datasheet
152Kb / 5P
   High Performance Schottky Diode Low Loss and Soft Recovery Single Diode
DSB15IM45IB IXYS-DSB15IM45IB Datasheet
88Kb / 4P
   High Performance Schottky Diode Low Loss and Soft Recovery Single Diode
DSB10I45PM IXYS-DSB10I45PM Datasheet
99Kb / 4P
   High Performance Schottky Diode Low Loss and Soft Recovery Single Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com