Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM25C640U Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FM25C640U
Description  64K-Bit SPI??Interface Serial CMOS EEPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM25C640U Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FM25C640U Datasheet HTML 1Page - Fairchild Semiconductor FM25C640U Datasheet HTML 2Page - Fairchild Semiconductor FM25C640U Datasheet HTML 3Page - Fairchild Semiconductor FM25C640U Datasheet HTML 4Page - Fairchild Semiconductor FM25C640U Datasheet HTML 5Page - Fairchild Semiconductor FM25C640U Datasheet HTML 6Page - Fairchild Semiconductor FM25C640U Datasheet HTML 7Page - Fairchild Semiconductor FM25C640U Datasheet HTML 8Page - Fairchild Semiconductor FM25C640U Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
www.fairchildsemi.com
FM25C640U Rev. B
FIGURE 1. Synchronous Data Timing Diagram
tCSS
tCLH
tCLL
tCSH
tDF
tPD
tDIS
tDIH
tDH
tCSI
SCK
SI
SO
/CS
Valid Input
Valid Output
High Z
Mode 3
Mode 3
Mode 0
Mode 0
SCK
CS
SO
/HOLD
Output (n+1)
Output (n)
Output (n)
Output (n+2)
tHDS
tHZ
tLZ
tHDH
tHDS tHDH
tDIS
High Z
SI
Input (n+1)
Input (n)
Input (n)
Input (n+2)
Don't Care
Low state ( /CS = 0)
Don't Care
FIGURE 3. HOLD Timing
FIGURE 2. SPI Protocol
SCK
SI
SO
/CS
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Don't Care
High Z
Mode 3
Mode 3


Similar Part No. - FM25C640U

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM25C020 FAIRCHILD-FM25C020 Datasheet
105Kb / 11P
   2K-Bit SPI??Interface Serial CMOS EEPROM
FM25C020U FAIRCHILD-FM25C020U Datasheet
105Kb / 11P
   2K-Bit SPI??Interface Serial CMOS EEPROM
FM25C020UE FAIRCHILD-FM25C020UE Datasheet
105Kb / 11P
   2K-Bit SPI??Interface Serial CMOS EEPROM
FM25C020UV FAIRCHILD-FM25C020UV Datasheet
105Kb / 11P
   2K-Bit SPI??Interface Serial CMOS EEPROM
FM25C040 FAIRCHILD-FM25C040 Datasheet
105Kb / 11P
   4K-Bit SPI??Interface Serial CMOS EEPROM
More results

Similar Description - FM25C640U

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C64 CATALYST-CAT25C64_06 Datasheet
413Kb / 16P
   64K-Bit SPI Serial CMOS EEPROM
logo
Fairchild Semiconductor
NM25C640 FAIRCHILD-NM25C640 Datasheet
93Kb / 10P
   64K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
logo
Catalyst Semiconductor
CAT25C32 CATALYST-CAT25C32_04 Datasheet
76Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C33 CATALYST-CAT25C33_05 Datasheet
315Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C65 CATALYST-CAT25C65 Datasheet
90Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
logo
Fairchild Semiconductor
FM25C020U FAIRCHILD-FM25C020U Datasheet
105Kb / 11P
   2K-Bit SPI??Interface Serial CMOS EEPROM
FM25C040U FAIRCHILD-FM25C040U Datasheet
105Kb / 11P
   4K-Bit SPI??Interface Serial CMOS EEPROM
FM25C160U FAIRCHILD-FM25C160U Datasheet
102Kb / 11P
   16K-Bit SPI??Interface Serial CMOS EEPROM
FM25C041U FAIRCHILD-FM25C041U Datasheet
103Kb / 11P
   4K-Bit SPI??Interface Serial CMOS EEPROM
logo
Catalyst Semiconductor
CAT24FC64 CATALYST-CAT24FC64 Datasheet
407Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com