Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPX906 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MPX906
Description  0 to 6 kPa (0 to 24 in. H2O) WATER VAPOR COMPATIBLE 20 mV FULL SCALE SPAN (TYPICAL)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX906 Datasheet(HTML) 2 Page - Motorola, Inc

  MPX906 Datasheet HTML 1Page - Motorola, Inc MPX906 Datasheet HTML 2Page - Motorola, Inc MPX906 Datasheet HTML 3Page - Motorola, Inc MPX906 Datasheet HTML 4Page - Motorola, Inc MPX906 Datasheet HTML 5Page - Motorola, Inc MPX906 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MPX906 SERIES
2
Motorola Sensor Device Data
OPERATING CHARACTERISTICS (VS = 3.0 Vdc, TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Pressure Range(1)
POP
0
6.0
kPa
Supply Voltage(2)
VS
3.0
6.0
Vdc
Supply Current
Io
6.0
mAdc
Full Scale Span(3)
VFSS
9.0
20
32
mV
Offset(4)
Voff
–40
–20
0
mV
Sensitivity
V/P
3.3
mV/kPa
Linearity(5)
–0.5
2.0
%VFSS
Pressure Hysteresis (0 to 6 kPa) (5)
0.1
%VFSS
Temperature Hysteresis (0
°C to +85°C) (5)
± 0.5
%VFSS
Temperature Coefficient of Full Scale Span(5)
TCVFSS
– 0.22
– 0.16
%VFSS/°C
Temperature Coefficient of Offset(5)
TCVoff
–18
µV/°C
Temperature Coefficient of Resistance(5)
TCR
0.25
0.30
0.35
%Zin/°C
Input Impedance
Zin
400
550
Output Impedance
Zout
750
1875
Response Time (10% to 90%) (6)
tR
1.0
ms
Warm–Up
20
ms
Offset Stability(9)
±0.5
%VFSS
MECHANICAL CHARACTERISTICS
Characteristic
Symbol
Min
Typ
Max
Unit
Weight (Basic Element, Case 867–08)
4.0
Grams
NOTES:
1. 1.0 kPa (kiloPascal) equals 0.145 psi.
2. Device is ratiometric within this specified excitation range. Operating the device above the specified excitation range may induce additional
error due to device self–heating.
3. Full Scale Span (VFSS) is defined as the algebraic difference between the output voltage at full rated pressure and the output voltage at the
minimum rated pressure.
4. Offset (Voff) is defined as the output voltage at the minimum rated pressure.
5. Accuracy (error budget) consists of the following:
• Linearity:
Output deviation from a straight line relationship with pressure, using end point method, over the specified
pressure range.
• Temperature Hysteresis: Output deviation at any temperature within the operating temperature range, after the temperature is
cycled to and from the minimum or maximum operating temperature points, with zero differential pressure
applied.
• Pressure Hysteresis:
Output deviation at any pressure within the specified range, when this pressure is cycled to and from the
minimum or maximum rated pressure, at 25
°C.
• TcSpan:
Output deviation at full rated pressure over the temperature range of 0 to 85
°C, relative to 25°C.
• TcOffset:
Output deviation with minimum rated pressure applied, over the temperature range of 0 to 85
°C, relative
to 25
°C.
• TCR:
Zin deviation with minimum rated pressure applied, over the temperature range of – 40°C to +125°C,
relative to 25
°C.
6. Response Time is defined as the time for the incremental change in the output to go from 10% to 90% of its final value when subjected to
a specified step change in pressure.
7. Common mode pressures beyond specified may result in leakage at the case–to–lead interface.
8. Exposure beyond these limits may cause permanent damage or degradation to the device.
9. Offset stability is the product’s output deviation when subjected to 1000 hours of Pulsed Pressure, Temperature Cycling with Bias Test.


Similar Part No. - MPX906

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MPX RUBYCON-MPX Datasheet
157Kb / 2P
   POWER FILM CAPACITORS
logo
MicroPower Direct, LLC
MPX-200 MPD-MPX-200 Datasheet
1Mb / 4P
   Low Cost, 1-4 Output 200W EN60601 (Medical) Approved AC/DC Power Supplies
logo
Sanken electric
MPX-2103 SANKEN-MPX-2103 Datasheet
67Kb / 2P
   Ultra-Fast-Recovery Rectifier Diodes
logo
CTS Corporation
MPX0103A CTS-MPX0103A Datasheet
243Kb / 2P
   Surface mount, silver (Ag) coated ceramic duplexer
logo
Motorola, Inc
MPX10 MOTOROLA-MPX10 Datasheet
157Kb / 8P
   0 to 10 kPa (0-1.45 psi) 35 mV FULL SCALE SPAN (TYPICAL)
More results

Similar Description - MPX906

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX7200 MOTOROLA-MPX7200 Datasheet
179Kb / 8P
   0 to 200 kPa (0 to 29 psi) 40 mV FULL SCALE SPAN (TYPICAL)
MPX10 MOTOROLA-MPX10 Datasheet
157Kb / 8P
   0 to 10 kPa (0-1.45 psi) 35 mV FULL SCALE SPAN (TYPICAL)
MPX12 MOTOROLA-MPX12 Datasheet
158Kb / 8P
   0 to 10 kPa (0-1.45 psi) 35 mV FULL SCALE SPAN (TYPICAL)
MPX200 MOTOROLA-MPX200 Datasheet
179Kb / 8P
   0 to 200 kPa (0-29 psi) 60 mV FULL SCALE SPAN (TYPICAL)
MPXL10 MOTOROLA-MPXL10 Datasheet
93Kb / 4P
   0 to 10 kPa (0-1.45 psi) 35 mV FULL SCALE SPAN (TYPICAL)
MPX2200 MOTOROLA-MPX2200 Datasheet
171Kb / 8P
   0 to 200 kPa (0 to 29 psi) 40 mV FULL SCALE SPAN (TYPICAL)
MPX2700 MOTOROLA-MPX2700 Datasheet
190Kb / 10P
   0 to 700 kPa (0 to 100 psi) 40 mV FULL SCALE SPAN (TYPICAL)
MPX7100 MOTOROLA-MPX7100 Datasheet
193Kb / 10P
   0 to 100 kPa (0 to 14.5 psi) 40 mV FULL SCALE SPAN (TYPICAL)
MPX7050 MOTOROLA-MPX7050 Datasheet
191Kb / 10P
   0 to 50 kPa (0 to 7.25 psi) 40 mV FULL SCALE SPAN (TYPICAL)
MPX2100 MOTOROLA-MPX2100 Datasheet
194Kb / 10P
   0 to 100 kPa (0 to 14.5 psi) 40 mV FULL SCALE SPAN (TYPICAL)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com