Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VUM24-05N Datasheet(PDF) 3 Page - IXYS Corporation

Part # VUM24-05N
Description  Power MOSFET Stage for Boost Converters Module for Power Factor Correction
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

VUM24-05N Datasheet(HTML) 3 Page - IXYS Corporation

  VUM24-05N Datasheet HTML 1Page - IXYS Corporation VUM24-05N Datasheet HTML 2Page - IXYS Corporation VUM24-05N Datasheet HTML 3Page - IXYS Corporation VUM24-05N Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2007 IXYS All rights reserved
3 - 4
VUM 24-05N
IXYS reserves the right to change limits, test conditions and dimensions
23
45
6
7
0
10
20
30
40
50
60
70
80
-50
0
50
100
150
0.0
0.5
1.0
1.5
2.0
2.5
s
g
fs
0
2040
6080
100
0
20
40
60
80
0.51.0
1.52.0
2.5
0
20
40
60
80
100
120
10
100
1000
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
5
10
15
20
0.1
1
10
100
0
100
200
300
400
0
2
4
6
8
10
12
-50
0
50
100
150
0.4
0.6
0.8
1.0
1.2
1.4
A/
μs
V
DS
V
C
nF
nC
°C
BV
DSS
T
VJ
norm.
°C
V
GS
Q
g
V
norm.
V
GS(th)
T
VJ
R
DS(on)
02
46
8
10
0
10
20
30
40
50
60
70
80
I
D
V
DS
V
A
V
GS
I
D
V
A
V
F
A
T
VJ = 25°C
T
VJ = 125°C
-di
F/dt
V
μC
V
GS= 5 V
6 V
10 V
7 V
I
D=18A
V
DSS
V
GS(th)
V
DS= 250 V
I
D = 18 A
I
G = 10 mA
C
iss
C
oss
C
rss
Q
rr
T
VJ=150°C
T
VJ=100°C
T
VJ= 25°C
I
F = 37 A
I
F = 74 A
I
F = 37 A
I
F = 18.5 A
I
F
A
I
D
typ.
max.
T
V
J=100°C
V
R= 350 V
Fig. 3 Typ. output characteristic
Fig. 4 Typ. transfer characteristics
Fig. 5 Typ. normalized
I
D = f (VDS) (MOSFET)
I
D = f (VGS) (MOSFET)
R
DS(on) = f (TVJ) (MOSFET)
Fig. 6 Typ. normalized BV
DSS = f (TVJ)
Fig. 7 Typ. turn-on gate charge
Fig. 8 Typ. capacitances C = f (V
DS),
V
GS(th) = f (TVJ) (MOSFET)
characteristics, V
GS = f (Qg) (MOSFET)
f = 1 MHz (MOSFET)
Fig. 9 Typ. transconductance,
Fig. 10 Forward current versus
Fig. 11 Recovery charge versus -di
F/dt
g
fs = f (ID) (MOSFET)
voltage drop (Boost Diode)
(Boost Diode)


Similar Part No. - VUM24-05N

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VUM24-05 IXYS-VUM24-05 Datasheet
101Kb / 4P
   Power MOSFET Stage for Boost Converters
More results

Similar Description - VUM24-05N

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VUM33-05 IXYS-VUM33-05 Datasheet
100Kb / 4P
   Power MOSFET Stage for Boost Converters
VUM24-05 IXYS-VUM24-05 Datasheet
101Kb / 4P
   Power MOSFET Stage for Boost Converters
VUM33-06PH IXYS-VUM33-06PH Datasheet
344Kb / 8P
   Module for Power Factor Correction
logo
Powersem GmbH
PSBI9 POWERSEM-PSBI9 Datasheet
291Kb / 2P
   Rectifier Module for Power Factor Correction
PSBI30 POWERSEM-PSBI30 Datasheet
127Kb / 2P
   Rectifier Module for Power Factor Correction
PSBI33 POWERSEM-PSBI33 Datasheet
93Kb / 2P
   Rectifier Module for Power Factor Correction
logo
EPCOS
B25667-A6257-A375 EPCOS-B25667-A6257-A375 Datasheet
35Kb / 2P
   Capacitors for Power Factor Correction
B25667-A6507-A375 EPCOS-B25667-A6507-A375 Datasheet
36Kb / 2P
   Capacitors for Power Factor Correction
B25667-A4107-A375 EPCOS-B25667-A4107-A375 Datasheet
35Kb / 2P
   Capacitors for Power Factor Correction
B25667-A2157-A375 EPCOS-B25667-A2157-A375 Datasheet
35Kb / 2P
   Capacitors for Power Factor Correction
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com