Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM27C010Q Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FM27C010Q
Description  1,048,576-Bit 128K x 8 High Performance CMOS EPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM27C010Q Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FM27C010Q Datasheet HTML 2Page - Fairchild Semiconductor FM27C010Q Datasheet HTML 3Page - Fairchild Semiconductor FM27C010Q Datasheet HTML 4Page - Fairchild Semiconductor FM27C010Q Datasheet HTML 5Page - Fairchild Semiconductor FM27C010Q Datasheet HTML 6Page - Fairchild Semiconductor FM27C010Q Datasheet HTML 7Page - Fairchild Semiconductor FM27C010Q Datasheet HTML 8Page - Fairchild Semiconductor FM27C010Q Datasheet HTML 9Page - Fairchild Semiconductor FM27C010Q Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
www.fairchildsemi.com
www.fairchildsemi.com
FM27C010
Physical Dimensions inches (millimeters) unless otherwise noted
32-Lead PLCC Package
Order Number FM27C010VXXX
Package Number VA32A
0.007[0.18]
A
S
S
F-G
0.007[0.18]
B
S
D-E
0.449-0.453
[11.40-11.51]
S
0.045
[1.143]
0.000-0.010
[0.00-0.25]
Polished Optional
0.585-0.595
[14.86-15.11]
0.549-0.553
[13.94-14.05]
-B-
-F-
-E-
-G-
0.050
21
29
30
1
4
20
14
13
5
-D-
0.007[0.18]
B
S
D-E
S
0.002[0.05]
B
S
-A-
0.485-0.495
[12.32-12.57]
0.007[0.18]
A
S
S
F-G
A
0.002[0.05] S
0.007[0.18]
H
S
S
D-E, F-G
0.010[0.25]
B A
S
D-E, F-G
0.118-0.129
[3.00-3.28]
L
B
B
45
°X
0.042-0.048
[1.07-1.22]
0.026-0.032
[0.66-0.81]
Typ
0.0100
[0.254]
0.030-0.040
[0.76-1.02]
R
0.005
[0.13]
Max
0.020
[0.51]
0.045
[1.14]
Detail A
Typical
Rotated 90
°
0.027-0.033
[0.69-0.84]
0.025
[0.64]
Min
0.025
[0.64] Min
0.031-0.037
[0.79-0.94]
0.053-0.059
[1.65-1.80]
0.006-0.012
[0.15-0.30]
0.019-0.025
[0.48-0.64]
0.065-0.071
[1.65-1.80]
0.021-0.027
[0.53-0.69]
Section B-B
Typical
;
;
S
0.007[0.18]
C
M
S
D-E, F-G
0.015[0.38]
C
D-E, F-G
0.490-0530
[12.45-13.46]
0.078-0.095
[1.98-2.41]
0.013-0.021
[0.33-0.53]
0.004[0.10]
0.123-0.140
[3.12-3.56]
See detail A
-J-
-C-
0.400
[10.16]
(
)
TYP
0.541-0.545
[13.74-13-84]
0.023-0.029
[0.58-0.74]
0.106-0.112
[2.69-2.84]
0.015
[0.38]
Base
Plane
-H-
Min Typ
S
Life Support Policy
Fairchild's products are not authorized for use as critical components in life support devices or systems without the express written
approval of the President of Fairchild Semiconductor Corporation. As used herein:
1. Life support devices or systems are devices or systems which,
(a) are intended for surgical implant into the body, or (b) support
or sustain life, and whose failure to perform, when properly
used in accordance with instructions for use provided in the
labeling, can be reasonably expected to result in a significant
injury to the user.
2. A critical component is any component of a life support device
or system whose failure to perform can be reasonably ex-
pected to cause the failure of the life support device or system,
or to affect its safety or effectiveness.
Fairchild Semiconductor
Fairchild Semiconductor
Fairchild Semiconductor
Fairchild Semiconductor
Americas
Europe
Hong Kong
Japan Ltd.
Customer Response Center
Fax:
+44 (0) 1793-856858
8/F, Room 808, Empire Centre
4F, Natsume Bldg.
Tel. 1-888-522-5372
Deutsch
Tel:
+49 (0) 8141-6102-0
68 Mody Road, Tsimshatsui East
2-18-6, Yushima, Bunkyo-ku
English
Tel:
+44 (0) 1793-856856
Kowloon. Hong Kong
Tokyo, 113-0034 Japan
Français
Tel:
+33 (0) 1-6930-3696
Tel; +852-2722-8338
Tel: 81-3-3818-8840
Italiano
Tel:
+39 (0) 2-249111-1
Fax: +852-2722-8383
Fax: 81-3-3818-8841
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications.


Similar Part No. - FM27C010Q

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM27C040 FAIRCHILD-FM27C040 Datasheet
106Kb / 11P
   4,194,304-Bit 512K x 8 High Performance CMOS EPROM
FM27C040N120 FAIRCHILD-FM27C040N120 Datasheet
106Kb / 11P
   4,194,304-Bit 512K x 8 High Performance CMOS EPROM
FM27C040N150 FAIRCHILD-FM27C040N150 Datasheet
106Kb / 11P
   4,194,304-Bit 512K x 8 High Performance CMOS EPROM
FM27C040N90 FAIRCHILD-FM27C040N90 Datasheet
106Kb / 11P
   4,194,304-Bit 512K x 8 High Performance CMOS EPROM
FM27C040NE120 FAIRCHILD-FM27C040NE120 Datasheet
106Kb / 11P
   4,194,304-Bit 512K x 8 High Performance CMOS EPROM
More results

Similar Description - FM27C010Q

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM27C010 FAIRCHILD-NM27C010 Datasheet
117Kb / 10P
   1,048,576-Bit (128K x 8) High Performance CMOS EPROM
NM27LV010 FAIRCHILD-NM27LV010 Datasheet
100Kb / 10P
   1,048,576-Bit (128k x 8) Low Voltage EPROM
NM27C210 FAIRCHILD-NM27C210 Datasheet
101Kb / 10P
   1,048,576-Bit (64K x 16) High Performance CMOS EPROM
logo
Macronix International
MX27C1000 MCNIX-MX27C1000 Datasheet
997Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
logo
Holtek Semiconductor In...
HT27C010 HOLTEK-HT27C010 Datasheet
171Kb / 15P
   CMOS 128K X 8-Bit OTP EPROM
logo
Cypress Semiconductor
CY27C128 CYPRESS-CY27C128 Datasheet
521Kb / 9P
   128K (16K x 8-Bit) CMOS EPROM
logo
Holtek Semiconductor In...
HT27LC010 HOLTEK-HT27LC010 Datasheet
172Kb / 15P
   CMOS 128K X 8-Bit OTP EPROM
logo
Macronix International
MX27C1000A MCNIX-MX27C1000A Datasheet
960Kb / 15P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1001 MCNIX-MX27C1001 Datasheet
91Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
logo
Cypress Semiconductor
27H010 CYPRESS-27H010 Datasheet
212Kb / 9P
   128K x 8 High-Speed CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com