Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXH8-FW50-Y Datasheet(PDF) 5 Page - Lumileds Lighting Company

Part # LXH8-FW50-Y
Description  High-Efficacy, Illumination Grade LED light source
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXH8-FW50-Y Datasheet(HTML) 5 Page - Lumileds Lighting Company

  LXH8-FW50-Y Datasheet HTML 1Page - Lumileds Lighting Company LXH8-FW50-Y Datasheet HTML 2Page - Lumileds Lighting Company LXH8-FW50-Y Datasheet HTML 3Page - Lumileds Lighting Company LXH8-FW50-Y Datasheet HTML 4Page - Lumileds Lighting Company LXH8-FW50-Y Datasheet HTML 5Page - Lumileds Lighting Company LXH8-FW50-Y Datasheet HTML 6Page - Lumileds Lighting Company LXH8-FW50-Y Datasheet HTML 7Page - Lumileds Lighting Company LXH8-FW50-Y Datasheet HTML 8Page - Lumileds Lighting Company LXH8-FW50-Y Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
DS106 LUXEON T 20130630 ©2013 Philips Lumileds Lighting Company.
4
Optical Characteristics
LUXEON T at Test Current1, Junction Temperature = 85°C
Table 3.
Nominal ANSI
CCT
Part Number
Color Temperature
CCT Typical
Typical Total Included
Angle2 (degrees) u
0.90V
Typical Viewing
Angle3 (degrees)
2u 1/2
2700K
LXH8-FW27-Y
2725K
160
120
3000K
LXH7-FW30
LXH8-FW30-Y
LXH9-FW30-Y
3045K
160
120
3500K
LXH8-FW35-Y
3465K
160
120
4000K
LXH7-FW40
LXH8-FW40-Y
3985K
160
120
5000K
LXH7-FW50
LXH8-FW50-Y
5028K
160
120
5700K
LXH7-FW57
5665K
160
120
6500K
LXH7-FW65
6530K
160
120
Notes for Table 3:
1. Test current is 700 mA D.C. for all LXHc-FWxx emitters.
2. Total angle at which 90% of total luminous flux is captured.
3. Viewing angle is the off axis angle from lamp centerline where the luminous intensity is ½ of the peak value.


Similar Part No. - LXH8-FW50-Y

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXH8-FW50-Y LUMILEDS-LXH8-FW50-Y Datasheet
1Mb / 2P
   High-Efficacy, Illumination Grade LED light source
More results

Similar Description - LXH8-FW50-Y

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXH8-FW27-Y LUMILEDS-LXH8-FW27-Y Datasheet
1Mb / 2P
   High-Efficacy, Illumination Grade LED light source
logo
Lite-On Technology Corp...
LOPL-E011HA LITEON-LOPL-E011HA Datasheet
237Kb / 12P
   High power LED light source
LTPL-P033DS50 LITEON-LTPL-P033DS50 Datasheet
197Kb / 13P
   High power LED light source
LOPL-E001W LITEON-LOPL-E001W Datasheet
314Kb / 12P
   High power LED light source
LOPL-E001G LITEON-LOPL-E001G Datasheet
294Kb / 12P
   High power LED light source
LTPL-P033WS57 LITEON-LTPL-P033WS57 Datasheet
201Kb / 14P
   High power LED light source
LOPL-E011WA LITEON-LOPL-E011WA Datasheet
248Kb / 12P
   High power LED light source
LOPL-E001H LITEON-LOPL-E001H Datasheet
302Kb / 12P
   High power LED light source
LOPL-E001R LITEON-LOPL-E001R Datasheet
316Kb / 12P
   High power LED light source
LTPL-P013WS57 LITEON-LTPL-P013WS57 Datasheet
282Kb / 16P
   High power LED light source
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com