Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM27C256 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FM27C256
Description  262,144-Bit (32K x 8) High Performance CMOS EPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM27C256 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FM27C256 Datasheet HTML 1Page - Fairchild Semiconductor FM27C256 Datasheet HTML 2Page - Fairchild Semiconductor FM27C256 Datasheet HTML 3Page - Fairchild Semiconductor FM27C256 Datasheet HTML 4Page - Fairchild Semiconductor FM27C256 Datasheet HTML 5Page - Fairchild Semiconductor FM27C256 Datasheet HTML 6Page - Fairchild Semiconductor FM27C256 Datasheet HTML 7Page - Fairchild Semiconductor FM27C256 Datasheet HTML 8Page - Fairchild Semiconductor FM27C256 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
www.fairchildsemi.com
www.fairchildsemi.com
FM27C256
Programming Characteristics (Note 12) (Note 13) (Note 14) (Note 15)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
t
AS
Address Setup Time
1
µs
t
OES
OE Setup Time
1
µs
tVPS
VPP Setup Time
1
µs
tVCS
VCC Setup Time
1
µs
t
DS
Data Setup Time
1
µs
t
AH
Address Hold Time
0
µs
tDH
Data Hold Time
1
µs
tDF
Output Enable to Output
CE = VIL
060
ns
Float Delay
t
PW
Program Pulse Width
45
50
105
µs
tOE
Data Valid from OE
CE = VIL
100
ns
I
PP
V
PP Supply Current
CE = V
IL
30
mA
during Programming Pulse
I
CC
V
CC Supply Current
50
mA
TA
Temperature Ambient
20
25
30
°C
V
CC
Power Supply Voltage
6.25
6.5
6.75
V
V
PP
Programming Supply Voltage
12.5
12.75
13.0
V
t
FR
Input Rise, Fall Time
5
ns
VIL
Input Low Voltage
0.0
0.45
V
V
IH
Input High Voltage
2.4
4.0
V
t
IN
Input Timing Reference Voltage
0.8
2.0
V
t
OUT
Output Timing Reference Voltage
0.8
2.0
V
Programming Waveforms (Note 14)
Note 12: Fairchild’s standard product warranty applies to devices programmed to specifications described herein.
Note 13: VCC must be applied simultaneously or before VPP and removed simultaneously or after VPP. The EPROM must not be inserted into or removed from a board with
voltage applied to VPP or VCC.
Note 14: The maximum absolute allowable voltage which may be applied to the VPP pin during programming is 14V. Care must be taken when switching the VPP supply to
prevent any overshoot from exceeding this 14V maximum specification. At least a 0.1
µF capacitor is required across V
PP, VCC to GND to suppress spurious voltage transients
which may damage the device.
Note 15: During power up the PGM pin must be brought high (
≥ V
IH) either coincident with or before power is applied to VPP.
ADDRESS N
DATA IN STABLE
ADD N
DATA OUT VALID
ADD N
2.0V
0.8V
2.0V
0.8V
5.25V
12.75V
2.0V
0.8V
2.0V
0.8V
ADDRESSES
DATA
CE
VPP
VCC
OE
t
OE
t
OES
t
PW
t
VPS
t
VCS
t
DS
t
AS
t
AH
t
DF
t
DH
PROGRAM
PROGRAM
VERIFY
DS800034-5


Similar Part No. - FM27C256

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM27C010 FAIRCHILD-FM27C010 Datasheet
109Kb / 10P
   1,048,576-Bit 128K x 8 High Performance CMOS EPROM
FM27C010N120 FAIRCHILD-FM27C010N120 Datasheet
109Kb / 10P
   1,048,576-Bit 128K x 8 High Performance CMOS EPROM
FM27C010N150 FAIRCHILD-FM27C010N150 Datasheet
109Kb / 10P
   1,048,576-Bit 128K x 8 High Performance CMOS EPROM
FM27C010N90 FAIRCHILD-FM27C010N90 Datasheet
109Kb / 10P
   1,048,576-Bit 128K x 8 High Performance CMOS EPROM
FM27C010NE120 FAIRCHILD-FM27C010NE120 Datasheet
109Kb / 10P
   1,048,576-Bit 128K x 8 High Performance CMOS EPROM
More results

Similar Description - FM27C256

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM27C256 FAIRCHILD-NM27C256 Datasheet
110Kb / 11P
   262,144-Bit (32K x 8) High Performance CMOS EPROM
logo
National Semiconductor ...
27C256 NSC-27C256 Datasheet
182Kb / 12P
   262,144-Bit (32K x 8) High Performance CMOS EPROM
logo
Cypress Semiconductor
CY27C256 CYPRESS-CY27C256 Datasheet
260Kb / 11P
   32K x 8-Bit CMOS EPROM
logo
Macronix International
MX27C256 MCNIX-MX27C256 Datasheet
764Kb / 15P
   256K-BIT [32K x 8] CMOS EPROM
logo
NXP Semiconductors
27C256 PHILIPS-27C256 Datasheet
558Kb / 14P
   256K-bit CMOS EPROM (32K x 8)
November 12 1990
logo
STMicroelectronics
WS57C256F STMICROELECTRONICS-WS57C256F Datasheet
49Kb / 5P
   HIGH SPEED 32K x 8 CMOS EPROM
WS27C256L STMICROELECTRONICS-WS27C256L Datasheet
48Kb / 5P
   Military 32K x 8 CMOS EPROM
logo
Microchip Technology
27C256 MICROCHIP-27C256_04 Datasheet
91Kb / 10P
   256K (32K x 8) CMOS EPROM
2004
27C256 MICROCHIP-27C256 Datasheet
67Kb / 12P
   256K (32K x 8) CMOS EPROM
1996
logo
Fairchild Semiconductor
NM27C128 FAIRCHILD-NM27C128 Datasheet
112Kb / 11P
   131,072-Bit (16K x 8) High Performance CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com