Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AF8GSDI-5ACXX Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # AF8GSDI-5ACXX
Description  ATP Industrial Grade SD Card Specification
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AF8GSDI-5ACXX Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button AF8GSDI-5ACXX Datasheet HTML 4Page - List of Unclassifed Manufacturers AF8GSDI-5ACXX Datasheet HTML 5Page - List of Unclassifed Manufacturers AF8GSDI-5ACXX Datasheet HTML 6Page - List of Unclassifed Manufacturers AF8GSDI-5ACXX Datasheet HTML 7Page - List of Unclassifed Manufacturers AF8GSDI-5ACXX Datasheet HTML 8Page - List of Unclassifed Manufacturers AF8GSDI-5ACXX Datasheet HTML 9Page - List of Unclassifed Manufacturers AF8GSDI-5ACXX Datasheet HTML 10Page - List of Unclassifed Manufacturers AF8GSDI-5ACXX Datasheet HTML 11Page - List of Unclassifed Manufacturers AF8GSDI-5ACXX Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 81 page
background image
Revision 3.7
ATP Industrial Grade SD Card Specification
2 Product Specifications
2.1 Environment Specifications
TYPE
MEASUREMENT
Temperature
Operation
-40
oC to 85oC
Non-Operation
-40
oC to 85oC
Humidity
Operation
25
oC, 10% ~ 95% RH, non-condensing
Non-Operation
40
oC, 10% ~ 93% RH, non-condensing
Bend Test
Non-Operation
10N to the center of the card, 250 cycles,
30 cycles/minute
Torque Test
Non-Operation
0.15N-m or +/-2.5°, 30 cycles/minute,
1000 cycles
Salt Spray Test
(MIL-STD-883G
Method1009.8)
Non-Operation
35℃,Over 85% RH,5% Salt Concentration,
24 hours
Solar Radiation Test
Non-Operation
40℃ ,Irradiation 1000W/m², 24 hours
UV Light Exposure Test
(ISO 7816-1)
Non-Operation
254nm, 15Ws/cm2
Drop Test
Non-Operation
150cm/Free fall, total 6 drops
Table 2-1: Environment
Y
Yoouurr U
Ullttiim
maattee M
Meem
moorryy S
Soolluuttiioonn!!
8
ATP Confidential & Proprietary


Similar Part No. - AF8GSDI-5ACXX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AF8GSSEL-10P ETC1-AF8GSSEL-10P Datasheet
412Kb / 20P
   ATP Industrial Grade SlimSATA Embedded Module
AF8GSSHI-OAAXP ETC1-AF8GSSHI-OAAXP Datasheet
405Kb / 21P
   ATP Industrial Grade mSATA Embedded Module Specification
More results

Similar Description - AF8GSDI-5ACXX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AF2GCSI-OAAXP ETC1-AF2GCSI-OAAXP Datasheet
848Kb / 23P
   ATP Industrial Grade CFast Card Specification
AF512UDI ETC1-AF512UDI Datasheet
2Mb / 91P
   ATP Industrial Grade microSD Card Specification
AF512CFI-7ACXP ETC1-AF512CFI-7ACXP Datasheet
1Mb / 68P
   ATP Industrial Grade CompactFlashCard Specification
AF512UFEDBK ETC1-AF512UFEDBK Datasheet
163Kb / 6P
   ATP Industrial Grade Endura Specification
AF128UDI ETC1-AF128UDI Datasheet
359Kb / 14P
   ATP Industrial Grade microSD/microSDHC Card Specification
AF4GSSHI-OAAXP ETC1-AF4GSSHI-OAAXP Datasheet
405Kb / 21P
   ATP Industrial Grade mSATA Embedded Module Specification
AF2GSSEL ETC1-AF2GSSEL Datasheet
412Kb / 20P
   ATP Industrial Grade SlimSATA Embedded Module
logo
Advantech Co., Ltd.
SQF-ISD ADVANTECH-SQF-ISD Datasheet
269Kb / 1P
   Industrial SD Card
15-Jan-2014
logo
List of Unclassifed Man...
SFSD1024NGBW1MT-T-ME ETC2-SFSD1024NGBW1MT-T-ME Datasheet
1Mb / 23P
   Industrial MICRO SD Memory Card
logo
Apacer Technology Inc.
SDHC-5.1-H2-M APACER-SDHC-5.1-H2-M Datasheet
2Mb / 5P
   Apacer Industrial SD 5.1 card
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com