Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6641BEK-L-3-3 Datasheet(PDF) 3 Page - Exar Corporation

Part # SP6641BEK-L-3-3
Description  Easy Evaluation for the SP6641A/6641B Single or Dual Cell Alkaline to 3.3V or 5V Output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6641BEK-L-3-3 Datasheet(HTML) 3 Page - Exar Corporation

  SP6641BEK-L-3-3 Datasheet HTML 1Page - Exar Corporation SP6641BEK-L-3-3 Datasheet HTML 2Page - Exar Corporation SP6641BEK-L-3-3 Datasheet HTML 3Page - Exar Corporation SP6641BEK-L-3-3 Datasheet HTML 4Page - Exar Corporation SP6641BEK-L-3-3 Datasheet HTML 5Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Figure 1. SP6641B Switching Signals on 330uF: Vin = 2.0V, Iout = 300mA, Spikes = 1.0Vpp
Figure 2. SP6641B Output Ripple: Vin = 2.0V, Iout = 300mA, Vout ripple = 42mVpp, 51kHz
Figure 3. SP6641B Output Ripple: Vin = 3.0V, Iout = 500mA, Vout ripple = 54mVpp, 50kHz


Similar Part No. - SP6641BEK-L-3-3

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6641BEK-L-5-0 SIPEX-SP6641BEK-L-5-0 Datasheet
137Kb / 13P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
logo
Exar Corporation
SP6641BEK-L-5-0-TR EXAR-SP6641BEK-L-5-0-TR Datasheet
137Kb / 14P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
More results

Similar Description - SP6641BEK-L-3-3

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX866 MAXIM-MAX866 Datasheet
139Kb / 12P
   3.3V/5V or Adjustable-Output, Single-Cell DC-DC Converters
Rev 1; 5/96
logo
Impala Linear Corporati...
ILC6382 IMPALA-ILC6382 Datasheet
1Mb / 19P
   1-CELL TO 3-CELL BOOST WITH TRUE LOAD DISCONNECT, 3.3V, 5V OR ADJUSTABLE OUTPUT
logo
Maxim Integrated Produc...
MAX25206EVKIT MAXIM-MAX25206EVKIT Datasheet
792Kb / 7P
   Output Voltage: 5V or 3.3V Fixed or Adjustable between 0.7V to 20V
Rev 2; 1/21
logo
Semtech Corporation
EZ5Z3 SEMTECH-EZ5Z3 Datasheet
137Kb / 5P
   1A 5V to 3.3V or Adjustable Output EZ DROPPER
EZ5Z3L SEMTECH-EZ5Z3L Datasheet
149Kb / 5P
   250mA 5V to 3.3V or Adjustable Output EZ DROPPER?
logo
Maxim Integrated Produc...
MAX20098EVKIT MAXIM-MAX20098EVKIT Datasheet
1Mb / 8P
   Output Voltage: 5V or 3.3V Fixed, or Adjustable from 1V up to 10V
Rev 4; 4/19
logo
Vishay Siliconix
SIP12502 VISHAY-SIP12502 Datasheet
268Kb / 11P
   500 mA - Fixed Output Boost Converter for Single or Dual Cell
Rev. B, 03-Aug-09
logo
Fairchild Semiconductor
ILC6383 FAIRCHILD-ILC6383 Datasheet
480Kb / 15P
   1-Cell to 3-Cell Boost DC-DC Converter with True Load Disconnect, 3.3V, 5V or Adjustable Output
logo
Maxim Integrated Produc...
MAX20076EVKIT MAXIM-MAX20076EVKIT Datasheet
106Kb / 1P
   5V or 3.3V Fixed Output Voltage, or Adjustable Between 1V and 10V
MAX20075EVKIT MAXIM-MAX20075EVKIT Datasheet
108Kb / 1P
   5V or 3.3V Fixed Output Voltage, or Adjustable Between 1V and 10V
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com