Selected language     English  ▼


E-L4960 Datasheet(PDF) 9 Page - STMicroelectronics

Part No. E-L4960
Description  2.5A POWER SWITCHING REGULATOR
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

 9 page
background image
APPLICATION INFORMATION
Figure 24. Typical application circuit
C1, C6, C7: EKR (ROE)
D1: BYW80 OR 5A SCHOTTKY DIODE
SUGGESTED INDUCTOR: L1 = 150
µH at 5A
CORE TYPE: MAGNETICS 58206 - A2 - MPP
N
° TURNS: 45, WIRE GAUGE: 0.8mm (20 AWG), COGEMA 946042
U15/GUP15:
N
° TURNS: 60, WIRE GAUGE: 0.8mm (20 AWG), AIR GAP: 1mm, COGEMA 969051.
Figure 25. P.C. board and component layout of
the Fig. 24 (1 : 1 scale)
Resistor values for
standard output voltages
Vo
R3
R4
12V
15V
18V
24V
4.7K
4.7K
4.7K
4.7K
6.2K
9.1K
12K
18K
9/16
L4960




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl