Selected language     English  ▼


E-L4960 Datasheet(PDF) 1 Page - STMicroelectronics

Part No. E-L4960
Description  2.5A POWER SWITCHING REGULATOR
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

 
 1 page
background image
®
L4960
2.5A POWER SWITCHING REGULATOR
2.5A OUTPUT CURRENT
5.1V TO 40V OPUTPUT VOLTAGE RANGE
PRECISE (
± 2%) ON-CHIP REFERENCE
HIGH SWITCHING FREQUENCY
VERY HIGH EFFICIENCY (UP TO 90%)
VERY FEW EXTERNAL COMPONENTS
SOFT START
INTERNAL LIMITING CURRENT
THERMAL SHUTDOWN
DESCRIPTION
The L4960 is a monolithic power switching regula-
tor delivering 2.5A at a voltage variable from 5V to
40V in step down configuration.
Features of the device include current limiting, soft
start, thermal protection and 0 to 100% duty cycle
for continuous operation mode.
June 2000
ORDERING NUMBERS: L4960 (Vertical)
L4960H (Horizontal)
HEPTAWATT
BLOCK DIAGRAM
The L4960 is mounted in a Heptawatt plastic power
package and requires very few external compo-
nents.
Efficient operation at switching frequencies up to
150KHz allows a reduction in the size and cost of
external filter components.
1/16




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl