Selected language     English  ā–¼


E-L4960 Datasheet(PDF) 10 Page - STMicroelectronics

Part No. E-L4960
Description  2.5A POWER SWITCHING REGULATOR
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

 10 page
background image
10/16
APPLICATION INFORMATION
Figure 26. A minimal 5.1V fixed regulator; Very few component are required
*
COGEMA 946042
(TOROID CORE)
969051
(U15 CORE)
** EKR (ROE)
Figure 27. Programmable power supply
Vo = 5.1V to 15V
Io = 2.5A max
Load regulation (1A to 2A) = 10mV (Vo = 5.1V)
L4960




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl