Selected language     English  ▼


E-L4960 Datasheet(PDF) 4 Page - STMicroelectronics

Part No. E-L4960
Description  2.5A POWER SWITCHING REGULATOR
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

 
 4 page
background image
4/16
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
DC CHARACTERISTICS
I1Q
Quiescent drain current
100% duty cycle
pins 5 and 7 open
Vi = 46V
30
40
mA
0% duty cycle
15
20
mA
-I7L
Output leakage current
0% duty cycle
1
mA
SOFT START
I6SO
Source current
100
140
180
µA
I6SI
Sink current
50
70
120
µA
ERROR AMPLIFIER
V3H
High level output voltage
V2 = 4.7V
I3 = 100
µA
3.5
V
V3L
Low level output voltage
V2 = 5.3V
I3 = 100
µA
0.5
V
I3SI
Sink output current
V2 = 5.3V
100
150
µA
-I3SO
Source output current
V2 = 4.7V
100
150
µA
I2
Input bias current
V2 = 5.2V
2
10
µA
Gv
DC open loop gain
V3 = 1V to 3V
46
55
dB
OSCILLATOR
-I5
Oscillator source current
5
mA
ELECTRICAL CHARACTERISTICS (continued)
L4960




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl