Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM3580MT20 Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FM3580MT20
Description  5-Bit VID Controller with PC Security Element
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM3580MT20 Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FM3580MT20 Datasheet HTML 3Page - Fairchild Semiconductor FM3580MT20 Datasheet HTML 4Page - Fairchild Semiconductor FM3580MT20 Datasheet HTML 5Page - Fairchild Semiconductor FM3580MT20 Datasheet HTML 6Page - Fairchild Semiconductor FM3580MT20 Datasheet HTML 7Page - Fairchild Semiconductor FM3580MT20 Datasheet HTML 8Page - Fairchild Semiconductor FM3580MT20 Datasheet HTML 9Page - Fairchild Semiconductor FM3580MT20 Datasheet HTML 10Page - Fairchild Semiconductor FM3580MT20 Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
www.fairchildsemi.com
FM3580 Rev. A.5
SOPR-A/B Register Diagram
MXSB MXSA
I4
I3
I2
I1
I0
BIT 7
BIT 0
BIT 1
BIT 2
BIT 3
BIT 4
BIT 5
BIT 6
NMO
5-Bit data for Y-Port
Non_Mux_Out bit
Multiplexer select bits:
00 - Multiplexer passes SOPR-A
01 - Multiplexer passes SOPR-B
10 - Multiplexer passes I-Port (Powerup default)
PIPR Register Diagram
0
0
0
I3
I2
I1
I0
BIT 7
BIT 0
BIT 1
BIT 2
BIT 3
BIT 4
BIT 5
BIT 6
I4
5-Bit latched I-Port data.
Reserved. Set to read 0-0-0 always.
Write VID Registers Diagram
A
C
K
A
C
K
S
T
O
P
S
T
A
R
T
W
R
I
T
E
DATA
BYTE
DEVICE
ADDRESS
1 0 0 1 1 1 0 0
A A
A A
0 0 -- SOPR-A Register
0 1 -- SOPR-B Register
(ASEL = 1)
Read VID Registers Diagram
A
C
K
A
C
K
BYTE
COUNT
S
T
A
R
T
R
E
A
D
DEVICE
ADDRESS
1 0 0 1 1 1 0 1
00000011
SOPR-A
READ DATA
A
C
K
A
C
K
SOPR-B
READ DATA
PIPR
READ DATA
N
O
A
C
K
S
T
O
P
(ASEL = 1)
Note: -Bit 7 and Bit 6 are common to both the SOPR-A and SOPR-B registers.
-Bit 7 and Bit 6 are volatile bits.
-Bits [5:0] are non-volatile bits.


Similar Part No. - FM3580MT20

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FM350 RECTRON-FM350 Datasheet
25Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE RANGE 20 to 100 Volts CURRENT 3.0 Amperes)
logo
Formosa MS
FM350 FORMOSA-FM350 Datasheet
70Kb / 2P
   Silicon epitaxial planer type
logo
SHENZHEN YONGERJIA INDU...
FM350 WINNERJOIN-FM350 Datasheet
87Kb / 2P
   Chip Schottky Barrier Diodes
logo
Formosa MS
FM350-A FORMOSA-FM350-A Datasheet
69Kb / 2P
   Silicon epitaxial planer type
FM350-AL FORMOSA-FM350-AL Datasheet
71Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
More results

Similar Description - FM3580MT20

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6919E STMICROELECTRONICS-L6919E Datasheet
606Kb / 33P
   5 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER WITH DYNAMIC VID MANAGEMENT
L6919C STMICROELECTRONICS-L6919C Datasheet
558Kb / 32P
   5 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER WITH DYNAMIC VID MANAGEMENT
logo
Linear Technology
LTC1703 LINER-LTC1703 Datasheet
343Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID
LTC1703IG LINER-LTC1703IG Datasheet
345Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID
LTC1873 LINER-LTC1873 Datasheet
308Kb / 32P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID
LTC1873 LINER-LTC1873_15 Datasheet
323Kb / 32P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID
LTC1703 LINER-LTC1703_15 Datasheet
390Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID
logo
ON Semiconductor
NCP5269B ONSEMI-NCP5269B Datasheet
253Kb / 12P
   Synchronous Buck Controller with 2-Bit VID Inputs
September, 2020 ??Rev. 0
logo
Infineon Technologies A...
SLE88CF4000P INFINEON-SLE88CF4000P Datasheet
129Kb / 9P
   32-Bit Security Controller
12.2009
logo
Linear Technology
LTC1705 LINER-LTC1705 Datasheet
310Kb / 28P
   Dual 550kHz Synchronous Switching Regulator Controller with 5-Bit VID and 150mA LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com