Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM27C040VE90 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FM27C040VE90
Description  4,194,304-Bit 512K x 8 High Performance CMOS EPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM27C040VE90 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FM27C040VE90 Datasheet HTML 1Page - Fairchild Semiconductor FM27C040VE90 Datasheet HTML 2Page - Fairchild Semiconductor FM27C040VE90 Datasheet HTML 3Page - Fairchild Semiconductor FM27C040VE90 Datasheet HTML 4Page - Fairchild Semiconductor FM27C040VE90 Datasheet HTML 5Page - Fairchild Semiconductor FM27C040VE90 Datasheet HTML 6Page - Fairchild Semiconductor FM27C040VE90 Datasheet HTML 7Page - Fairchild Semiconductor FM27C040VE90 Datasheet HTML 8Page - Fairchild Semiconductor FM27C040VE90 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
www.fairchildsemi.com
FM27C040 Rev. A
Programming Waveform (Note 13)
Programming Characteristics (Notes 11, 12, 13, 14)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
t
AS
Address Setup Time
1
µs
tOES
OE Setup Time
1
µs
t
DS
Data Setup Time
1
µs
tVPS
VPP Setup Time
1
µs
t
VCS
V
CC Setup Time
1
µs
t
AH
Address Hold Time
0
µs
t
DH
Data Hold Time
1
µs
t
DF
Output Enable to Output Float Delay
CE/PGM = X
0
60
ns
t
PW
Program Pulse Width
45
50
105
µs
t
OE
Data Valid from OE
CE/PGM = X
100
ns
I
PP
V
PP Supply Current during
CE/PGM = V
IL
30
mA
Programming Pulse
ICC
VCC Supply Current
30
mA
T
A
Temperature Ambient
20
25
30
°C
VCC
Power Supply Voltage
6.25
6.5
6.75
V
V
PP
Programming Supply Voltage
12.5
12.75
13.0
V
tFR
Input Rise, Fall Time
5
ns
V
IL
Input Low Voltage
-0.1
0.0
0.45
V
VIH
Input High Voltage
2.4
4.0
V
t
IN
Input Timing Reference Voltage
0.8
2.0
V
tOUT
Output Timing Reference Voltage
0.8
2.0
V
Note 11: Fairchild’s standard product warranty applies only to devices programmed to specifications described herein.
Note 12: V
CC must be applied simultaneously or before VPP and removed simultaneously or after VPP. The EPROM must not be inserted into or removed from a board with
voltage applied to V
PP or VCC.
Note 13: The maximum absolute allowable voltage which may be applied to the V
PP pin during programming is 14V. Care must be taken when switching the VPP supply to
prevent any overshoot from exceeding this 14V maximum specification. At least a 0.1
µF capacitor is required across V
PP, VCC to GND to suppress spurious voltage transients
which may damage the device.
Note 14: During power up the CE/PGM pin must be brought high (
≥V
IH) either coincident with or before power is applied to VPP.
tAS
tAH
Program
Program
Verify
Address N
tDF
Data Out Valid
ADD N
Data In Stable
ADD N
Hi-Z
tDS
tDH
tVCS
tVPS
tPW
tOES
tOE
2V
0.8V
2V
0.8V
6.25V
12.75V
2V
0.8V
2V
0.8V
ADDRESSES
DATA
VPP
CE/PGM
OE
VCC
DS800033-5


Similar Part No. - FM27C040VE90

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM27C010 FAIRCHILD-FM27C010 Datasheet
109Kb / 10P
   1,048,576-Bit 128K x 8 High Performance CMOS EPROM
FM27C010N120 FAIRCHILD-FM27C010N120 Datasheet
109Kb / 10P
   1,048,576-Bit 128K x 8 High Performance CMOS EPROM
FM27C010N150 FAIRCHILD-FM27C010N150 Datasheet
109Kb / 10P
   1,048,576-Bit 128K x 8 High Performance CMOS EPROM
FM27C010N90 FAIRCHILD-FM27C010N90 Datasheet
109Kb / 10P
   1,048,576-Bit 128K x 8 High Performance CMOS EPROM
FM27C010NE120 FAIRCHILD-FM27C010NE120 Datasheet
109Kb / 10P
   1,048,576-Bit 128K x 8 High Performance CMOS EPROM
More results

Similar Description - FM27C040VE90

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM27C040 FAIRCHILD-NM27C040 Datasheet
111Kb / 11P
   4,194,304-Bit (512K x 8) High Performance CMOS EPROM
logo
National Semiconductor ...
NM27P040 NSC-NM27P040 Datasheet
151Kb / 10P
   4,194,304-Bit (512K x 8) Processor Oriented CMOS EPROM
logo
Fairchild Semiconductor
NM27C240 FAIRCHILD-NM27C240 Datasheet
96Kb / 10P
   4,194,304-Bit (256k x 16) High Performance CMOS EPROM
logo
Macronix International
MX27L512 MCNIX-MX27L512 Datasheet
760Kb / 14P
   512K-BIT [64K x 8] CMOS EPROM
logo
Microchip Technology
27C512A MICROCHIP-27C512A_04 Datasheet
133Kb / 10P
   512K (64K x 8) CMOS EPROM
2004
27C512A MICROCHIP-27C512A Datasheet
69Kb / 12P
   512K (64K x 8) CMOS EPROM
1996
logo
Fairchild Semiconductor
NM27C128 FAIRCHILD-NM27C128 Datasheet
112Kb / 11P
   131,072-Bit (16K x 8) High Performance CMOS EPROM
FM27C010 FAIRCHILD-FM27C010 Datasheet
109Kb / 10P
   1,048,576-Bit 128K x 8 High Performance CMOS EPROM
NM27C010 FAIRCHILD-NM27C010 Datasheet
117Kb / 10P
   1,048,576-Bit (128K x 8) High Performance CMOS EPROM
FM27C256 FAIRCHILD-FM27C256 Datasheet
103Kb / 10P
   262,144-Bit (32K x 8) High Performance CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com