Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRP6142EL2-0-F Datasheet(PDF) 5 Page - Exar Corporation

Part # XRP6142EL2-0-F
Description  Synchronous Step-Down Controller with DDR Memory Termination
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP6142EL2-0-F Datasheet(HTML) 5 Page - Exar Corporation

  XRP6142EL2-0-F Datasheet HTML 1Page - Exar Corporation XRP6142EL2-0-F Datasheet HTML 2Page - Exar Corporation XRP6142EL2-0-F Datasheet HTML 3Page - Exar Corporation XRP6142EL2-0-F Datasheet HTML 4Page - Exar Corporation XRP6142EL2-0-F Datasheet HTML 5Page - Exar Corporation XRP6142EL2-0-F Datasheet HTML 6Page - Exar Corporation XRP6142EL2-0-F Datasheet HTML 7Page - Exar Corporation XRP6142EL2-0-F Datasheet HTML 8Page - Exar Corporation XRP6142EL2-0-F Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
X
XR
RP
P6
61
14
42
2
S
Sy
yn
ncch
hrro
on
no
ou
us
s S
Stte
ep
p--D
Do
ow
wn
n C
Co
on
nttrro
olllle
err w
wiitth
h D
DD
DR
R
M
Me
em
mo
orry
y T
Te
errm
miin
na
attiio
on
n
© 2010 Exar Corporation
Page 5 of 17
Rev. 1.0.0
ORDERING INFORMATION
Part Number
Temperature
Range
Marking
Package
Packing
Quantity
Note 1
Note 2
XRP6142EL0-5-F
-40°C≤TJ≤+125°C
6142E
YYWW05
X
16-pin QFN
Bulk
RoHS Compliant
Halogen Free
0.5µs on time
XRP6142ELTR0-5-F -40°C≤TJ≤+125°C
6142E
YYWW05
X
16-pin QFN
3K/Tape & Reel RoHS Compliant
Halogen Free
0.5µs on time
XRP6142EL1-0-F
-40°C≤TJ≤+125°C
6142E
YYWW10
X
16-pin QFN
Bulk
RoHS Compliant
Halogen Free
1.0µs on time
XRP6142ELTR1-0-F -40°C≤TJ≤+125°C
6142E
YYWW10
X
16-pin QFN
3K/Tape & Reel RoHS Compliant
Halogen Free
1.0µs on time
XRP6142EL2-0-F
-40°C≤TJ≤+125°C
6142E
YYWW20
X
16-pin QFN
Bulk
RoHS Compliant
Halogen Free
2.0µs on time
XRP6142ELTR2-0-F -40°C≤TJ≤+125°C
6142E
YYWW20
X
16-pin QFN
3K/Tape & Reel RoHS Compliant
Halogen Free
2.0µs on time
XRP6142EVB
XRP6142 Evaluation Board – XRP6142EL2-0-F based
“YY” = Year – “WW” = Work Week – “X” = Lot Number


Similar Part No. - XRP6142EL2-0-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP6142 EXAR-XRP6142 Datasheet
732Kb / 17P
   Synchronous Step-Down Controller with DDR
More results

Similar Description - XRP6142EL2-0-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP6142 EXAR-XRP6142 Datasheet
732Kb / 17P
   Synchronous Step-Down Controller with DDR
logo
STMicroelectronics
L6731D STMICROELECTRONICS-L6731D Datasheet
388Kb / 23P
   Adjustable step-down controller with synchronous rectification dedicated to DDR memory
L6731B STMICROELECTRONICS-L6731B Datasheet
351Kb / 24P
   Adjustable step-down controller with synchronous rectification Dedicated to DDR Memory
logo
Linear Technology
LTC3617 LINER-LTC3617 Datasheet
481Kb / 20P
   짹6A Monolithic Synchronous Step-Down Regulator for DDR Termination
LTC3717-1 LINER-LTC3717-1_15 Datasheet
278Kb / 20P
   Wide Operating Range, No RSENSE Step-Down Controller for DDR/QDR Memory Termination
LTC3717 LINER-LTC3717_15 Datasheet
266Kb / 20P
   Wide Operating Range, No RSENSE Step-Down Controller for DDR/QDR Memory Termination
LTC3617 LINER-LTC3617_15 Datasheet
481Kb / 20P
   6A Monolithic Synchronous Step-Down Regulator for DDR Termination
LTC3717 LINER-LTC3717 Datasheet
255Kb / 20P
   Wide Operating Range, No RSENSE Step-Down Controller for DDR/QDR Memory Termination
LTC3717-1 LINER-LTC3717-1 Datasheet
268Kb / 20P
   Wide Operating Range, No RSENSE TM Step-Down Controller for DDR/QDR Memory Termination
LTC3831 LINER-LTC3831 Datasheet
236Kb / 20P
   High Power Synchronous Switching Regulator Controller for DDR Memory Termination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com