Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRP6668IDBTR-F Datasheet(PDF) 3 Page - Exar Corporation

Part # XRP6668IDBTR-F
Description  1A/1A Dual Channel 1.5MHz Sync. Step Down Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP6668IDBTR-F Datasheet(HTML) 3 Page - Exar Corporation

  XRP6668IDBTR-F Datasheet HTML 1Page - Exar Corporation XRP6668IDBTR-F Datasheet HTML 2Page - Exar Corporation XRP6668IDBTR-F Datasheet HTML 3Page - Exar Corporation XRP6668IDBTR-F Datasheet HTML 4Page - Exar Corporation XRP6668IDBTR-F Datasheet HTML 5Page - Exar Corporation XRP6668IDBTR-F Datasheet HTML 6Page - Exar Corporation XRP6668IDBTR-F Datasheet HTML 7Page - Exar Corporation XRP6668IDBTR-F Datasheet HTML 8Page - Exar Corporation XRP6668IDBTR-F Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
X
XR
RP
P6
66
66
68
8
1
1A
A/
/1
1A
A D
Du
ua
all C
Ch
ha
an
nn
ne
ell 1
1..5
5M
MH
Hz
z S
Sy
yn
ncc.. S
Stte
ep
p D
Do
ow
wn
n C
Co
on
nv
ve
errtte
err
© 2011 Exar Corporation
3/11
Rev. 1.2.0
BLOCK DIAGRAM
Fig. 2: XRP6668 Block Diagram (One Channel Shown)
PIN ASSIGNMENT
Fig. 3: XRP6668 Pin Assignment


Similar Part No. - XRP6668IDBTR-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP6668IDBTR-F EXAR-XRP6668IDBTR-F Datasheet
614Kb / 11P
   Step Down Converter
More results

Similar Description - XRP6668IDBTR-F

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3201 POWER-LP3201 Datasheet
425Kb / 10P
   1.5MHz, 1A Step-Down Converter
logo
ACE Technology Co., LTD...
ACE721E ACE-ACE721E Datasheet
823Kb / 10P
   1A, 1.5MHz Step-Down Converter
VER 1.3
logo
Anpec Electronics Corop...
APW7176A ANPEC-APW7176A Datasheet
278Kb / 16P
   Dual 1.5MHz, 1A Synchronous Step-Down Converter
logo
Analog Microelectronics
AME5251A AME-AME5251A Datasheet
354Kb / 19P
   Dual 1A, 1.5MHz Synchronous Step-Down Converter
logo
Eutech Microelectronics...
EUP3419 EUTECH-EUP3419 Datasheet
143Kb / 1P
   Dual 1.5MHz, 1A Synchronous Step-Down Converter
logo
Anpec Electronics Corop...
APW7176 ANPEC-APW7176 Datasheet
276Kb / 16P
   Dual 1.5MHz, 1A Synchronous Step-Down Converter
APW7179 ANPEC-APW7179 Datasheet
277Kb / 16P
   Dual 1.5MHz, 1A Synchronous Step-Down Converter
APW7179A ANPEC-APW7179A Datasheet
276Kb / 16P
   Dual 1.5MHz, 1A Synchronous Step-Down Converter
logo
Analog Microelectronics
AME5251 AME-AME5251 Datasheet
365Kb / 19P
   Dual 1A, 1.5MHz Synchronous Step-Down Converter
AME5250A AME-AME5250A Datasheet
409Kb / 22P
   1A, 1.5MHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com