Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT91L31IQ-F Datasheet(PDF) 9 Page - Exar Corporation

Part # XRT91L31IQ-F
Description  STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT91L31IQ-F Datasheet(HTML) 9 Page - Exar Corporation

Back Button XRT91L31IQ-F Datasheet HTML 5Page - Exar Corporation XRT91L31IQ-F Datasheet HTML 6Page - Exar Corporation XRT91L31IQ-F Datasheet HTML 7Page - Exar Corporation XRT91L31IQ-F Datasheet HTML 8Page - Exar Corporation XRT91L31IQ-F Datasheet HTML 9Page - Exar Corporation XRT91L31IQ-F Datasheet HTML 10Page - Exar Corporation XRT91L31IQ-F Datasheet HTML 11Page - Exar Corporation XRT91L31IQ-F Datasheet HTML 12Page - Exar Corporation XRT91L31IQ-F Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
XRT91L31
9
REV. 1.0.2
STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
TRANSMITTER SECTION
NAME
LEVEL
TYPE
PIN
DESCRIPTION
TXDI0
TXDI1
TXDI2
TXDI3
TXDI4
TXDI5
TXDI6
TXDI7
LVTTL,
LVCMOS
I
58
57
56
55
54
53
51
50
Transmit Parallel Data Input
Transmit Parallel Clock Output Operation
The 77.76 Mbps (STS-12/STM-4) / 19.44 Mbps (STS-3/STM-1)
8-bit parallel transmit data should be applied to the transmit
parallel bus and simultaneously referenced to the rising edge of
the TXPCLK_IO clock output. The 8-bit parallel interface is mul-
tiplexed into the transmit serial output interface with the MSB
first (TXDI[7:0]).
Alternate Transmit Parallel Clock Input Operation
When operating is this mode, TXPCLK_IO is no longer a paral-
lel clock output reference but reverses direction and serves as
the parallel transmit clock input reference for the PISO (Parallel
Input to Serial Output) block. The 77.76 Mbps (STS-12/STM-4)
/ 19.44 Mbps (STS-3/STM-1) 8-bit parallel transmit data should
be applied to the transmit parallel bus and simultaneously refer-
enced to the rising edge of the TXPCLK_IO clock input.
TXOP
TXON
LVPECL Diff
O
5
6
Transmit Serial Data Output
The transmit serial data stream is generated by multiplexing the
8-bit parallel transmit data input into a 622.08 Mbps STS-12/
STM-4 or 155.52 Mbps STS-3/STM-1 serial data stream.
TXPCLK_IO
LVTTL,
LVCMOS
I/O
49
Transmit Parallel Clock Input/Output (77.76/19.44 MHz)
Transmit Parallel Clock Output Operation
When the PIO_CTRL pin 48 is asserted "High," this pin will out-
put a 77.76 MHz (STS-12/STM-4) or 19.44 MHz (STS-3/STM-
1) clock output reference for the 8-bit parallel transmit data
input TXDI[7:0]. This clock is used by the framer/mapper device
to present the TXDI[7:0] data which the XRT91L31 will latch on
the rising edge of this clock. This enables the framer/mapper
device and the XRT91L31 transceiver to be in synchronization.
Alternate Transmit Parallel Clock Input Operation
When the PIO_CTRL pin 48 is asserted "Low," this pin will
accept a 77.76 MHz (STS-12/STM-4) or 19.44 MHz (STS-3/
STM-1) clock input reference for the 8-bit parallel transmit data
input TXDI[7:0]. The XRT91L31 will latch data at TXDI[7:0] on
the rising edge of this clock. This has the enormous advantage
of enabling the framer/mapper device transmit timing to be syn-
chronized with the transceiver transmit timing.


Similar Part No. - XRT91L31IQ-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT91L31IQ EXAR-XRT91L31IQ Datasheet
339Kb / 41P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L31IQ EXAR-XRT91L31IQ Datasheet
832Kb / 41P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
More results

Similar Description - XRT91L31IQ-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT91L31 EXAR-XRT91L31 Datasheet
339Kb / 41P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L30 EXAR-XRT91L30 Datasheet
367Kb / 40P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L30_0611 EXAR-XRT91L30_0611 Datasheet
694Kb / 39P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L31 EXAR-XRT91L31_08 Datasheet
832Kb / 41P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L32 EXAR-XRT91L32 Datasheet
650Kb / 37P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
logo
Applied Micro Circuits ...
CS1204 AMCC-CS1204 Datasheet
205Kb / 4P
   STS-12/STM-4 DS3/E3/STS-1E SONET/SDH Mapper
logo
Exar Corporation
XRT94L43 EXAR-XRT94L43 Datasheet
180Kb / 7P
   SONET/SDH STS-12/STM-4 TO E3/DS3/STS-1 MAPPER/DEMAPPER
logo
Infineon Technologies A...
PEB1760 INFINEON-PEB1760 Datasheet
206Kb / 2P
   Mapper/Framer for STM-4/STS-12 and STM-1/STS-3
2003-07-01
logo
M/A-COM Technology Solu...
29704-EVMD-001-C MA-COM-29704-EVMD-001-C Datasheet
2Mb / 55P
   OptiPHY-F155 STS-3/STM-1 SONET/SDH ATM/POS Framer
logo
Exar Corporation
XRT91L34 EXAR-XRT91L34 Datasheet
421Kb / 38P
   QUAD CHANNEL MULTIRATE STS-12/3/1 AND STM-4/1/0 SONET/SDH CDR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com