Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XMC4500-F144X768 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # XMC4500-F144X768
Description  Microcontroller Series for Industrial Applications
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XMC4500-F144X768 Datasheet(HTML) 4 Page - Infineon Technologies AG

  XMC4500-F144X768 Datasheet HTML 1Page - Infineon Technologies AG XMC4500-F144X768 Datasheet HTML 2Page - Infineon Technologies AG XMC4500-F144X768 Datasheet HTML 3Page - Infineon Technologies AG XMC4500-F144X768 Datasheet HTML 4Page - Infineon Technologies AG XMC4500-F144X768 Datasheet HTML 5Page - Infineon Technologies AG XMC4500-F144X768 Datasheet HTML 6Page - Infineon Technologies AG XMC4500-F144X768 Datasheet HTML 7Page - Infineon Technologies AG XMC4500-F144X768 Datasheet HTML 8Page - Infineon Technologies AG XMC4500-F144X768 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 112 page
background image
XMC4500
XMC4000 Family
Data Sheet
V1.0, 2013-01
Trademarks
C166™, TriCore™ and DAVE™ are trademarks of Infineon Technologies AG.
ARM
®, ARM Powered® and AMBA® are registered trademarks of ARM, Limited.
Cortex™, CoreSight™, ETM™, Embedded Trace Macrocell™ and Embedded Trace
Buffer™ are trademarks of ARM, Limited.
Synopsys™ is a trademark of Synopsys, Inc.
XMC4500 Data Sheet
Revision History: V1.0 2013-01
Previous Versions:
V0.9, 2012-12
V0.8, 2012-11
Page
Subjects
11
Reflect the supported Ethernet interface depending on the package (MII,
RMII).
33
Characterization and qualification completed for PG-LQFP-144 and PG-
LQFP-100.
56
Changed frequency dependency of the
I
DDP current from 5 mA per 10 MHz
to 6 mA per 10 MHz (see footnote 10).
66
Improved Fast Internal Clock Source parameters.
72
DSD timing parameters will be added in a future revision of the Data Sheet.
We Listen to Your Comments
Is there any information in this document that you feel is wrong, unclear or missing?
Your feedback will help us to continuously improve the quality of this document.
Please send your proposal (including a reference to this document) to:
mcdocu.comments@infineon.com
Subject to Agreement on the Use of Product Information


Similar Part No. - XMC4500-F144X768

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XMC4500-F144x768 INFINEON-XMC4500-F144x768 Datasheet
1Mb / 123P
   Microcontroller Series for Industrial Applications
V1.4 2016-01
More results

Similar Description - XMC4500-F144X768

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XMC4700 INFINEON-XMC4700 Datasheet
1Mb / 130P
   Microcontroller Series for Industrial Applications
V0.7 2015-10
XMC1400 INFINEON-XMC1400 Datasheet
1Mb / 88P
   Microcontroller Series for Industrial Applications
V1.2 2016-08
XMC1100AB INFINEON-XMC1100AB Datasheet
1Mb / 68P
   Microcontroller Series for Industrial Applications
V1.7 2016-08
XMC4400 INFINEON-XMC4400 Datasheet
1Mb / 103P
   Microcontroller Series for Industrial Applications
V1.2 2015-12
XMC4100 INFINEON-XMC4100 Datasheet
1Mb / 94P
   Microcontroller Series for Industrial Applications
V1.3 2015-10
XMC1400AA INFINEON-XMC1400AA Datasheet
3Mb / 91P
   Microcontroller Series for Industrial Applications
V1.4 2017-11
XMC1300AB INFINEON-XMC1300AB Datasheet
1Mb / 78P
   Microcontroller Series for Industrial Applications
V1.7 2016-08
XMC4500 INFINEON-XMC4500_16 Datasheet
1Mb / 123P
   Microcontroller Series for Industrial Applications
V1.4 2016-01
XMC4300 INFINEON-XMC4300 Datasheet
1Mb / 102P
   Microcontroller Series for Industrial Applications
V1.0 2016-02
XMC1200AB INFINEON-XMC1200AB Datasheet
1Mb / 76P
   Microcontroller Series for Industrial Applications
V1.7 2016-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com