Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UWR-5-3000-D48A-C Datasheet(PDF) 6 Page - Murata Manufacturing Co., Ltd.

Part # UWR-5-3000-D48A-C
Description  Single Output, High-Density, 6 Amp/15 Watt DC/DC Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

UWR-5-3000-D48A-C Datasheet(HTML) 6 Page - Murata Manufacturing Co., Ltd.

Back Button UWR-5-3000-D48A-C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. UWR-5-3000-D48A-C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. UWR-5-3000-D48A-C Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. UWR-5-3000-D48A-C Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. UWR-5-3000-D48A-C Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. UWR-5-3000-D48A-C Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. UWR-5-3000-D48A-C Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. UWR-5-3000-D48A-C Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. UWR-5-3000-D48A-C Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Temperature Derating Curves for UWR 7-15W A-Series
Ambient Temperature (
°C)
D24A and D48A Temperature Derating for 1.5V Output Models
10
9
8
7
6
5
4
3
2
1
0
–40
0
40
4550
5560
6570
75
80
859095
100
VIN = 18V-27V (D24A)
VIN = 36V-48V (D48A)
VIN = 18V-30V (D24A)
VIN = 36V-60V (D48A)
VIN = 18V-36V (D24A)
VIN = 36V-75V (D48A)
Ambient Temperature (
°C)
D24A and D48A Temperature Derating for 1.8V Output Models
12
11
10
9
8
7
6
5
4
3
2
1
0
–40
0
40
4550
5560
6570
75
80
859095
100
VIN = 18V-27V (D24A)
VIN = 36V-48V (D48A)
VIN = 18V-30V (D24A)
VIN = 36V-60V (D48A)
VIN = 18V-36V (D24A)
VIN = 36V-75V (D48A)
Ambient Temperature (
°C)
15.0
13.5
12.0
10.5
9.0
7.5
6.0
4.5
3
1.5
0
–40
0
40
4550
5560
6570
75
80
859095
100
VOUT = 2.5V, 5V, 12V and 15V
VOUT = 3.3V
VOUT = 1.8V
VOUT = 1.5V
VOUT = 1.2V
D12A (10-18V) Temperature Derating
Ambient Temperature (
°C)
D24A and D48A Temperature Derating for 3.3V Output Models
14
12
10
8
6
4
2
0
–40
0
40
4550
5560
6570
75
80
859095
100
VIN = 18V-27V (D24A)
VIN = 36V-48V (D48A)
VIN = 18V-30V (D24A)
VIN = 36V-60V (D48A)
VIN = 18V-36V (D24A)
VIN = 36V-75V (D48A)
Ambient Temperature (
°C)
15.0
13.5
12.0
10.5
9.0
7.5
6.0
4.5
3
1.5
0
–40
0
40
4550
5560
6570
75
80
859095
100
VIN = 18V-27V (D24A)
VIN = 36V-48V (D48A)
VIN = 18V-30V (D24A)
VIN = 36V-60V (D48A)
VIN = 18V-36V (D24A)
VIN = 36V-75V (D48A)
D24A and D48A Temperature Derating for 2.5/5/12 /15V Output Models
The thermal performance of A-Series UWR 7-15 Watt DC/DC Converters is
depicted in the derating curves shown below. All devices, when operated at full
load, in still ambient air, over their full specified input voltage range, can safely
operate to TA maximum. All models, other than the D12A models (10-18 Volt
input range), can operate at higher ambient temperatures if the input range is
narrowed. For example, model UWR-5/3000-D48A can operate safely to +70°C
if the input range is kept between 36 and 48 Volts.
www.murata-ps.com/support
UWR Models
Single Output, High-Density,
6 Amp/15 Watt DC/DC Converters
MDC_UWR_7-15.G04 Page 6 of 12


Similar Part No. - UWR-5-3000-D48A-C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
UWR-5 MURATA-UWR-5 Datasheet
145Kb / 6P
   Single Output, High Reliability, 2" x 1", 6-10 Watt, DC-DC Converters
UWR-5.2/3000-D5A MURATA-UWR-5.2/3000-D5A Datasheet
192Kb / 6P
   Single Output, High Reliability
UWR-5.21500-D5A-C MURATA-UWR-5.21500-D5A-C Datasheet
145Kb / 6P
   Single Output, High Reliability, 2" x 1", 6-10 Watt, DC-DC Converters
UWR-5/3000-D5A MURATA-UWR-5/3000-D5A Datasheet
192Kb / 6P
   Single Output, High Reliability
UWR-5/4000-D12A MURATA-UWR-5/4000-D12A Datasheet
192Kb / 6P
   Single Output, High Reliability
More results

Similar Description - UWR-5-3000-D48A-C

ManufacturerPart #DatasheetDescription
logo
Intronics Power, Inc.
DC-1700 INTRONICS-DC-1700 Datasheet
192Kb / 1P
   15 Watt Single & Dual Output DC-DC Converters
DC1500 INTRONICS-DC1500 Datasheet
165Kb / 1P
   15 Watt Single & Dual Output DC-DC Converters
DC1600 INTRONICS-DC1600 Datasheet
172Kb / 1P
   15 Watt Triple Output DC-DC Converters
logo
Power-One
IMX15 POWER-ONE-IMX15 Datasheet
61Kb / 4P
   15 Watt DC-DC Converters
logo
AIMTEC
AM15E-C AIMTEC-AM15E-C Datasheet
288Kb / 2P
   15 watt dc-dc converters
AM15EW-C AIMTEC-AM15EW-C Datasheet
288Kb / 2P
   15 watt dc-dc converters
AM15E AIMTEC-AM15E Datasheet
267Kb / 3P
   15 watt dc-dc converters
logo
List of Unclassifed Man...
UM600 ETC1-UM600 Datasheet
25Kb / 2P
   15 Watt DC-DC Converters
logo
Power-One
IMX15-25 POWER-ONE-IMX15-25 Datasheet
132Kb / 4P
   15 Watt DC-DC Converters
logo
Bel Fuse Inc.
IMX15 BEL-IMX15 Datasheet
1Mb / 19P
   15 Watt DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com