Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

300074 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 300074
Description  Wet Tantalum Capacitors, Military Established Reliability, MIL-PRF-39006/22/25 Qualified Styles CLR79, CLR81
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

300074 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button 300074 Datasheet HTML 2Page - Vishay Siliconix 300074 Datasheet HTML 3Page - Vishay Siliconix 300074 Datasheet HTML 4Page - Vishay Siliconix 300074 Datasheet HTML 5Page - Vishay Siliconix 300074 Datasheet HTML 6Page - Vishay Siliconix 300074 Datasheet HTML 7Page - Vishay Siliconix 300074 Datasheet HTML 8Page - Vishay Siliconix 300074 Datasheet HTML 9Page - Vishay Siliconix 300074 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
M39006/22, M39006/25
www.vishay.com
Vishay
Revison: 28-Aug-12
6
Document Number: 40022
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
30 VDC AT + 85 °C; 20 VDC AT + 125 °C
8.0
T1
20
0101
0321
0541
1.0
2.0
4
275
- 16
+ 8
+ 12
640
8.0
T1
10
0102
0322
0542
1.0
2.0
4
275
- 16
+ 8
+ 12
640
8.0
T1
5
0103
0323
0543
1.0
2.0
4
275
- 16
+ 8
+ 12
640
15
T1
20
0104
0324
0544
1.0
2.0
5
175
- 20
+ 10.5
+ 12
780
15
T1
10
0105
0325
0545
1.0
2.0
5
175
- 20
+ 10.5
+ 12
780
15
T1
5
0106
0326
0546
1.0
2.0
5
175
- 20
+ 10.5
+ 12
780
40
T2
20
0107
0327
0547
1.0
5.0
10
65
- 24
+ 10.5
+ 12
1120
40
T2
10
0108
0328
0548
1.0
5.0
10
65
- 24
+ 10.5
+ 12
1120
40
T2
5
0109
0329
0549
1.0
5.0
10
65
- 24
+ 10.5
+ 12
1120
68
T2
20
0110
0330
0550
1.0
8.0
13
60
- 24
+ 13
+ 15
1285
68
T2
10
0111
0331
0551
1.0
8.0
13
60
- 24
+ 13
+ 15
1285
68
T2
5
0112
0332
0552
1.0
8.0
13
60
- 24
+ 13
+ 15
1285
100
T3
20
0113
0333
0553
2.0
12.0
17
40
- 28
+ 10.5
+ 12
1450
100
T3
10
0114
0334
0554
2.0
12.0
17
40
- 28
+ 10.5
+ 12
1450
100
T3
5
0115
0335
0555
2.0
12.0
17
40
- 28
+ 10.5
+ 12
1450
150
T3
20
0116
0336
0556
2.0
18.0
23
35
- 48
+ 13
+ 15
1525
150
T3
10
0117
0337
0557
2.0
18.0
23
35
- 48
+ 13
+ 15
1525
150
T3
5
0118
0338
0558
2.0
18.0
23
35
- 48
+ 13
+ 15
1525
300
T4
20
0119
0339
0559
8.0
32.0
31
25
- 60
+ 25
+ 25
1950
300
T4
10
0120
0340
0560
8.0
32.0
31
25
- 60
+ 25
+ 25
1950
50 VDC AT + 85 °C; 30 VDC AT + 125 °C
5.0
T1
20
0121
0341
0561
1.0
2.0
3
400
- 16
+ 5
+ 6
580
5.0
T1
10
0122
0342
0562
1.0
2.0
3
400
- 16
+ 5
+ 6
580
5.0
T1
5
0123
0343
0563
1.0
2.0
3
400
- 16
+ 5
+ 6
580
10
T1
20
0124
0344
0564
1.0
2.0
4
250
- 24
+ 8
+ 9
715
10
T1
10
0125
0345
0565
1.0
2.0
4
250
- 24
+ 8
+ 9
715
10
T1
5
0126
0346
0566
1.0
2.0
4
250
- 24
+ 8
+ 9
715
25
T2
20
0127
0347
0567
1.0
5.0
8
95
- 20
+ 10.5
+ 12
1005
25
T2
10
0128
0348
0568
1.0
5.0
8
95
- 20
+ 10.5
+ 12
1005
25
T2
5
0129
0349
0569
1.0
5.0
8
95
- 20
+ 10.5
+ 12
1005
47
T2
20
0130
0350
0570
1.0
9.0
11
70
- 28
+ 13
+ 15
1155
47
T2
10
0131
0351
0571
1.0
9.0
11
70
- 28
+ 13
+ 15
1155
47
T2
5
0132
0352
0572
1.0
9.0
11
70
- 28
+ 13
+ 15
1155
60
T3
20
0133
0353
0573
2.0
12.0
12
45
- 16
+ 10.5
+ 12
1335
60
T3
10
0134
0354
0574
2.0
12.0
12
45
- 16
+ 10.5
+ 12
1335
60
T3
5
0135
0355
0575
2.0
12.0
12
45
- 16
+ 10.5
+ 12
1335
82
T3
20
0136
0356
0576
2.0
16.0
15
45
- 32
+ 13
+ 15
1400
82
T3
10
0137
0357
0577
2.0
16.0
15
45
- 32
+ 13
+ 15
1400
82
T3
5
0138
0358
0578
2.0
16.0
15
45
- 32
+ 13
+ 15
1400
160
T4
20
0139
0359
0579
8.0
32.0
17
27
- 50
+ 25
+ 25
1900
160
T4
10
0140
0360
0580
8.0
32.0
17
27
- 50
+ 25
+ 25
1900
60 VDC AT + 85 °C; 40 VDC AT + 125 °C
4.0
T1
20
0141
0361
0581
1.0
2.0
2.8
550
- 16
+ 5
+ 6
525
4.0
T1
10
0142
0362
0582
1.0
2.0
2.8
550
- 16
+ 5
+ 6
525
4.0
T1
5
0143
0363
0583
1.0
2.0
2.8
550
- 16
+ 5
+ 6
525
8.2
T1
20
0144
0364
0584
1.0
2.0
4
275
- 24
+ 8
+ 9
625
8.2
T1
10
0145
0365
0585
1.0
2.0
4
275
- 24
+ 8
+ 9
625
8.2
T1
5
0146
0366
0586
1.0
2.0
4
275
- 24
+ 8
+ 9
625
20
T2
20
0147
0367
0587
1.0
5.0
7
105
- 16
+ 10.5
+ 12
930
20
T2
10
0148
0368
0588
1.0
5.0
7
105
- 16
+ 10.5
+ 12
930
20
T2
5
0149
0369
0589
1.0
5.0
7
105
- 16
+ 10.5
+ 12
930
39
T2
20
0150
0370
0590
1.0
9.0
10
90
- 28
+ 10.5
+ 12
1110
STANDARD RATINGS/EXTENDED RATINGS: CLR79, M39006/22-XXXX
CAPACITANCE
(μF)
CASE
CODE
CAP.
TOL.
(± %)
PART NO. M39006/22- (1)
FAILURE RATE LEVEL
(%/1000 h)
MAX. DCL (μA)
AT
MAX.
DF
AT
+ 25 °C
(%)
MAX.
IMP.
AT
- 55 °C
(
)
MAX. CAPACITANCE
CHANGE (%) AT
MAX. (2)
RIPPLE
CURRENT
AT + 85 °C
40 kHz
(mA)
M
1.0
P
0.1
R
0.01
+ 25 °C
+ 85 °C
+ 125 °C
- 55 °C + 85 °C + 125 °C
Notes
(1) Dash number will include the letter “H” to indicate the optional vibration and shock requirements (i.e., 51 g random vibration, 80 g sinusoidal
vibration and 500 g shock).
(2) For ripple current limits at various temperatures, voltages and frequencies, see Ripple Current table.


Similar Part No. - 300074

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
30007-02 GAMEWELL-FCI-30007-02 Datasheet
253Kb / 2P
   Analog Addressable Duct Smoke Detectors
logo
PHOENIX CONTACT
3000700 PHOENIX-3000700 Datasheet
184Kb / 14P
   COMBI receptacle - PPC 6/8
3000702 PHOENIX-3000702 Datasheet
185Kb / 14P
   COMBI receptacle - PPC 6/10
3000707 PHOENIX-3000707 Datasheet
44Kb / 2P
   Plug-in bridge - FBS 50-3,5 GY
3000715 PHOENIX-3000715 Datasheet
70Kb / 5P
   Double-level terminal block - PTTB 2,5-PV BU
More results

Similar Description - 300074

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M3900622-0557 VISHAY-M3900622-0557 Datasheet
146Kb / 11P
   Wet Tantalum Capacitors, Military Established Reliability, MIL-PRF-39006/22/25 Qualified Styles CLR79, CLR81
Revison: 28-Aug-12
M3900622 VISHAY-M3900622 Datasheet
146Kb / 11P
   Wet Tantalum Capacitors, Military Established Reliability, MIL-PRF-39006/22/25 Qualified Styles CLR79, CLR81
Revison: 28-Aug-12
M39006 VISHAY-M39006 Datasheet
209Kb / 21P
   Wet Tantalum Capacitors, Military Established Reliability, MIL-PRF-39006 Qualified Styles CLR65, 69, 79, 81, 90, 91
Revision 13-Oct-03
logo
AVX Corporation
M39006 AVX-M39006 Datasheet
161Kb / 10P
   MIL-PRF-39006 Series Military Conventional Wet Tantalum
logo
Vishay Siliconix
RNC55H1502FSB14 VISHAY-RNC55H1502FSB14 Datasheet
152Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-55182 Qualified
Revision: 21-Sep-12
M3900633 VISHAY-M3900633 Datasheet
90Kb / 7P
   Wet Tantalum Capacitors, Extended Capacitance, Military Established Reliability
RLR05C475 VISHAY-RLR05C475 Datasheet
152Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
Revision: 11-Nov-13
RLR07C2001FM VISHAY-RLR07C2001FM Datasheet
151Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
Revision: 19-Nov-12
ERL VISHAY-ERL Datasheet
151Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
Revision: 19-Nov-12
RLR07C1500GR VISHAY-RLR07C1500GR Datasheet
151Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
Revision: 19-Nov-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com