Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP1837TRPBF Datasheet(PDF) 9 Page - International Rectifier

Part # IP1837TRPBF
Description  Highly Integrated 35A Single?릋nput Voltage, Synchronous Buck Regulator
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1837TRPBF Datasheet(HTML) 9 Page - International Rectifier

Back Button IP1837TRPBF Datasheet HTML 5Page - International Rectifier IP1837TRPBF Datasheet HTML 6Page - International Rectifier IP1837TRPBF Datasheet HTML 7Page - International Rectifier IP1837TRPBF Datasheet HTML 8Page - International Rectifier IP1837TRPBF Datasheet HTML 9Page - International Rectifier IP1837TRPBF Datasheet HTML 10Page - International Rectifier IP1837TRPBF Datasheet HTML 11Page - International Rectifier IP1837TRPBF Datasheet HTML 12Page - International Rectifier IP1837TRPBF Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
iP1837
Highly Integrated 35A Single‐input Voltage,  
Synchronous Buck Regulator 
March 5, 2012  |  V1.26   
9
97600
PARAMETER 
SYMBOL 
CONDITIONS 
MIN 
TYP 
MAX 
UNIT 
Shutdown Output 
Threshold 
SD   
  
  
0.1 
Bootstrap Diode 
Forward Voltage   
I(Boot) = 30mA, Note 3 
360 
520 
960 
mV 
Switch Node 
SW Leakage Current 
lsw 
SW = 0V, Enable = 0V  
  
µA 
Charge Pump (PVCC) 
Output Voltage 
PVCC 
VCC = 3.3V, Fs = 1500 kHz,  
Cload = 2.2uF 
5.5 
6.5 
Oscillator Frequency 
Fs_CP  
  
Fs   
kHz 
Body Braking 
BB Threshold 
BB_threshold 
Fb > Vref, Sw duty cycle   
0   
Power Good 
Power Good Lower 
Threshold 
VPG (lower) 
Voso rising 
0.48 
0.51 
0.54 
Lower Threshold Delay 
VPG (lower)_Dly 
Voso rising   
256/Fs   
PGood Voltage Low 
PG (voltage)  IPGood = ‐5mA   
  
0.5 
Leakage Current 
ILEAKAGE   
  
µA 
Over Voltage Protection (OVP)  
OVP Trip Threshold 
OVP (trip) 
Voso rising 
0.67 
0.7 
0.73 
OVP Fault Prop Delay 
OVP (delay) 
Voso rising, Note 3   
  
200 
ns 
Over‐Current Protection 
OC Trip Current 
ITRIP 
OC set pin left floating,  
PVCC = 6.5V, TJ = 85°C 
44 
49 
54 
SS Off Time 
SS_Hiccup 
Note 3 
  
4096/
Fs 
  
Thermal Shutdown 
Thermal Shutdown   
Note 3  
145   
°C 
Hysteresis   
Note 3  
20   
°C 
Notes  
3.  Guaranteed by design but not tested in production. 
 


Similar Part No. - IP1837TRPBF

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
IP18 BEL-IP18 Datasheet
3Mb / 7P
   IP68 Waterproof Connectors and Adapters
logo
International Rectifier
IP1827 IRF-IP1827 Datasheet
2Mb / 39P
   Highly Integrated 25A Single.input Voltage, Synchronous Buck Regulator
IP1827TRPBF IRF-IP1827TRPBF Datasheet
2Mb / 39P
   Highly Integrated 25A Single.input Voltage, Synchronous Buck Regulator
logo
Seme LAB
IP1842 SEME-LAB-IP1842 Datasheet
43Kb / 6P
   CURRENT MODE REGULATING PULSE WIDTH MODULATORS
IP1842A SEME-LAB-IP1842A Datasheet
57Kb / 6P
   CURRENT MODE REGULATING PULSE WIDTH MODULATORS
More results

Similar Description - IP1837TRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3838MPBF IRF-IR3838MPBF_15 Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3838MTR1PBF IRF-IR3838MTR1PBF Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3837MPBF IRF-IR3837MPBF Datasheet
1Mb / 36P
   HIGHLY INTEGRATED 14A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3839MPBF IRF-IR3839MPBF Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 6A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3839MPBF IRF-IR3839MPBF_15 Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 6A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3837MPBF IRF-IR3837MPBF_15 Datasheet
1Mb / 36P
   HIGHLY INTEGRATED 14A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3838MPBF IRF-IR3838MPBF Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3827 IRF-IR3827 Datasheet
2Mb / 44P
   6A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
logo
Infineon Technologies A...
IR3448 INFINEON-IR3448_16 Datasheet
2Mb / 51P
   16A Highly Integrated SupIRBuck짰 Single-Input Voltage, Synchronous Buck Regulator
Rev 3.6 May 17, 2016
IR3847 INFINEON-IR3847_16 Datasheet
2Mb / 57P
   25A Highly Integrated SupIRBuck짰 Single-Input Voltage, Synchronous Buck Regulator
Rev 3.7 May 17, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com