Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

185PC15DT Datasheet(PDF) 4 Page - Honeywell Solid State Electronics Center

Part # 185PC15DT
Description  Pressure Sensors Miniature Absolute, Differential, Gage/Amplified
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

185PC15DT Datasheet(HTML) 4 Page - Honeywell Solid State Electronics Center

  185PC15DT Datasheet HTML 1Page - Honeywell Solid State Electronics Center 185PC15DT Datasheet HTML 2Page - Honeywell Solid State Electronics Center 185PC15DT Datasheet HTML 3Page - Honeywell Solid State Electronics Center 185PC15DT Datasheet HTML 4Page - Honeywell Solid State Electronics Center 185PC15DT Datasheet HTML 5Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Pressure Sensors
180PC Series
Miniature Absolute, Differential, Gage/Amplified
Honeywell Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
47
ELECTRICAL CONNECTIONS
Voltage Excitation
NOTES
1. Terminals are labeled on the sensor.
2. Input and output share a common ground.
3. RL must be greater than or equal to 3000
ohms.
IDEAL OUTPUT AT Vs 8.00±0.01 VDC
Differential
Example: 185PC15DT when PIN P2-P1
Vacuum Gage
Example: 184PC05GT where P2 PIN P1 Ambient
Bi-directional
Example: 186PC05DH where PIN P2-P1
Absolute
Example: 185PC15AP where P1 PIN P2 Factory sealed vacuum


Similar Part No. - 185PC15DT

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
185PMB152K ILLINOISCAPACITOR-185PMB152K Datasheet
376Kb / 3P
   Polypropylene Film Capacitors for Power Semiconductor Circuits
185PMB152K# ILLINOISCAPACITOR-185PMB152K# Datasheet
661Kb / 5P
   Power semiconductor module protection - High pulse and
185PPR102KJ ILLINOISCAPACITOR-185PPR102KJ Datasheet
399Kb / 4P
   Small Size Polypropylene Film Capacitors for High Pulse Current Applications
185PPR102KJ ILLINOISCAPACITOR-185PPR102KJ Datasheet
435Kb / 3P
   Small size Radial leaded metallized polypropylene film capacitors for Pulse applications
185PPR102KJ ILLINOISCAPACITOR-185PPR102KJ Datasheet
343Kb / 3P
   High Pulse Currents - High voltage
More results

Similar Description - 185PC15DT

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
163PC01D75 HONEYWELL-163PC01D75 Datasheet
507Kb / 5P
   Pressure Sensors Low Pressure Differential, Gage, Vacuum Gage/Amplified
logo
List of Unclassifed Man...
141PC01G ETC1-141PC01G Datasheet
515Kb / 4P
   Absolute, Differential, Gage, Vacuum Gage/Amplified
logo
Sensortechnics GmbH
HCE0611ABE8P3 SENSORTECHNICS-HCE0611ABE8P3 Datasheet
148Kb / 11P
   Miniature amplified pressure sensors
HCEM010-B SENSORTECHNICS-HCEM010-B Datasheet
182Kb / 11P
   Miniature amplified pressure sensors
logo
All Sensors Corporation
DS-0103 ASC-DS-0103 Datasheet
50Kb / 5P
   Miniature Amplified Pressure Sensors
logo
Sensortechnics GmbH
HCA0611ARG8 SENSORTECHNICS-HCA0611ARG8 Datasheet
85Kb / 6P
   Miniature amplified barometric pressure sensors
HCLA02X5-B SENSORTECHNICS-HCLA02X5-B Datasheet
226Kb / 15P
   Miniature amplified low pressure sensors
HCA0611ARH8 SENSORTECHNICS-HCA0611ARH8 Datasheet
113Kb / 7P
   Miniature amplified barometric pressure sensors
HCLA02X5DB SENSORTECHNICS-HCLA02X5DB Datasheet
191Kb / 15P
   Miniature amplified low pressure sensors
logo
TE Connectivity Ltd
1220 TEC-1220 Datasheet
173Kb / 5P
   Gage, Absolute, and Differential
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com