Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

701-102AAB-B00 Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # 701-102AAB-B00
Description  Temperature Sensors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

701-102AAB-B00 Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  701-102AAB-B00 Datasheet HTML 1Page - Honeywell Solid State Electronics Center 701-102AAB-B00 Datasheet HTML 2Page - Honeywell Solid State Electronics Center 701-102AAB-B00 Datasheet HTML 3Page - Honeywell Solid State Electronics Center 701-102AAB-B00 Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
www.honeywell.com/sensing
Table 1. Specifications
700-*
701-*
Temperature
range
Class B and 2B: -70 °C to 500 °C (continuous
operation)
Class B and 2B: -70 °C to 500 °C (continuous
operation)
Class A: -30 °C to 300 °C
Class A: -30 °C to 300 °C
Leads
Pt-clad Ni wire
Pt-clad Ni wire
Long-term
stability
max. R0 drift 0.04% after 1000 h at 500 °C
max. R0 drift 0.04% after 1000 h at 500 °C
Vibration
resistance
at least 40 g acceleration at 10 Hz to 2000 Hz,
depends on installation
at least 40 g acceleration at 10 Hz to 2000 Hz,
depends on installation
Shock
resistance
at least 100 g acceleration with 8 ms half sine
wave, depends on installation
at least 100 g acceleration with 8 ms half sine
wave, depends on installation
Environmental
conditions
unhoused for dry environments only
unhoused for dry environments only
Insulation
resistance
>100 M
at 20 °C; >2 M
at 500 °C
>100 M
at 20 °C; >2 M
at 500 °C
Self heating
0.4 K/mW at 0 °C
0.6 K/mW at 0 °C
Response time
water current (v=0.4 m/s): t0.5=0.05 s; t0.9=0.15 s
air stream (V=2 m/s): t0.5=3.0 s; t0.9=10.0 s
water current (v=0.4 m/s): t0.5=0.04 s; t0.9=0.12 s
air stream (V=2 m/s): t0.5=2.2 s; t0.9=7.0 s
Measuring current
100
: 0.3 mA to 1.0 mA
1000
: 0.1 mA to 0.3 mA
100
: 0.3 mA to 1.0 mA
1000
: 0.1 mA to 0.3 mA
Packaging
anti-static plastic bag
anti-static plastic bag
702-*
703-*
Temperature
range
Class B: -50 °C to 130 °C (continuous operation)
Class B: -50 °C to 130 °C (continuous operation)
Soldering
connection
end-termination galvanic tin-plated with Ni barrier
layer
end-termination galvanic tin-plated with Ni barrier
layer
Long-term
stability
max. R0 drift 0.06 % after 1000 h at 130 °C
max. R0 drift 0.06 % after 1000 h at 130 °C
Environmental
conditions
unhoused for dry environments only
unhoused for dry environments only
Insulation
resistance
>100 M
at 20 °C; >2 M
at 130 °C (glass
covering)
>100 M
at 20 °C; >2 M
at 130 °C (glass
covering)
Self heating
0.8 K/mW at 0 °C
0.4 K/mW at 0 °C
Response time
water current (v=0.4 m/s): t0.5=0.10 s; t0.9=0.25 s
air stream (V = 2 m/s): t0.5=2.5 s; t0.9=8.0 s
water current (v=0.4 m/s): t0.5=0.15 s; t0.9=0.30 s
air stream (V = 2 m/s): t0.5=3.5 s; t0.9=10.0 s
Measuring current
100
: 0.3 mA to 1.0 mA
1000
: 0.1 mA to 0.3 mA
100
: 0.3 mA to 1.0 mA
1000
: 0.1 mA to 0.3 mA
Processing
instructions
face up mounting: reflow soldering or wave
soldering, e.g. double wave ≤8 s/235 °C
face up mounting: reflow soldering or wave
soldering, e.g. double wave ≤8 s/235 °C
Packaging
face-up in blister reel
face-up in blister reel


Similar Part No. - 701-102AAB-B00

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
701-10-28 QUALTEK-701-10-28 Datasheet
358Kb / 1P
   AC RECEPTACLE
701-10-63 QUALTEK-701-10-63 Datasheet
757Kb / 1P
   AC RECEPTACLE
701-10/28 QUALTEK-701-10/28 Datasheet
358Kb / 1P
   AC RECEPTACLE
701-10/63 QUALTEK-701-10/63 Datasheet
757Kb / 1P
   AC RECEPTACLE
More results

Similar Description - 701-102AAB-B00

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
KTY83120-153 NXP-KTY83120-153 Datasheet
61Kb / 10P
   Silicon temperature sensors Silicon temperature sensors
Rev. 06-4 April 2008
logo
Power-One
MQC02052 POWER-ONE-MQC02052 Datasheet
85Kb / 4P
   Temperature Sensors
logo
SICK AG
TBT-1AAS10503GZ SICK-TBT-1AAS10503GZ Datasheet
258Kb / 5P
   TEMPERATURE SENSORS
TBT-1AAN20253PZ SICK-TBT-1AAN20253PZ Datasheet
258Kb / 5P
   TEMPERATURE SENSORS
TBT-1AAGE0253GZ SICK-TBT-1AAGE0253GZ Datasheet
258Kb / 5P
   TEMPERATURE SENSORS
TCT-1AAS13506MZ SICK-TCT-1AAS13506MZ Datasheet
277Kb / 5P
   TEMPERATURE SENSORS
TCT-1AAG13506MZ SICK-TCT-1AAG13506MZ Datasheet
277Kb / 5P
   TEMPERATURE SENSORS
THTE-1AA540756MZ SICK-THTE-1AA540756MZ Datasheet
786Kb / 6P
   TEMPERATURE SENSORS
THTE-1AA541006MZ SICK-THTE-1AA541006MZ Datasheet
786Kb / 6P
   TEMPERATURE SENSORS
THTE-1AA542006MZ SICK-THTE-1AA542006MZ Datasheet
786Kb / 6P
   TEMPERATURE SENSORS
THTE-1AAT12006MZ SICK-THTE-1AAT12006MZ Datasheet
789Kb / 7P
   TEMPERATURE SENSORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com