Selected language     English  ▼


J00-0061NL Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part No. J00-0061NL
Description  RoHS peak wave solder temperature rating 260°C Suitable for CAT 5 & 6 Fast Ethernet Cable or better utp
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PULSE [Pulse A Technitrol Company]
Homepage  http://www.pulseeng.com
Logo 

   
 2 page
background image
J414.F (07/12)
2
pulseelectronics.com
PulseJack™
1x1 Tab-DOWN RJ45
Part Number
Mating Force
(MAX)
Unmating Force
(MAX)
Durability
Plug to Jack
Retention (MIN)
J00 Series
5lbs./2.268kgs.
5lbs./2.268kgs.
750 Insertions
20lbs./9.072kgs.
RJ45 Durability Testing Rating
RJ45 Material Specification
Part Number
Turns Ratio
Contact
MSL
Rating
Material
Finish
Material
Plating Area
Solder Area
Material
Specification
J00 Series
Brass
20-40m inches Nickel over
10-20m inches Brass
Phosphor
Bronze
Nickel underplating and
selective gold plating 15µ inches Tin matte finish Thermoplastic
UL 94 V-0
1
Notes:
1. Connector dimensions comply with FCC dimension requirements
2. MSL - Moisture Sensitivity Level class limits = 1 to 5 (Highest: 1; Lowest: 5).
Housing
2
J00-00XXL Series Mechanicals
PulseJackTM
FRONT VIEW
SIDE VIEW
Connector Marking
(An example - parts are marked on
the top or end surface as shown)
Dimensions:
Unless otherwise specified, all tolerances are ±
Inches
mm
.010
0,25
View from PCB component side




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl