Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

J00-0061NL Datasheet(PDF) 3 Page - Pulse A Technitrol Company

Part # J00-0061NL
Description  RoHS peak wave solder temperature rating 260째C Suitable for CAT 5 & 6 Fast Ethernet Cable or better utp
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

J00-0061NL Datasheet(HTML) 3 Page - Pulse A Technitrol Company

  J00-0061NL Datasheet HTML 1Page - Pulse A Technitrol Company J00-0061NL Datasheet HTML 2Page - Pulse A Technitrol Company J00-0061NL Datasheet HTML 3Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
pulseelectronics.com
PulseJack™
1x1 Tab-DOWN RJ45
J414.F (07/12)
For More Information
Pulse Worldwide
Headquarters
12220 World Trade Drive
San Diego, CA
92128
U.S.A.
Tel: 858 674 8100
Pulse Europe
Einsteinstrasse 1
D-71083 Herren-
berg
Germany
Tel: 49 7032 7806
Pulse China Headquarters
B402, Shenzhen Academy of
Aerospace Technol-
ogy Bldg.
10th Kejinan Road
High-Tech Zone
Nanshan District
Shenzen, PR China
518057
Pulse North China
Room 2704/2705
Super Ocean Finance
Ctr.
2067 Yan An Road
West
Shanghai 200336
China
Pulse South Asia
135 Joo Seng Road
#03-02
PM Industrial Bldg.
Singapore 368363
Tel: 65 6287 8998
Fax: 65 6287 8998
Pulse North Asia
3F, No. 198
Zhongyuan Road
Zhongli City
Taoyuan County 320
Taiwan R. O. C.
Tel: 886 3 4356768
Fax: 886 3 4356823
(Pulse)
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product names mentioned herein may be
trademarks or registered trademarks of their respective owners. © Copyright, 2012. Pulse Electronics, Inc. All rights reserved.
LED Configuration
J00-0042NL/66NL
J00-00XX Series Electrical Schematics
Green / Yellow LED Specification - (LEDs without internal resistors)
Right LED
12
11
Left LED
9
10
Standard LED
Wavelength
Forward* V(MAX)
(TYP)
Yellow
585 nm
2.5 V
2.1 V
Green
565 nm
2.5 V
2.2 V
* Assumes bias current = 20mA
TD+ 1
CT 7
TD- 2
RD+ 3
CT 8
RD- 6
4
5
8
7
4
5
6 RX-
3 RX+
2 TX-
1 TX+
1CT : 2.5
TRANSMIT
1CT : 1
RECEIVE
J00-0051NL/62NL/63NL
J00-00XX Series Electrical Schematics
TD+ 1
CT 4
TD- 2
RD+ 3
CT 5
RD- 6
7
8
7
4
5
6 RX-
3 RX+
2 TX-
1 TX+
1CT : 1
TRANSMIT
1CT : 1
RECEIVE
GND* 8
*Connecting pin 8 to Ground makes J00-0042/46/64/66
footprint compatible to J00-0014/45/61/65.
**J00-0086 Turns Ratio TX, RX = 1.414CT:1 ( 2CT:1)
J00-0014NL/45NL/61NL/65NL


Similar Part No. - J00-0061NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
J00-0061NL PULSE-J00-0061NL Datasheet
143Kb / 3P
   1x1 Tab-DOWN RJ45
J00-0061NL PULSE-J00-0061NL Datasheet
1Mb / 6P
   1x1 Tab-DOWN RJ45
More results

Similar Description - J00-0061NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
JC0-0063NL PULSE-JC0-0063NL Datasheet
274Kb / 5P
   RoHS-5 peak wave solder temperature rating 235C
J0011D11 PULSE-J0011D11 Datasheet
1Mb / 6P
   RoHS peak wave solder temperature rating 260C
J20-0014NL PULSE-J20-0014NL Datasheet
1Mb / 12P
   RoHS peak wave solder temperature rating 260C
logo
Assmann Electronics Inc...
A-MCU60100-R ASSMANN-A-MCU60100-R Datasheet
59Kb / 1P
   Cat.6 UTP Patch Cable
A-MCU60010-G-R ASSMANN-A-MCU60010-G-R Datasheet
59Kb / 1P
   CAT.6 UTP PATCH CABLE
A-MCU60050-B-R ASSMANN-A-MCU60050-B-R Datasheet
59Kb / 1P
   Cat.6 UTP Patch Cable
A-MCU60070-G-R ASSMANN-A-MCU60070-G-R Datasheet
59Kb / 1P
   Cat.6 UTP Patch Cable
A-MCU60150-R ASSMANN-A-MCU60150-R Datasheet
59Kb / 1P
   Cat.6 UTP Patch Cable
A-MCU60005-G-R ASSMANN-A-MCU60005-G-R Datasheet
59Kb / 1P
   CAT.6 UTP PATCH CABLE
A-MCU60010-R ASSMANN-A-MCU60010-R Datasheet
59Kb / 1P
   Cat.6 UTP Patch Cable
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com