Selected language     English  ▼


J00-0063NL Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part No. J00-0063NL
Description  RoHS peak wave solder temperature rating 260°C Suitable for CAT 5 & 6 Fast Ethernet Cable or better utp
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PULSE [Pulse A Technitrol Company]
Homepage  http://www.pulseeng.com
Logo 

   
 1 page
background image
J414.F (07/12)
1
pulseelectronics.com
PulseJack™
1x1 Tab-DOWN RJ45
RoHS peak wave solder temperature rating 260°C
Suitable for CAT 5 & 6 Fast Ethernet Cable or better
UTP
Meets IEEE 802.3 specification
350µH minimum OCL with 8mA bias current
High performance for MAX EMI suppression for
cost-conscious applications
USA 858 674 8100
Germany 49 7032 7806 0
Singapore 65 6287 8998
Shanghai 86 21 62787060
China 86 755 33966678
Taiwan 886 3 4356768
10 Base-T Electrical Specifications @ 25°C - Operating Temperature 0°C to +70°C
RoHS
Compliant
Part Number
Data
Rate
Turns
Ratios
EMI
Fingers
LEDs
(L/R)
BST
Insertion
Loss
(dB MAX)
Return Loss
(dB MIN)
100
Ω ± 15Ω
Crosstalk
(dB MIN)
Common Mode
Rejection
(dB MIN)
Hipot
(Vrms)
1-10MHz
1-10MHz
1-10MHz
5MHz
@60Hz 1 MIN
TX
RX
J00-0051NL
10BT
1CT:2.5
1CT:1
Yes
G/Y
No
-1
-15
-30
-25
1500
J00-0062NL
10BT
1CT:2.5
1CT:1
No
None
No
-1
-15
-30
-25
1500
J00-0063NL
10BT
1CT:2.5
1CT:1
No
G/Y
No
-1
-15
-30
-25
1500
Description:
10/100 Base-TX RJ45 1x1 Tab-DOWN 8-pin Integrated Magnetics Connector, designed to support high volume
cost-conscious consumer applications such as: ADSL modems, Cable modems, STB and Video on Demand.
Features and Benefits:
RoHS
Compliant
Part Number
Data
Rate
Turns
Ratios
EMI
Fingers
LEDs
(L/R)
BST
Insertion
Loss
(dB MAX)
Hipot
(Vrms)
1-
65MHz
1-1
0MHz
10-
30MHz
30-
60MHz
60-
80MHz
1-
30MHz
30-
60MHz
60-
100MHz
1-
50MHz
50-
150MHz
@60Hz
1 MIN
TX
RX
J00-0014NL
100BT
1CT:1
1CT:1
No
None
Yes
-1
-18
-14
-12
-10
-35
-35
-30
-20
-15
1500
J00-0042NL
100BT
1CT:1
1CT:1
No
None
No
-1
-18
-14
-12
-10
-35
-35
-30
-20
-15
1500
J00-0045NL
100BT
1CT:1
1CT:1
No
G/Y
Yes
-1
-18
-14
-12
-10
-35
-35
-30
-20
-15
1500
J00-0061NL
100BT
1CT:1
1CT:1
Yes
None
Yes
-1
-18
-14
-12
-10
-35
-35
-30
-20
-15
1500
J00-0065NL
100BT
1CT:1
1CT:1
Yes
G/Y
Yes
-1
-18
-14
-12
-10
-35
-35
-30
-20
-15
1500
J00-0066NL
100BT
1CT:1
1CT:1
Yes
G/Y
No
-1
-18
-14
-12
-10
-35
-35
-30
-20
-15
1500
Return Loss
(dB MIN)
100
Ω ± 15Ω
Crosstalk
(dB MIN)
Common Mode
Rejection
(dB MIN)
10/100 Base-T Electrical Specifications @ 25°C - Operating Temperature 0°C to +70°C
Notes:
1. For an explanation of EMI fingers, refer to the mechanical drawing page
2. LEDs Left/Right: G=green, Y=yellow
3. IEEE802.3i (10Base-T) standard does not require these parts to achieve 350µH minimum OCL with 8mA bias current for 10Base-T parts.




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl