Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGW38IH130D Datasheet(PDF) 10 Page - STMicroelectronics

Part # STGW38IH130D
Description  33 A - 1300 V - very fast IGBT
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW38IH130D Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STGW38IH130D Datasheet HTML 6Page - STMicroelectronics STGW38IH130D Datasheet HTML 7Page - STMicroelectronics STGW38IH130D Datasheet HTML 8Page - STMicroelectronics STGW38IH130D Datasheet HTML 9Page - STMicroelectronics STGW38IH130D Datasheet HTML 10Page - STMicroelectronics STGW38IH130D Datasheet HTML 11Page - STMicroelectronics STGW38IH130D Datasheet HTML 12Page - STMicroelectronics STGW38IH130D Datasheet HTML 13Page - STMicroelectronics STGW38IH130D Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Package mechanical data
STGW38IH130D, STGWT38IH130D
10/17
Doc ID 15697 Rev 4
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at:
www.st.com.
ECOPACK® is an ST trademark.
Table 8.
TO-247 mechanical data
Dim.
mm.
Min.
Typ.
Max.
A
4.85
5.15
A1
2.20
2.60
b1.0
1.40
b1
2.0
2.40
b2
3.0
3.40
c
0.40
0.80
D
19.85
20.15
E
15.45
15.75
e
5.30
5.45
5.60
L
14.20
14.80
L1
3.70
4.30
L2
18.50
∅P
3.55
3.65
∅R
4.50
5.50
S
5.30
5.50
5.70


Similar Part No. - STGW38IH130D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW38IH120D STMICROELECTRONICS-STGW38IH120D Datasheet
516Kb / 14P
   30 A - 1200 V - very fast IGBT
More results

Similar Description - STGW38IH130D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGB10NC60HD STMICROELECTRONICS-STGB10NC60HD_08 Datasheet
774Kb / 19P
   600 V - 10 A - very fast IGBT
STGW35NC120HD STMICROELECTRONICS-STGW35NC120HD Datasheet
355Kb / 13P
   35 A - 1200 V - very fast IGBT
STGW33IH120D STMICROELECTRONICS-STGW33IH120D Datasheet
530Kb / 14P
   30 A - 1200 V - very fast IGBT
STGB20NC60V STMICROELECTRONICS-STGB20NC60V Datasheet
407Kb / 16P
   30 A - 600 V - very fast IGBT
STGD3NC120H STMICROELECTRONICS-STGD3NC120H Datasheet
899Kb / 13P
   7 A, 1200 V very fast IGBT
June 2012
STGB19NC60H STMICROELECTRONICS-STGB19NC60H Datasheet
663Kb / 15P
   19 A - 600 V - very fast IGBT
September 2009 Rev 4
STGW45NC60VD STMICROELECTRONICS-STGW45NC60VD Datasheet
370Kb / 15P
   45 A - 600 V - very fast IGBT
STGW39NC60VD STMICROELECTRONICS-STGW39NC60VD_08 Datasheet
391Kb / 15P
   40 A - 600 V - very fast IGBT
STGP19NC60H STMICROELECTRONICS-STGP19NC60H Datasheet
318Kb / 14P
   19 A - 600 V - very fast IGBT
STGFW30NC60V STMICROELECTRONICS-STGFW30NC60V Datasheet
763Kb / 13P
   30 A - 600 V - very fast IGBT
April 2012 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com