Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE-68386NL Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # PE-68386NL
Description  SMT GATE DRIVE TRANSFORMERS 1500VDC Basic and Operational Insulation
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PE-68386NL Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  PE-68386NL Datasheet HTML 1Page - Pulse A Technitrol Company PE-68386NL Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 755 33966678 •• Taiwan 886 3 4641811
www.pulseeng.com
114
SPM2007 (6/08)
8X .035
0,89
.280
7,11
.235
5,97
P2033
Date Code
Country of Origin
SUGGESTED PAD LAYOUT
.310
7,87
.180
4,57
.035
0,89
.050
1,27
( (
.150
3,81
( (
18
45
.004/0,10
8 SURFACES
.140
3,57
.010
0,25
.050
1,27
( (
.150
3,81
( (
Weight . . . . . . . . . . . . . .0.48 grams
Tape & Reel . . . . . . . . . . . .900/reel
Tube . . . . . . . . . . . . . . . . . .60/tube
.005/0,13
6 SURFACES
MAX
.160
4,06
PA0173
PA0185
Date Code
Country of Origin
.330
8,38
.250
6,35
.100
2,54
.340
8,64
.460
11,68
SUGGESTED PAD LAYOUT
.070
1,78
.330
8,38
.430
10,92
.025
0,64
.250
6,35
.100
2,54
16
34
SMT GATE DRIVE TRANSFORMERS
1500VDC Basic and Operational Insulation
SUGGESTED PAD LAYOUT
8
1
5
4
.225
5,71
.060
1,52
.100
2,54
.300
7,62
.050
1,27
3
2
14
Part Number
Date Code
Country of Origin
.340 MAX
8,64
3X .100
2,54
.355 MAX
9,02
6
7
85
.300 MAX
7,62
.005/0,13
6 SURFACES
1
8
3
6
4
5
P0544 / PA0297 / PA0510
1
8
4
5
PA0184
Mechanicals
Schematics
P0926
Date Code
Country of Origin
.146
3,71
.315 MAX
8,00
6X .024
0,61
.073
1,85
SUGGESTED
PAD LAYOUT
6
4
1
3
.330
8,38
6X .050
1,27
6X .050
1,27
.023
0,58
5
2
.260 MAX
6,60
.005/0,13
6 SURFACES
.060
1,52
.210 MAX
5,33
1
6
2
5
3
4
Weight . . . . . . . . . . . . . .0.48 grams
Tape & Reel . . . . . . . . . . .1000/reel
Tube . . . . . . . . . . . . . . . . . .80/tube
Dimensions: Inches
mm
Unless otherwise specified, all tolerances are ± .010
0,25
Weight . . . . . . . . . . . . . .0.60 grams
Tape & Reel . . . . . . . . . . . .400/reel
Tube . . . . . . . . . . . . . . . . . .50/tube
Dimensions: Inches
mm
Unless otherwise specified, all tolerances are ± .010
0,25
8
1
4
7
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .010
0,25
Weight . . . . . . . . . . . . . .0.29 grams
Tape & Reel . . . . . . . . . . .1200/reel
Tube . . . . . . . . . . . . . . . . . .80/tube
1
6
2
5
3
4
PA0173
1
3
6
4
PA0185
Dimensions: Inches
mm
Unless otherwise specified, all tolerances are ± .010
0,25


Similar Part No. - PE-68386NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-68386NL PULSE-PE-68386NL Datasheet
1Mb / 5P
   SMT Gate Drive Transformers
PE-68386NL PULSE-PE-68386NL Datasheet
1Mb / 5P
   1500VDC isolation between Gate and Drive
PE-68386NL PULSE-PE-68386NL Datasheet
144Kb / 3P
   SMT GATE DRIVE TRANSFORMERS
PE-68386NL PULSE-PE-68386NL Datasheet
140Kb / 2P
   SMT GATE DRIVE TRANSFORMERS
PE-68386NL PULSE-PE-68386NL Datasheet
1Mb / 5P
   SMT Gate Drive Transformers
More results

Similar Description - PE-68386NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-68386NL PULSE-PE-68386NL Datasheet
1Mb / 2P
   SMT AND THT GATE DRIVE TRANSFORMERS
PA0184 PULSE-PA0184 Datasheet
1Mb / 5P
   SMT Gate Drive Transformers
PE-68386T PULSE-PE-68386T Datasheet
1Mb / 5P
   SMT Gate Drive Transformers
PA0185NLT PULSE-PA0185NLT Datasheet
1Mb / 6P
   SMT Gate Drive Transformers
logo
Coilcraft lnc.
DA2319-AL COILCRAFT-DA2319-AL Datasheet
160Kb / 1P
   SMT Gate Drive Transformers
logo
Pulse A Technitrol Comp...
PA0184NLT PULSE-PA0184NLT Datasheet
1Mb / 6P
   SMT Gate Drive Transformers
PA2001NLT PULSE-PA2001NLT Datasheet
788Kb / 3P
   SMT Gate Drive Transformers
logo
EPCOS
B82804A0354A110 EPCOS-B82804A0354A110 Datasheet
579Kb / 5P
   SMT gate drive transformers
logo
Pulse A Technitrol Comp...
PA0264NLT PULSE-PA0264NLT Datasheet
144Kb / 3P
   SMT GATE DRIVE TRANSFORMERS
PA0297NLT PULSE-PA0297NLT Datasheet
140Kb / 2P
   SMT GATE DRIVE TRANSFORMERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com