Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN820PT Datasheet(PDF) 8 Page - STMicroelectronics

Part # VN820PT
Description  High-side driver
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN820PT Datasheet(HTML) 8 Page - STMicroelectronics

Back Button VN820PT Datasheet HTML 4Page - STMicroelectronics VN820PT Datasheet HTML 5Page - STMicroelectronics VN820PT Datasheet HTML 6Page - STMicroelectronics VN820PT Datasheet HTML 7Page - STMicroelectronics VN820PT Datasheet HTML 8Page - STMicroelectronics VN820PT Datasheet HTML 9Page - STMicroelectronics VN820PT Datasheet HTML 10Page - STMicroelectronics VN820PT Datasheet HTML 11Page - STMicroelectronics VN820PT Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
Electrical specifications
VN820
8/43
Doc ID 7370 Rev. 5
2
Electrical specifications
Figure 3.
Current and voltage conventions
2.1
Absolute maximum ratings
Stressing the device above the rating listed in theTable 3 may cause permanent damage to
the device. These are stress ratings only and operation of the device at these or any other
conditions above those indicated in the operating sections of this specification is not implied.
Exposure to Absolute maximum rating conditions for extended periods may affect device
reliability.
INPUT
IS
IIN
VIN
VCC
STATUS
ISTAT
VSTAT
GND
VCC
IOUT
VOUT
IGND
OUTPUT
VF
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
PowerSO-10
PENTAWATT
P2PAK
PPAK
VCC
DC supply voltage
41
V
-VCC
Reverse DC supply voltage
- 0.3
V
-Ignd
DC reverse ground pin current
- 200
mA
IOUT
DC output current
Internally limited
A
-IOUT
Reverse DC output current
- 9
A
IIN
DC input current
+/- 10
mA
ISTAT
DC Status current
+/- 10
mA
VESD
Electrostatic discharge (human body
model: R = 1.5 K
Ω; C=100 pF)
– INPUT
–STATUS
–OUTPUT
–VCC
4000
4000
5000
5000
V
V
V
V


Similar Part No. - VN820PT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN820PT STMICROELECTRONICS-VN820PT Datasheet
692Kb / 34P
   HIGH SIDE DRIVER
VN820PT STMICROELECTRONICS-VN820PT Datasheet
543Kb / 35P
   HIGH SIDE DRIVER
VN820PT-E STMICROELECTRONICS-VN820PT-E Datasheet
578Kb / 38P
   HIGH SIDE DRIVER
VN820PT-E STMICROELECTRONICS-VN820PT-E Datasheet
814Kb / 44P
   High-side driver
VN820PT.E STMICROELECTRONICS-VN820PT.E Datasheet
1Mb / 22P
   for car body applications
More results

Similar Description - VN820PT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN920DSP STMICROELECTRONICS-VN920DSP Datasheet
250Kb / 17P
   HIGH SIDE DRIVER
VN820 STMICROELECTRONICS-VN820_04 Datasheet
543Kb / 35P
   HIGH SIDE DRIVER
VN800PSTR-E STMICROELECTRONICS-VN800PSTR-E Datasheet
373Kb / 27P
   High-side driver
VN920DB5-E STMICROELECTRONICS-VN920DB5-E Datasheet
392Kb / 26P
   High-side driver
September 2013 Rev 3
VN750SM-E STMICROELECTRONICS-VN750SM-E Datasheet
243Kb / 20P
   HIGH SIDE DRIVER
October 2004
VN750PEP STMICROELECTRONICS-VN750PEP Datasheet
156Kb / 14P
   HIGH SIDE DRIVER
VN751PT STMICROELECTRONICS-VN751PT_08 Datasheet
392Kb / 16P
   High side driver
VN750 STMICROELECTRONICS-VN750_04 Datasheet
423Kb / 31P
   HIGH SIDE DRIVER
VN920D-B5 STMICROELECTRONICS-VN920D-B5 Datasheet
438Kb / 22P
   HIGH SIDE DRIVER
L9801 STMICROELECTRONICS-L9801 Datasheet
346Kb / 7P
   HIGH SIDE DRIVER
VN920DSP-E STMICROELECTRONICS-VN920DSP-E Datasheet
184Kb / 19P
   HIGH SIDE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com