Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN5E025AJ-E Datasheet(PDF) 11 Page - STMicroelectronics

Part # VN5E025AJ-E
Description  Single channel high-side driver with analog current sense for automotive applications
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN5E025AJ-E Datasheet(HTML) 11 Page - STMicroelectronics

Back Button VN5E025AJ-E Datasheet HTML 7Page - STMicroelectronics VN5E025AJ-E Datasheet HTML 8Page - STMicroelectronics VN5E025AJ-E Datasheet HTML 9Page - STMicroelectronics VN5E025AJ-E Datasheet HTML 10Page - STMicroelectronics VN5E025AJ-E Datasheet HTML 11Page - STMicroelectronics VN5E025AJ-E Datasheet HTML 12Page - STMicroelectronics VN5E025AJ-E Datasheet HTML 13Page - STMicroelectronics VN5E025AJ-E Datasheet HTML 14Page - STMicroelectronics VN5E025AJ-E Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
VN5E025AJ-E
Electrical specifications
Doc ID 13106 Rev 4
11/37
Table 9.
Current sense (8V<VCC<18V)
Symbol
Parameter
Test conditions
Min.
Typ. Max. Unit
KLED
IOUT/ISENSE
IOUT= 0.05A, VSENSE=0.5V,
VCSD=0V
Tj= -40°C...150°C
1370
3180
4930
K0
IOUT/ISENSE
IOUT= 0.5A; VSENSE=0.5V;
VCSD=0V;
Tj= -40°C...150°C
1990
3050
4120
K1
IOUT/ISENSE
IOUT= 2A; VSENSE=4V; VCSD=0V;
Tj= -40°C...150°C
Tj= 25°C...150°C
2100
2220
2860
2860
3840
3500
dK1/K1
(1)
Current sense ratio
drift
IOUT=2A; VSENSE= 4V;
VCSD=0V;
TJ= -40 °C to 150 °C
-10
10
%
K2
IOUT/ISENSE
IOUT= 3A; VSENSE=4V; VCSD=0V;
Tj= -40°C...150°C
Tj=25°C...150°C
2300
2420
2850
2850
3520
3300
dK2/K2
(1)
Current sense ratio
drift
IOUT=3 A; VSENSE= 4 V;
VCSD=0V;
TJ= -40 °C to 150 °C
-7
7
%
K3
IOUT/ISENSE
IOUT= 10A; VSENSE=4V; VCSD=0V;
Tj= -40°C...150°C
Tj=25°C...150°C
2690
2700
2830
2830
3060
3020
dK3/K3
(1)
Current sense ratio
drift
IOUT= 10 A; VSENSE= 4 V;
VCSD=0V;
TJ= -40 °C to 150 °C
-4
4
%
ISENSE0
Analog sense
leakage current
IOUT=0A; VSENSE=0V;
VCSD=5V; VIN=0V; Tj=-40°C...150°C
VCSD=0V; VIN=5V; Tj=-40°C...150°C
IOUT=2A; VSENSE=0V;
VCSD=5V; VIN=5V; Tj=-40°C...150°C
0
0
0
1
2
1
µA
µA
µA
IOL
Open load ON state
current detection
threshold
VIN = 5V, 8V<VCC<18V
ISENSE= 5 µA
530
mA
VSENSE
Max analog sense
output voltage
IOUT= 3A; VCSD= 0V
5
V
VSENSEH
(2)
Analog sense output
voltage in fault
condition
VCC= 13V; RSENSE= 3.9KΩ
8
ISENSEH
(2)
Analog sense output
current in fault
condition
VCC= 13V; VSENSE= 5V
9
mA


Similar Part No. - VN5E025AJ-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN5E025AJ-E STMICROELECTRONICS-VN5E025AJ-E Datasheet
625Kb / 37P
   Single channel high-side driver with analog current sense for automotive applications
More results

Similar Description - VN5E025AJ-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN5016AJ-E STMICROELECTRONICS-VN5016AJ-E Datasheet
120Kb / 13P
   SINGLE CHANNEL HIGH SIDE DRIVER WITH ANALOG CURRENT SENSE FOR AUTOMOTIVE APPLICATIONS
VN5E010MH-E STMICROELECTRONICS-VN5E010MH-E Datasheet
682Kb / 34P
   Single-channel high-side driver with analog current sense for automotive applications
VN5E006ASP-E STMICROELECTRONICS-VN5E006ASP-E Datasheet
763Kb / 38P
   Single channel high-side driver with analog current sense for automotive applications
March 2015 Rev 9
VN5E050ASO-E STMICROELECTRONICS-VN5E050ASO-E Datasheet
719Kb / 37P
   Single channel high-side driver with analog current sense for automotive applications
September 2013 Rev 5
VN5050AJ-E STMICROELECTRONICS-VN5050AJ-E Datasheet
806Kb / 32P
   Single channel high side driver with analog current sense for automotive applications
VN5E025ASO-E STMICROELECTRONICS-VN5E025ASO-E Datasheet
657Kb / 37P
   Single channel high-side driver with analog current sense for automotive applications
September 2013 Rev 5
VN5E025MJ-E STMICROELECTRONICS-VN5E025MJ-E Datasheet
699Kb / 34P
   Single channel high side driver with analog current sense for automotive applications
October 2013 Rev 2
VN5E010MHTR-E STMICROELECTRONICS-VN5E010MHTR-E Datasheet
802Kb / 34P
   Single-channel high-side driver with analog current sense for automotive applications
VN5012SAKTR-E STMICROELECTRONICS-VN5012SAKTR-E Datasheet
345Kb / 30P
   Single channel high side driver with analog current sense for automotive applications
VN5E050AJ-E STMICROELECTRONICS-VN5E050AJ-E Datasheet
746Kb / 37P
   Single channel high side driver with analog current sense for automotive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com