Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STAC2932BW Datasheet(PDF) 9 Page - STMicroelectronics

Part # STAC2932BW
Description  HF/VHF/UHF RF power N-channel MOSFETs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAC2932BW Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STAC2932BW Datasheet HTML 5Page - STMicroelectronics STAC2932BW Datasheet HTML 6Page - STMicroelectronics STAC2932BW Datasheet HTML 7Page - STMicroelectronics STAC2932BW Datasheet HTML 8Page - STMicroelectronics STAC2932BW Datasheet HTML 9Page - STMicroelectronics STAC2932BW Datasheet HTML 10Page - STMicroelectronics STAC2932BW Datasheet HTML 11Page - STMicroelectronics STAC2932BW Datasheet HTML 12Page - STMicroelectronics STAC2932BW Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
STAC2932B
Test circuit
Doc ID 15497 Rev 5
9/14
Component
Description
R3, R4
270
Ω 1/2 W axial lead resistor
B1
RG-316 50
Ω 11.8" thru ferrite toroidal
B2
RG-142 50
Ω 11.8"
T1
4:1, RG-316 25
Ω, 5.9", 2 turns thru ferrite core
T2
1:4, 25
Ω semi-rigid cable, OD.141”, 5.9"
L1
λ/4 inductor, RG-142 50 Ω, 11.8", 3 turns thru ferrite toroid
FB1,FB5
Ferrite toroidal
FB2, FB6
Multi-aperture core
FB3, FB4
Surface mount ferrite bead
PCB
Rogers ultralam 2000, Er 2.55, 0.060”
Table 7.
175 MHz test circuit part list (continued)
Figure 10.
Circuit layout


Similar Part No. - STAC2932BW

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STAC2932B STMICROELECTRONICS-STAC2932B Datasheet
470Kb / 14P
   Excellent thermal stability
January 2014 Rev 6
More results

Similar Description - STAC2932BW

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STAC2942B STMICROELECTRONICS-STAC2942B Datasheet
580Kb / 16P
   HF/VHF/UHF RF power N-channel MOSFETs
January 2014 Rev 7
logo
New Jersey Semi-Conduct...
SD2933 NJSEMI-SD2933 Datasheet
90Kb / 3P
   HF/VHF/UHF RF power N-channel MOSFETs
logo
STMicroelectronics
SD2943W STMICROELECTRONICS-SD2943W Datasheet
522Kb / 15P
   HF/VHF/UHF RF power N-channel MOSFETs
SD2941-10W STMICROELECTRONICS-SD2941-10W Datasheet
450Kb / 17P
   HF/VHF/UHF RF power N-channel MOSFETs
August 2014 Rev 5
SD3932 STMICROELECTRONICS-SD3932 Datasheet
35Kb / 5P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
SD2932 STMICROELECTRONICS-SD2932 Datasheet
122Kb / 13P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
March 2000
SD2931-11 STMICROELECTRONICS-SD2931-11 Datasheet
274Kb / 18P
   RF power transistors HF/VHF/UHF N-channel MOSFETs
SD3931-10 STMICROELECTRONICS-SD3931-10 Datasheet
55Kb / 5P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
SD2931-10 STMICROELECTRONICS-SD2931-10_03 Datasheet
343Kb / 16P
   RF power transistors HF/VHF/UHF N-channel MOSFETs
SD2918 STMICROELECTRONICS-SD2918 Datasheet
101Kb / 8P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com