Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STAC2932BW Datasheet(PDF) 1 Page - STMicroelectronics

Part # STAC2932BW
Description  HF/VHF/UHF RF power N-channel MOSFETs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAC2932BW Datasheet(HTML) 1 Page - STMicroelectronics

  STAC2932BW Datasheet HTML 1Page - STMicroelectronics STAC2932BW Datasheet HTML 2Page - STMicroelectronics STAC2932BW Datasheet HTML 3Page - STMicroelectronics STAC2932BW Datasheet HTML 4Page - STMicroelectronics STAC2932BW Datasheet HTML 5Page - STMicroelectronics STAC2932BW Datasheet HTML 6Page - STMicroelectronics STAC2932BW Datasheet HTML 7Page - STMicroelectronics STAC2932BW Datasheet HTML 8Page - STMicroelectronics STAC2932BW Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
January 2012
Doc ID 15497 Rev 5
1/14
14
STAC2932B
HF/VHF/UHF RF power N-channel MOSFETs
Features
Gold metallization
Excellent thermal stability
Common source push-pull configuration
POUT = 300 W min. with 20 dB gain @ 175 MHz
In compliance with the 2002/95/EC European
directive
ST air cavity packaging technology - STAC
package
Description
The STAC2932B is a gold metallized N-channel
MOS field-effect RF power transistor, intended for
use in 50 V DC large signal applications up to 250
MHz.
The STAC2932B benefits from the latest
generation of efficient, patent-pending package
technology, otherwise known as STAC
Figure 1.
Pin connection
STAC244B
Air cavity
1
1
2
2
3
1. Drain
2. Gate
3. Source
(Bottom side)
Table 1.
Device summary
Order code
Marking
Base qty.
Package
Packaging
STAC2932BW
STAC2932(1)
20
STAC244B
Tray
1.
For more details please refer to Chapter 7: Marking, packing and shipping specifications.
www.st.com


Similar Part No. - STAC2932BW

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STAC2932B STMICROELECTRONICS-STAC2932B Datasheet
470Kb / 14P
   Excellent thermal stability
January 2014 Rev 6
More results

Similar Description - STAC2932BW

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STAC2942B STMICROELECTRONICS-STAC2942B Datasheet
580Kb / 16P
   HF/VHF/UHF RF power N-channel MOSFETs
January 2014 Rev 7
logo
New Jersey Semi-Conduct...
SD2933 NJSEMI-SD2933 Datasheet
90Kb / 3P
   HF/VHF/UHF RF power N-channel MOSFETs
logo
STMicroelectronics
SD2943W STMICROELECTRONICS-SD2943W Datasheet
522Kb / 15P
   HF/VHF/UHF RF power N-channel MOSFETs
SD2941-10W STMICROELECTRONICS-SD2941-10W Datasheet
450Kb / 17P
   HF/VHF/UHF RF power N-channel MOSFETs
August 2014 Rev 5
SD3932 STMICROELECTRONICS-SD3932 Datasheet
35Kb / 5P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
SD2932 STMICROELECTRONICS-SD2932 Datasheet
122Kb / 13P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
March 2000
SD2931-11 STMICROELECTRONICS-SD2931-11 Datasheet
274Kb / 18P
   RF power transistors HF/VHF/UHF N-channel MOSFETs
SD3931-10 STMICROELECTRONICS-SD3931-10 Datasheet
55Kb / 5P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
SD2931-10 STMICROELECTRONICS-SD2931-10_03 Datasheet
343Kb / 16P
   RF power transistors HF/VHF/UHF N-channel MOSFETs
SD2918 STMICROELECTRONICS-SD2918 Datasheet
101Kb / 8P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com