Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR2131S Datasheet(PDF) 2 Page - International Rectifier

Part # IR2131S
Description  3 HIGH SIDE AND 3 LOW SIDE DRIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2131S Datasheet(HTML) 2 Page - International Rectifier

  IR2131S Datasheet HTML 1Page - International Rectifier IR2131S Datasheet HTML 2Page - International Rectifier IR2131S Datasheet HTML 3Page - International Rectifier IR2131S Datasheet HTML 4Page - International Rectifier IR2131S Datasheet HTML 5Page - International Rectifier IR2131S Datasheet HTML 6Page - International Rectifier IR2131S Datasheet HTML 7Page - International Rectifier IR2131S Datasheet HTML 8Page - International Rectifier IR2131S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IR2131(J)(S) & (PbF)
2
www.irf.com
Symbol
Definition
Min.
Max.
Units
VB1,2,3
High Side Floating Supply Voltage
-0.3
625
VS1,2,3
High Side Floating Offset Voltage
VB1,2,3 - 25
VB1,2,3 + 0.3
VHO1,2,3
High Side Floating Output Voltage
VS1,2,3 - 0.3
VB1,2,3 + 0.3
VCC
Low Side and Logic Fixed Supply Voltage
-0.3
25
VSS
Logic Ground
VCC - 25
VCC + 0.3
VLO1,2,3
Low Side Output Voltage
-0.3
VCC + 0.3
VIN
Logic Input Voltage (HIN1,2,3 ,LIN1,2,3 ,FLT - CLR ,SD &ITRIP)
VSS - 0.3
(VSS + 15) or
(VCC + 0.3)
whichever
is lower
VFLT
FAULT Output Voltage
VSS - 0.3
VCC + 0.3
dVS/dt
Allowable Offset Supply Voltage Transient
50
V/ns
PD
Package Power Dissipation @ TA ≤ +25°C
(28 Lead DIP)
1.5
(28 Lead SOIC)
1.6
W
(44 Lead PLCC)
2.0
RthJA
Thermal Resistance, Junction to Ambient
(28 Lead DIP)
83
(28 Lead SOIC)
78
°C/W
(44 Lead PLCC)
63
TJ
Junction Temperature
150
TS
Storage Temperature
-55
150
TL
Lead Temperature (Soldering, 10 seconds)
300
Absolute Maximum Ratings
Absolute Maximum Ratings indicate sustained limits beyond which damage to the device may occur. All voltage param-
eters are absolute voltages referenced to COM. The Thermal Resistance and Power Dissipation ratings are measured under
board mounted and still air conditions. Additional Information is shown in Figures 7 through 10.
Note 1: Logic operational for VS of -5V to +600V. Logic state held for VS of -5V to -VBS. (Please refer to the Design Tip
DT97-3 for more details).
Note 2: All input pins, CA- and CAO pins are internally clamped with a 5.2V zener diode.
Recommended Operating Conditions
The Input/Output logic timing diagram is shown in Figure 1. For proper operation the device should be used within the
recommended conditions. All voltage parameters are absolute voltages referenced to COM. The VS offset rating is tested
with all supplies biased at 15V different
ial.
V
Symbol
Definition
Min.
Max.
Units
VB1,2,3
High Side Floating Supply Voltage
VS1,2,3 + 10
VS1,2,3 + 20
VS1,2,3
High Side Floating Offset Voltage
Note 1
600
VHO1,2,3
High Side Floating Output Voltage
VS1,2,3
VB1,2,3
VCC
Low Side and Logic Fixed Supply Voltage
10
20
VSS
Logic Ground
-5
5
VLO1,2,3
Low Side Output Voltage
0
VCC
VIN
Logic Input Voltage (HIN1,2,3 , LIN1,2,3 ,FLT - CLR , SD & ITRIP)
VSS
VSS + 5
VFLT
FAULT Output Voltage
VSS
VCC
TA
Ambient Temperature
-40
125
°C
V
°C


Similar Part No. - IR2131S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IR2131S INFINEON-IR2131S Datasheet
595Kb / 10P
   3 HIGH SIDE AND 3 LOW SIDE DRIVER
Data Sheet No. PD60032 rev P
logo
International Rectifier
IR2131SPBF IRF-IR2131SPBF Datasheet
744Kb / 10P
   3 HIGH SIDE AND 3 LOW SIDE DRIVER
More results

Similar Description - IR2131S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2131 IRF-IR2131_15 Datasheet
744Kb / 10P
   3 HIGH SIDE AND 3 LOW SIDE DRIVER
IR2131 IRF-IR2131 Datasheet
299Kb / 8P
   3 HIGH SIDE AND 3 LOW SIDE DRIVER
IR2131SPBF IRF-IR2131SPBF Datasheet
744Kb / 10P
   3 HIGH SIDE AND 3 LOW SIDE DRIVER
logo
Infineon Technologies A...
IR2131 INFINEON-IR2131 Datasheet
595Kb / 10P
   3 HIGH SIDE AND 3 LOW SIDE DRIVER
Data Sheet No. PD60032 rev P
logo
Motorola, Inc
MPIC2131 MOTOROLA-MPIC2131 Datasheet
172Kb / 6P
   3 HIGH SIDE & 3 LOW SIDE DRIVER
logo
Infineon Technologies A...
TLE82453-3SA INFINEON-TLE82453-3SA_15 Datasheet
2Mb / 71P
   3 Channel High-Side and Low-Side Linear Solenoid Driver IC
Rev 1.0, 2015-03-27
logo
Anpec Electronics Corop...
APX7387 ANPEC-APX7387 Datasheet
175Kb / 17P
   High Side and Low Side Driver
logo
Texas Instruments
UCC27200A TI1-UCC27200A_16 Datasheet
1Mb / 42P
[Old version datasheet]   120-V Boot, 3-A Peak, High-Frequency, High-Side and Low-Side Driver
logo
Diodes Incorporated
DGD2012 DIODES-DGD2012 Datasheet
497Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD2106M DIODES-DGD2106M Datasheet
660Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com