Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM15T68AY Datasheet(PDF) 11 Page - STMicroelectronics

Part # SM15T68AY
Description  Automotive 1500 W Transil
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM15T68AY Datasheet(HTML) 11 Page - STMicroelectronics

Back Button SM15T68AY Datasheet HTML 4Page - STMicroelectronics SM15T68AY Datasheet HTML 5Page - STMicroelectronics SM15T68AY Datasheet HTML 6Page - STMicroelectronics SM15T68AY Datasheet HTML 7Page - STMicroelectronics SM15T68AY Datasheet HTML 8Page - STMicroelectronics SM15T68AY Datasheet HTML 9Page - STMicroelectronics SM15T68AY Datasheet HTML 10Page - STMicroelectronics SM15T68AY Datasheet HTML 11Page - STMicroelectronics SM15T68AY Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
SM15TY
Ordering information
Doc ID 17865 Rev 3
11/12
5
Ordering information
6
Revision history
Table 5.
Ordering information
Order code
Marking
Package
Weight
Base qty
Delivery mode
SM15TxxxAY/CAY(1)
1.
Where xxx is nominal value of VBR and A or CA indicates unidirectional or bidirectional version. See
Table 2 for list of available devices and their order codes
See Table 4 on page 10
SMC
0.25 g
2500
Tape and reel
Table 6.
Document revision history
Date
Revision
Changes
15-Sep-2010
1
Initial release.
09-Nov-2011
2
Added order codes in Table 2 and Table 4.
Updated Figure 5, 6, 7, and Table 1. Added Figure 11.
Deleted old Table 2. Thermal parameter. Updated ISO
10605, C = 150 pF - R = 330
Ω: on page 1
27-Mar-2012
3
Added footnote on page 1.


Similar Part No. - SM15T68AY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM15T68AY/CAY STMICROELECTRONICS-SM15T68AY/CAY Datasheet
171Kb / 12P
   Automotive 1500 W Transil
More results

Similar Description - SM15T68AY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM15TY STMICROELECTRONICS-SM15TY Datasheet
171Kb / 12P
   Automotive 1500 W Transil
SM4T28AY STMICROELECTRONICS-SM4T28AY Datasheet
237Kb / 12P
   Automotive 400 W Transil
SM6T6V8CAY STMICROELECTRONICS-SM6T6V8CAY Datasheet
217Kb / 12P
   Automotive 600 W Transil
SM6T36CAY STMICROELECTRONICS-SM6T36CAY Datasheet
228Kb / 12P
   Automotive 600 W Transil
SM4T68AY STMICROELECTRONICS-SM4T68AY Datasheet
237Kb / 12P
   Automotive 400 W Transil
SM6T68CAY STMICROELECTRONICS-SM6T68CAY Datasheet
992Kb / 12P
   Automotive 600 W Transil
SM6T56CAY STMICROELECTRONICS-SM6T56CAY Datasheet
992Kb / 12P
   Automotive 600 W Transil
SM6T39CAY STMICROELECTRONICS-SM6T39CAY Datasheet
217Kb / 12P
   Automotive 600 W Transil?
SM6TY STMICROELECTRONICS-SM6TY Datasheet
155Kb / 11P
   Automotive 600 W Transil
SM4T6V7AY STMICROELECTRONICS-SM4T6V7AY Datasheet
237Kb / 12P
   Automotive 400 W Transil
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com