Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P2300EALxxx Datasheet(PDF) 2 Page - Littelfuse

Part # P2300EALxxx
Description  Fails short circuit when surged in excess of ratings
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P2300EALxxx Datasheet(HTML) 2 Page - Littelfuse

  P2300EALxxx Datasheet HTML 1Page - Littelfuse P2300EALxxx Datasheet HTML 2Page - Littelfuse P2300EALxxx Datasheet HTML 3Page - Littelfuse P2300EALxxx Datasheet HTML 4Page - Littelfuse P2300EALxxx Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SIDACtor® ProtectionThyristors
159
Revised: February 22, 2011
© 2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Baseband Protection (Voice-DS1)
Part Number
Marking
V
DRM
@l
DRM=5μA
V
S
@100V/μs
I
H
I
S
I
T
V
T
@I
T=2.2 Amps
Capacitance
@1MHz, 2V bias
V Min
V Max
mA Min mA Max A Max
V Max
pF Min pF Max
P0080EBLxxx
P0080EB
6
25
50
800
2.2
4
25
150
P0300EBLxxx
P0300EB
25
40
50
800
2.2
4
15
140
P0640EBLxxx
P0640EB
58
77
150
800
2.2
4
40
60
P0720EBLxxx
P0720EB
65
88
150
800
2.2
4
35
75
P0900EBLxxx
P0900EB
75
98
150
800
2.2
4
35
70
P1100EBLxxx
P1100EB
90
130
150
800
2.2
4
30
70
P1300EBLxxx
P1300EB
120
160
150
800
2.2
4
25
60
P1500EBLxxx
P1500EB
140
180
150
800
2.2
425
55
P1800EBLxxx
P1800EB
170
220
150
800
2.2
4
25
50
P2300EBLxxx
P2300EB
190
260
150
800
2.2
4
25
50
P2600EBLxxx
P2600EB
220
300
150
800
2.2
4
20
45
P3100EBLxxx
P3100EB
275
350
150
800
2.2
4
20
45
P3500EBLxxx
P3500EB
320
400
150
800
2.2
4
20
40
P0080ECLxxx
P0080EC
6
25
50
800
2.2
4
35
260
P0300ECLxxx
P0300EC
25
40
50
800
2.2
4
25
250
P0640ECLxxx
P0640EC
58
77
150
800
2.2
4
55
155
P0720ECLxxx
P0720EC
65
88
150
800
2.2
4
50
150
P0900ECLxxx
P0900EC
75
98
150
800
2.2
4
45
140
P1100ECLxxx
P1100EC
90
130
150
800
2.2
4
45
115
P1300ECLxxx
P1300EC
120
160
150
800
2.2
4
40
105
P1500ECLxxx
P1500EC
140
180
150
800
2.2
4
35
95
P1800ECLxxx
P1800EC
170
220
150
800
2.2
4
35
90
P2300ECLxxx
P2300EC
190
260
150
800
2.2
4
30
80
P2600ECLxxx
P2600EC
220
300
150
800
2.2
4
30
80
P3100ECLxxx
P3100EC
275
350
150
800
2.2
4
30
70
P3500ECLxxx
P3500EC
320
400
150
800
2.2
4
25
65
Package
Symbol
Parameter
Value
Unit
TO-92
T
J
Operating Junction Temperature Range
°C
T
S
Storage Temperature Range
°C
R
0JA
Thermal Resistance: Junction to Ambient
90
°C/W
Thermal Considerations
Surge Ratings
I
PP
I
TSM
50/60 Hz
di/dt
0.2x310 1
0.5x700 2
2x10 1
2x10 2
8x20 1
1.2x50 2
10x160 1
10x160 2
10x560 1
10x560 2
5x320 1
9x720 2
10x360 1
10x360 2
10x1000 1
10x1000 2
5x310 1
10x700 2
A min
A min
A min
A min
A min
A min
A min
A min
A min
A min
A/μs max
A
20
150
150
90
507575
45
7520
500
B
25
250
250
150
100
100
125
80
100
25
500
C
50
500
400
200
150
200
175
100
200
30
500
Notes:
1 Current waveform in μs
2 Voltage waveform in μs
Notes:
- Absolute maximum ratings measured at T
A= 25ºC (unless otherwise noted).
- Devices are bi-directional (unless otherwise noted).
- xxx part number suffix: ‘AP’ = Ammo Pack, ‘RP1’ and ‘RP2’ = Reel Pack, blank = Bulk Pack
- Peak pulse current rating (I
PP) is repetitive and guaranteed for the life of the product.
- I
PP
- The device must initially be in thermal equilibrium with -40°C < T
J <
Electrical Characteristics (continued)


Similar Part No. - P2300EALxxx

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P2300EALXXX LITTELFUSE-P2300EALXXX Datasheet
157Kb / 5P
   SIDACtor짰 Series TO-92 are designed to protect baseband equipment
More results

Similar Description - P2300EALxxx

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KA7915TU ETC2-KA7915TU Datasheet
163Kb / 16P
   Output Current in Excess of 1A
logo
KIA Semiconductor Techn...
7805 KIA-7805 Datasheet
16Kb / 2P
   Output current in excess of 1A
logo
Maxim Integrated Produc...
MAX30034EVKIT MAXIM-MAX30034EVKIT Datasheet
908Kb / 9P
   High Peak Current in Excess of 4A
Rev 0; 8/16
logo
IK Semicon Co., Ltd
IL317L IKSEMICON-IL317L_16 Datasheet
1Mb / 17P
   Output Current in Excess of 100mA
IL317 IKSEMICON-IL317_16 Datasheet
303Kb / 6P
   Output Current in Excess of 1.5 Ampere
logo
NXP Semiconductors
HEF4049BT-652 NXP-HEF4049BT-652 Datasheet
141Kb / 12P
   Accepts input voltages in excess of the supply voltage
Rev. 9-18 November 2011
logo
Texas Instruments
LM78M05CDTX TI-LM78M05CDTX Datasheet
1Mb / 18P
[Old version datasheet]   Output Current in Excess of 0.5A, No External Components
LM2940T-12.0 TI-LM2940T-12.0 Datasheet
2Mb / 35P
[Old version datasheet]   Dropout Voltage Typically 0.5V @IO = 1A, Output Current in Excess of 1A
logo
Isahaya Electronics Cor...
VLA552-01R ISAHAYA-VLA552-01R Datasheet
229Kb / 9P
   Built-in short circuit protection
logo
Cooper Bussmann, Inc.
16000-3 COOPER-16000-3 Datasheet
1Mb / 23P
   Power Distribution Blocks & Terminal Blocks with High Short-Circuit Current Ratings
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com