Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM15T36CAY Datasheet(PDF) 6 Page - STMicroelectronics

Part # SM15T36CAY
Description  Automotive 1500 W Transil
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM15T36CAY Datasheet(HTML) 6 Page - STMicroelectronics

Back Button SM15T36CAY Datasheet HTML 2Page - STMicroelectronics SM15T36CAY Datasheet HTML 3Page - STMicroelectronics SM15T36CAY Datasheet HTML 4Page - STMicroelectronics SM15T36CAY Datasheet HTML 5Page - STMicroelectronics SM15T36CAY Datasheet HTML 6Page - STMicroelectronics SM15T36CAY Datasheet HTML 7Page - STMicroelectronics SM15T36CAY Datasheet HTML 8Page - STMicroelectronics SM15T36CAY Datasheet HTML 9Page - STMicroelectronics SM15T36CAY Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Characteristics
SM15TY
6/12
Doc ID 17865 Rev 3
Figure 12.
ISO7637-2 pulse 1 response (VS = -100 V)
Figure 13.
ISO7637-2 pulse 2 response (VS = 50 V)
Voltage (V)
Voltage
-50
10
0
-10
-20
-30
-40
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
-15
5
-5
-10
0
Current
Current (A)
SM15T39AY
SM15T39CAY
SM15T39AY
SM15T39CAY
Time (ms)
Time (ms)
Voltage (V)
Voltage
10
0
-20
0
20
40
60
80
100
-4
4
0
Current
Current (A)
SM15T39AY
SM15T39CAY
SM15T39AY
SM15T39CAY
10
50
40
30
20
-20
0
20
40
60
80
100
8
12
Time (µs)
Time (µs)


Similar Part No. - SM15T36CAY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM15T36CA STMICROELECTRONICS-SM15T36CA Datasheet
189Kb / 5P
   TRANSILTM
SM15T36CA STMICROELECTRONICS-SM15T36CA Datasheet
125Kb / 9P
   TransilTM
logo
MDE Semiconductor, Inc.
SM15T36CA MDE-SM15T36CA Datasheet
157Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
STMicroelectronics
SM15T36CA STMICROELECTRONICS-SM15T36CA Datasheet
759Kb / 6P
   UNI-AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
February 1989
logo
Vishay Siliconix
SM15T36CA-E3 VISHAY-SM15T36CA-E3 Datasheet
93Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
More results

Similar Description - SM15T36CAY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM15TY STMICROELECTRONICS-SM15TY Datasheet
171Kb / 12P
   Automotive 1500 W Transil
SM4T28AY STMICROELECTRONICS-SM4T28AY Datasheet
237Kb / 12P
   Automotive 400 W Transil
SM6T6V8CAY STMICROELECTRONICS-SM6T6V8CAY Datasheet
217Kb / 12P
   Automotive 600 W Transil
SM6T36CAY STMICROELECTRONICS-SM6T36CAY Datasheet
228Kb / 12P
   Automotive 600 W Transil
SM4T68AY STMICROELECTRONICS-SM4T68AY Datasheet
237Kb / 12P
   Automotive 400 W Transil
SM6T68CAY STMICROELECTRONICS-SM6T68CAY Datasheet
992Kb / 12P
   Automotive 600 W Transil
SM6T56CAY STMICROELECTRONICS-SM6T56CAY Datasheet
992Kb / 12P
   Automotive 600 W Transil
SM6T39CAY STMICROELECTRONICS-SM6T39CAY Datasheet
217Kb / 12P
   Automotive 600 W Transil?
SM6TY STMICROELECTRONICS-SM6TY Datasheet
155Kb / 11P
   Automotive 600 W Transil
SM4T6V7AY STMICROELECTRONICS-SM4T6V7AY Datasheet
237Kb / 12P
   Automotive 400 W Transil
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com