Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM15T36CAY Datasheet(PDF) 1 Page - STMicroelectronics

Part # SM15T36CAY
Description  Automotive 1500 W Transil
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM15T36CAY Datasheet(HTML) 1 Page - STMicroelectronics

  SM15T36CAY Datasheet HTML 1Page - STMicroelectronics SM15T36CAY Datasheet HTML 2Page - STMicroelectronics SM15T36CAY Datasheet HTML 3Page - STMicroelectronics SM15T36CAY Datasheet HTML 4Page - STMicroelectronics SM15T36CAY Datasheet HTML 5Page - STMicroelectronics SM15T36CAY Datasheet HTML 6Page - STMicroelectronics SM15T36CAY Datasheet HTML 7Page - STMicroelectronics SM15T36CAY Datasheet HTML 8Page - STMicroelectronics SM15T36CAY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
This is information on a product in full production.
March 2012
Doc ID 17865 Rev 3
1/12
12
SM15TY
Automotive 1500 W Transil™
Datasheet
production data
Features
Peak pulse power:
– 1500 W (10/1000 µs)
– 10 kW (8/20 µs)
Stand-off voltage range: from 5.8 V to 70 V
Unidirectional and bidirectional types
Low leakage current:
– 0.2 µA at 25 °C
– 1 µA at 85 °C
Operating Tj max: 150 °C
High power capability at Tjmax:
– 1250 W (10/1000 µs)
JEDEC registered package outline
Resin meets UL 94, V0
AEC-Q101 qualified
Complies with the following standards
ISO 10605, C = 150 pF - R = 330
Ω:
– 30 kV (air discharge)
– 30 kV (contact discharge)
ISO 10605 - C = 330 pF, R = 330
Ω:
– 30 kV (air discharge)
– 30 kV (contact discharge)
ISO 7637-2(a)
– Pulse 1: VS = -100 V
– Pulse 2a: VS = +50 V
– Pulse 3a: VS = -150 V
– Pulse 3b: VS = +100 V
Description
The SM15TY Transil series has been designed to
protect sensitive automotive circuits against
surges defined in ISO 7637-2 and against
electrostatic discharges according to ISO 10605.
The Planar technology makes it compatible with
high-end circuits where low leakage current and
high junction temperature are required to provide
reliability and stability over time. SM15TY are
packaged in SMC (SMC footprint in accordance
with IPC 7531 standard).
TM: Transil is a trademark of STMicroelectronics
a.
Not applicable to parts with stand-off voltage lower
than the average battery voltage (13.5 V)
K
A
Unidirectional
Bidirectional
SMC
(JEDEC DO-214AB)
www.st.com


Similar Part No. - SM15T36CAY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM15T36CA STMICROELECTRONICS-SM15T36CA Datasheet
189Kb / 5P
   TRANSILTM
SM15T36CA STMICROELECTRONICS-SM15T36CA Datasheet
125Kb / 9P
   TransilTM
logo
MDE Semiconductor, Inc.
SM15T36CA MDE-SM15T36CA Datasheet
157Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
STMicroelectronics
SM15T36CA STMICROELECTRONICS-SM15T36CA Datasheet
759Kb / 6P
   UNI-AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
February 1989
logo
Vishay Siliconix
SM15T36CA-E3 VISHAY-SM15T36CA-E3 Datasheet
93Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
More results

Similar Description - SM15T36CAY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM15TY STMICROELECTRONICS-SM15TY Datasheet
171Kb / 12P
   Automotive 1500 W Transil
SM4T28AY STMICROELECTRONICS-SM4T28AY Datasheet
237Kb / 12P
   Automotive 400 W Transil
SM6T6V8CAY STMICROELECTRONICS-SM6T6V8CAY Datasheet
217Kb / 12P
   Automotive 600 W Transil
SM6T36CAY STMICROELECTRONICS-SM6T36CAY Datasheet
228Kb / 12P
   Automotive 600 W Transil
SM4T68AY STMICROELECTRONICS-SM4T68AY Datasheet
237Kb / 12P
   Automotive 400 W Transil
SM6T68CAY STMICROELECTRONICS-SM6T68CAY Datasheet
992Kb / 12P
   Automotive 600 W Transil
SM6T56CAY STMICROELECTRONICS-SM6T56CAY Datasheet
992Kb / 12P
   Automotive 600 W Transil
SM6T39CAY STMICROELECTRONICS-SM6T39CAY Datasheet
217Kb / 12P
   Automotive 600 W Transil?
SM6TY STMICROELECTRONICS-SM6TY Datasheet
155Kb / 11P
   Automotive 600 W Transil
SM4T6V7AY STMICROELECTRONICS-SM4T6V7AY Datasheet
237Kb / 12P
   Automotive 400 W Transil
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com