Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S8X8ES1 Datasheet(PDF) 4 Page - Littelfuse

Part # S8X8ES1
Description  Teccor짰 brand Thyristors EV Series 0.8 Amp Sensitive SCRs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

S8X8ES1 Datasheet(HTML) 4 Page - Littelfuse

  S8X8ES1 Datasheet HTML 1Page - Littelfuse S8X8ES1 Datasheet HTML 2Page - Littelfuse S8X8ES1 Datasheet HTML 3Page - Littelfuse S8X8ES1 Datasheet HTML 4Page - Littelfuse S8X8ES1 Datasheet HTML 5Page - Littelfuse S8X8ES1 Datasheet HTML 6Page - Littelfuse S8X8ES1 Datasheet HTML 7Page - Littelfuse S8X8ES1 Datasheet HTML 8Page - Littelfuse S8X8ES1 Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Revised:September5,2012 04:52PM
©2012 Littelfuse, Inc
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
Teccor® brand Thyristors
EV Series 0.8 Amp Sensitive SCRs
SxX8xSx Series
Figure 6: Surge Peak On-State Current vs. Number of Cycles
Soldering Parameters
Reflow Condition
Pb – Free assembly
Pre Heat
-Temperature Min (T
s(min))
150°C
-Temperature Max (T
s(max))
200°C
-Time (min to max) (t
s)
60 – 180 secs
Average ramp up rate (LiquidusTemp)
(T
L) to peak
5°C/second max
T
S(max) to TL - Ramp-up Rate
5°C/second max
Reflow
-Temperature (T
L) (Liquidus)
217°C
-Time (min to max) (t
s)
60 – 150 seconds
PeakTemperature (T
P)
260+0/-5 °C
Time within 5°C of actual peak
Temperature (t
p)
20 – 40 seconds
Ramp-down Rate
5°C/second max
Time 25°C to peakTemperature (T
P)
8 minutes Max.
Do not exceed
280°C
Surge Current Duration - Full Cycle
1
23
45 6 7 89 10
20
30 40 60 80 100
200 300 400 600
1000
1
2
3
4
5
6
7
8
9
10
20
0.8
A Devices
Supply Frequency: 60Hz Sinusoidal
Load: Resistive
RMS On-State Current [I
T(RMS)]: Max Rated Value at
Specific Case Temperature
Notes:
1. Gate control may be lost during and immediately
following surge current interval.
2. Overload may not be repeated until junction
temperature has returned to steady-state rated value.
Time
TP
TL
TS(max)
TS(min)
25
tP
tL
tS
time to peak temperature
Preheat
Preheat
Ramp-up
Ramp-up
Ramp-down
Ramp-do


Similar Part No. - S8X8ES1

ManufacturerPart #DatasheetDescription
logo
Littelfuse
S8X8ES1 LITTELFUSE-S8X8ES1 Datasheet
240Kb / 9P
   EV Series 0.8A Sensitive SCR
S8X8ES1 LITTELFUSE-S8X8ES1 Datasheet
241Kb / 9P
   SxX8xSx EV Series 0.8A Sensitive SCR
S8X8ES1 LITTELFUSE-S8X8ES1 Datasheet
879Kb / 10P
   Teccor짰 brand Thyristors EV Series 0.8 Amp Sensitive SCRs
More results

Similar Description - S8X8ES1

ManufacturerPart #DatasheetDescription
logo
Littelfuse
S6X8BSRP LITTELFUSE-S6X8BSRP Datasheet
879Kb / 10P
   Teccor짰 brand Thyristors EV Series 0.8 Amp Sensitive SCRs
L0107NERP LITTELFUSE-L0107NERP Datasheet
1Mb / 8P
   Teccor짰 brand Thyristors EV Series 1 Amp Sensitive Triacs
L4X3RP LITTELFUSE-L4X3RP Datasheet
385Kb / 10P
   Teccor짰 brand Thyristors 0.8 Amp Sensitive & Standard Triacs
S6010DS2RP LITTELFUSE-S6010DS2RP Datasheet
1Mb / 11P
   Teccor짰 brand Thyristors 10 Amp Sensitive & Standard SCRs
SXX8BBS LITTELFUSE-SXX8BBS Datasheet
537Kb / 6P
   Thyristors EV Series 0.8 Amp Sensitive SCRs
L0107MTRP LITTELFUSE-L0107MTRP Datasheet
1Mb / 8P
   Teccor짰 brand Thyristors EV Series 1 Amp Sensitive Triacs
S4S2RP LITTELFUSE-S4S2RP Datasheet
980Kb / 10P
   Teccor brand Thyristors 0.8 Amp Sensitive SCRs
S8X8TSRP LITTELFUSE-S8X8TSRP Datasheet
1Mb / 9P
   Teccor brand Thyristors EV Series 1.5 Amp Sensitive SCRs
S8X5ECSX LITTELFUSE-S8X5ECSX Datasheet
961Kb / 6P
   EV Series 0.8 Amp Sensitive SCRs
Revised: BO.12/08/20
S8012DRP LITTELFUSE-S8012DRP Datasheet
351Kb / 8P
   Teccor짰 brand Thyristors 12 Amp Standard SCRs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com