Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM15T47CAY Datasheet(PDF) 7 Page - STMicroelectronics

Part # SM15T47CAY
Description  Automotive 1500 W Transil
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM15T47CAY Datasheet(HTML) 7 Page - STMicroelectronics

Back Button SM15T47CAY Datasheet HTML 3Page - STMicroelectronics SM15T47CAY Datasheet HTML 4Page - STMicroelectronics SM15T47CAY Datasheet HTML 5Page - STMicroelectronics SM15T47CAY Datasheet HTML 6Page - STMicroelectronics SM15T47CAY Datasheet HTML 7Page - STMicroelectronics SM15T47CAY Datasheet HTML 8Page - STMicroelectronics SM15T47CAY Datasheet HTML 9Page - STMicroelectronics SM15T47CAY Datasheet HTML 10Page - STMicroelectronics SM15T47CAY Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
SM15TY
Characteristics
Doc ID 17865 Rev 3
7/12
Figure 14.
ISO7637-2 pulse 3a response (VS = -150 V)
Figure 15.
ISO7637-2 pulse 3b response (VS = 100 V)
Note:
ISO7637-2 pulses responses are not applicable for product with a stand off voltage lower
than the average battery voltage (13.5 V).
Voltage (V)
Voltage
-20
-2
0.0
-1
Current
Current (A)
SM15T39AY
SM15T39CAY
SM15T39AY
SM15T39CAY
-40
20
0.0
-0.2
0.8
1.8
0.0
0.0
0.0
1
-0.5
0.0
0.5
1.0
1.5
2.0
-60
Time (µs)
Time (µs)
Voltage (V)
Voltage
20
-0.4
0
Current
Current (A)
SM15T39AY
SM15T39CAY
SM15T39AY
SM15T39CAY
10
40
30
-0.2
0.8
1.8
0
Time (µs)
Time (µs)
-0.2
0.8
1.8
50
0.4
0.8
1.2


Similar Part No. - SM15T47CAY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM15T47AY/CAY STMICROELECTRONICS-SM15T47AY/CAY Datasheet
171Kb / 12P
   Automotive 1500 W Transil
More results

Similar Description - SM15T47CAY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM15TY STMICROELECTRONICS-SM15TY Datasheet
171Kb / 12P
   Automotive 1500 W Transil
SM4T28AY STMICROELECTRONICS-SM4T28AY Datasheet
237Kb / 12P
   Automotive 400 W Transil
SM6T6V8CAY STMICROELECTRONICS-SM6T6V8CAY Datasheet
217Kb / 12P
   Automotive 600 W Transil
SM6T36CAY STMICROELECTRONICS-SM6T36CAY Datasheet
228Kb / 12P
   Automotive 600 W Transil
SM4T68AY STMICROELECTRONICS-SM4T68AY Datasheet
237Kb / 12P
   Automotive 400 W Transil
SM6T68CAY STMICROELECTRONICS-SM6T68CAY Datasheet
992Kb / 12P
   Automotive 600 W Transil
SM6T56CAY STMICROELECTRONICS-SM6T56CAY Datasheet
992Kb / 12P
   Automotive 600 W Transil
SM6T39CAY STMICROELECTRONICS-SM6T39CAY Datasheet
217Kb / 12P
   Automotive 600 W Transil?
SM6TY STMICROELECTRONICS-SM6TY Datasheet
155Kb / 11P
   Automotive 600 W Transil
SM4T6V7AY STMICROELECTRONICS-SM4T6V7AY Datasheet
237Kb / 12P
   Automotive 400 W Transil
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com