Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM15T68CAY Datasheet(PDF) 5 Page - STMicroelectronics

Part # SM15T68CAY
Description  Automotive 1500 W Transil
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM15T68CAY Datasheet(HTML) 5 Page - STMicroelectronics

  SM15T68CAY Datasheet HTML 1Page - STMicroelectronics SM15T68CAY Datasheet HTML 2Page - STMicroelectronics SM15T68CAY Datasheet HTML 3Page - STMicroelectronics SM15T68CAY Datasheet HTML 4Page - STMicroelectronics SM15T68CAY Datasheet HTML 5Page - STMicroelectronics SM15T68CAY Datasheet HTML 6Page - STMicroelectronics SM15T68CAY Datasheet HTML 7Page - STMicroelectronics SM15T68CAY Datasheet HTML 8Page - STMicroelectronics SM15T68CAY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
SM15TY
Characteristics
Doc ID 17865 Rev 3
5/12
Figure 11.
Relative variation of thermal impedance junction to ambient versus pulse duration
Figure 9.
Leakage current versus junction
temperature (typical values)
Figure 10.
Peak forward voltage drop versus
peak forward current
(typical values)
I (nA)
R
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
25
50
75
100
125
150
T (°C)
j
V= V
RRM
V
< 10 V
RM
V10 V
RM
0.1
1.0
10.0
100.0
0.0
0.5
1.0
1.5
2.0
2.5
V
(V)
FM
I (A)
FM
T = 25 °C
j
T = 125 °C
j
0.01
0.10
1.00
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
Recommended pad layout
Single pulse
printed circuit board,
copper thickness = 35 µm
Z/R
th(j-a)
th(j-a)
t (s)
p


Similar Part No. - SM15T68CAY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM15T68CA STMICROELECTRONICS-SM15T68CA Datasheet
189Kb / 5P
   TRANSILTM
SM15T68CA STMICROELECTRONICS-SM15T68CA Datasheet
125Kb / 9P
   TransilTM
logo
MDE Semiconductor, Inc.
SM15T68CA MDE-SM15T68CA Datasheet
157Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
STMicroelectronics
SM15T68CA STMICROELECTRONICS-SM15T68CA Datasheet
122Kb / 10P
   Transil
SM15T68CA STMICROELECTRONICS-SM15T68CA Datasheet
759Kb / 6P
   UNI-AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
February 1989
More results

Similar Description - SM15T68CAY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM15TY STMICROELECTRONICS-SM15TY Datasheet
171Kb / 12P
   Automotive 1500 W Transil
SM4T28AY STMICROELECTRONICS-SM4T28AY Datasheet
237Kb / 12P
   Automotive 400 W Transil
SM6T6V8CAY STMICROELECTRONICS-SM6T6V8CAY Datasheet
217Kb / 12P
   Automotive 600 W Transil
SM6T36CAY STMICROELECTRONICS-SM6T36CAY Datasheet
228Kb / 12P
   Automotive 600 W Transil
SM4T68AY STMICROELECTRONICS-SM4T68AY Datasheet
237Kb / 12P
   Automotive 400 W Transil
SM6T68CAY STMICROELECTRONICS-SM6T68CAY Datasheet
992Kb / 12P
   Automotive 600 W Transil
SM6T56CAY STMICROELECTRONICS-SM6T56CAY Datasheet
992Kb / 12P
   Automotive 600 W Transil
SM6T39CAY STMICROELECTRONICS-SM6T39CAY Datasheet
217Kb / 12P
   Automotive 600 W Transil?
SM6TY STMICROELECTRONICS-SM6TY Datasheet
155Kb / 11P
   Automotive 600 W Transil
SM4T6V7AY STMICROELECTRONICS-SM4T6V7AY Datasheet
237Kb / 12P
   Automotive 400 W Transil
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com