Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM6T24CA Datasheet(PDF) 6 Page - STMicroelectronics

Part # SM6T24CA
Description  Transil
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM6T24CA Datasheet(HTML) 6 Page - STMicroelectronics

Back Button SM6T24CA Datasheet HTML 2Page - STMicroelectronics SM6T24CA Datasheet HTML 3Page - STMicroelectronics SM6T24CA Datasheet HTML 4Page - STMicroelectronics SM6T24CA Datasheet HTML 5Page - STMicroelectronics SM6T24CA Datasheet HTML 6Page - STMicroelectronics SM6T24CA Datasheet HTML 7Page - STMicroelectronics SM6T24CA Datasheet HTML 8Page - STMicroelectronics SM6T24CA Datasheet HTML 9Page - STMicroelectronics SM6T24CA Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Ordering information scheme
SM6T
6/10
Doc ID 3082 Rev 9
2
Ordering information scheme
Figure 12.
Ordering information scheme
SM
6 T 100
CA
Surface mount
Peak pulse power
Breakdown voltage
Types
6 = 600 W Transil in SMB
100 = 100 V
CA = Bidirectional
A = Unidirectional


Similar Part No. - SM6T24CA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM6T24CA STMICROELECTRONICS-SM6T24CA Datasheet
186Kb / 5P
   TRANSILTM
logo
MDE Semiconductor, Inc.
SM6T24CA MDE-SM6T24CA Datasheet
86Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SM6T24CA LUGUANG-SM6T24CA Datasheet
2Mb / 5P
   600Watts Surface Mount TVS
logo
SUNMATE electronic Co.,...
SM6T24CA SUNMATE-SM6T24CA Datasheet
1Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
STMicroelectronics
SM6T24CAY STMICROELECTRONICS-SM6T24CAY Datasheet
228Kb / 12P
   Automotive 600 W Transil
More results

Similar Description - SM6T24CA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMAJ STMICROELECTRONICS-SMAJ Datasheet
152Kb / 6P
   TRANSIL
SMBJ5.0A-TR STMICROELECTRONICS-SMBJ5.0A-TR Datasheet
133Kb / 10P
   Transil
P6KE6V8A STMICROELECTRONICS-P6KE6V8A_04 Datasheet
96Kb / 6P
   TRANSIL
BZW04-13 STMICROELECTRONICS-BZW04-13 Datasheet
124Kb / 6P
   TRANSIL
SM2T STMICROELECTRONICS-SM2T_05 Datasheet
54Kb / 6P
   TRANSIL?
SMCJ STMICROELECTRONICS-SMCJ Datasheet
129Kb / 10P
   Transil?
July 2010 Rev 8
15KE250CA STMICROELECTRONICS-15KE250CA Datasheet
142Kb / 10P
   Transil
SM4T6V8 STMICROELECTRONICS-SM4T6V8 Datasheet
126Kb / 7P
   TRANSIL
BZW06-28B STMICROELECTRONICS-BZW06-28B Datasheet
176Kb / 6P
   TRANSIL
ESDA14V2BP6 STMICROELECTRONICS-ESDA14V2BP6 Datasheet
32Kb / 5P
   TRANSIL?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com