Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRHNA57064 Datasheet(PDF) 8 Page - International Rectifier

Part # IRHNA57064
Description  RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-2)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHNA57064 Datasheet(HTML) 8 Page - International Rectifier

  IRHNA57064 Datasheet HTML 1Page - International Rectifier IRHNA57064 Datasheet HTML 2Page - International Rectifier IRHNA57064 Datasheet HTML 3Page - International Rectifier IRHNA57064 Datasheet HTML 4Page - International Rectifier IRHNA57064 Datasheet HTML 5Page - International Rectifier IRHNA57064 Datasheet HTML 6Page - International Rectifier IRHNA57064 Datasheet HTML 7Page - International Rectifier IRHNA57064 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IRHNA57064, JANSR2N7468U2
Pre-Irradiation
8
www.irf.com
à Pulse width ≤ 300 µs; Duty Cycle ≤ 2%
Ä Total Dose Irradiation with VGS Bias.
12 volt VGS applied and VDS = 0 during
irradiation per MIL-STD-750, method 1019, condition A.
Å Total Dose Irradiation with VDS Bias.
48 volt VDS applied and VGS = 0 during
irradiation per MlL-STD-750, method 1019, condition A.
À Repetitive Rating; Pulse width limited by
maximum junction temperature.
Á VDD = 25V, starting TJ = 25°C, L= 0.18mH
Peak IL = 75A, VGS = 12V
 ISD ≤ 45A, di/dt ≤ 196A/µs,
VDD ≤ 60V, TJ ≤ 150°C
Case Outline and Dimensions — SMD-2
Footnotes:
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
IR LEOMINSTER : 205 Crawford St., Leominster, Massachusetts 01453, USA Tel: (978) 534-5776
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.
Data and specifications subject to change without notice. 10/2011


Similar Part No. - IRHNA57064

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHNA57064 IRF-IRHNA57064 Datasheet
180Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-2)
IRHNA57064 IRF-IRHNA57064 Datasheet
185Kb / 8P
   Simple Drive Requirements
IRHNA57064 IRF-IRHNA57064_15 Datasheet
185Kb / 8P
   Simple Drive Requirements
More results

Similar Description - IRHNA57064

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHNA67260 IRF-IRHNA67260 Datasheet
141Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE-MOUNT (SMD-2)
IRHNA597260 IRF-IRHNA597260 Datasheet
119Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-2)
IRHNA3160 IRF-IRHNA3160 Datasheet
109Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-2)
IRHNA67264 IRF-IRHNA67264 Datasheet
188Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE-MOUNT (SMD-2)
IRHE57133SE IRF-IRHE57133SE Datasheet
176Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT(SMD-2)
IRHNA597Z60 IRF-IRHNA597Z60 Datasheet
195Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-2)
IRHNA57064 IRF-IRHNA57064 Datasheet
180Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-2)
IRHNA57264SE IRF-IRHNA57264SE Datasheet
181Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-2)
IRHNA57163SE IRF-IRHNA57163SE Datasheet
181Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT(SMD-2)
IRHNA597064 IRF-IRHNA597064 Datasheet
226Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-2)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com