Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM15T82CAY Datasheet(PDF) 10 Page - STMicroelectronics

Part # SM15T82CAY
Description  Automotive 1500 W Transil
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM15T82CAY Datasheet(HTML) 10 Page - STMicroelectronics

Back Button SM15T82CAY Datasheet HTML 4Page - STMicroelectronics SM15T82CAY Datasheet HTML 5Page - STMicroelectronics SM15T82CAY Datasheet HTML 6Page - STMicroelectronics SM15T82CAY Datasheet HTML 7Page - STMicroelectronics SM15T82CAY Datasheet HTML 8Page - STMicroelectronics SM15T82CAY Datasheet HTML 9Page - STMicroelectronics SM15T82CAY Datasheet HTML 10Page - STMicroelectronics SM15T82CAY Datasheet HTML 11Page - STMicroelectronics SM15T82CAY Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Package information
SM15TY
10/12
Doc ID 17865 Rev 3
Table 4.
Marking
Order code
Marking
Order code
Marking
SM15T6V8AY
MDEY
SM15T6V8CAY
BDEY
SM15T7V5AY
MDGY
SM15T7V5CAY
BDGY
SM15T10AY
MDPY
SM15T10CAY
BDPY
SM15T12AY
MDTY
SM15T12CAY
BDTY
SM15T15AY
MDXY
SM15T15CAY
BDXY
SM15T18AY
MEEY
SM15T18CAY
BEEY
SM15T22AY
MEKY
SM15T22CAY
BEKY
SM15T24AY
MEMY
SM15T24CAY
BEMY
SM15T27AY
MEPY
SM15T27CAY
BEPY
SM15T30AY
MERY
SM15T30CAY
BERY
SM15T33AY
METY
SM15T33CAY
BETY
SM15T36AY
MEVY
SM15T36CAY
BEVY
SM15T39AY
MEXY
SM15T39CAY
BEXY
SM15T47AY
MFAY
SM15T47CAY
BFAY
SM15T56AY
MFBY
SM15T56CAY
BFBY
SM15T68AY
MFPY
SM15T68CAY
BFPY
SM15T75AY
MFOY
SM15T75CAY
BFOY
SM15T82AY
MFRY
SM15T82CAY
BFRY


Similar Part No. - SM15T82CAY

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SM15T GE-SM15T Datasheet
73Kb / 3P
   TRANSZORB??SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
STMicroelectronics
SM15T STMICROELECTRONICS-SM15T Datasheet
125Kb / 9P
   TransilTM
logo
Vishay Siliconix
SM15T VISHAY-SM15T Datasheet
112Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
SM15T VISHAY-SM15T Datasheet
109Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
logo
STMicroelectronics
SM15T10 STMICROELECTRONICS-SM15T10 Datasheet
759Kb / 6P
   UNI-AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
February 1989
More results

Similar Description - SM15T82CAY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM15TY STMICROELECTRONICS-SM15TY Datasheet
171Kb / 12P
   Automotive 1500 W Transil
SM4T28AY STMICROELECTRONICS-SM4T28AY Datasheet
237Kb / 12P
   Automotive 400 W Transil
SM6T6V8CAY STMICROELECTRONICS-SM6T6V8CAY Datasheet
217Kb / 12P
   Automotive 600 W Transil
SM6T36CAY STMICROELECTRONICS-SM6T36CAY Datasheet
228Kb / 12P
   Automotive 600 W Transil
SM4T68AY STMICROELECTRONICS-SM4T68AY Datasheet
237Kb / 12P
   Automotive 400 W Transil
SM6T68CAY STMICROELECTRONICS-SM6T68CAY Datasheet
992Kb / 12P
   Automotive 600 W Transil
SM6T56CAY STMICROELECTRONICS-SM6T56CAY Datasheet
992Kb / 12P
   Automotive 600 W Transil
SM6T39CAY STMICROELECTRONICS-SM6T39CAY Datasheet
217Kb / 12P
   Automotive 600 W Transil?
SM6TY STMICROELECTRONICS-SM6TY Datasheet
155Kb / 11P
   Automotive 600 W Transil
SM4T6V7AY STMICROELECTRONICS-SM4T6V7AY Datasheet
237Kb / 12P
   Automotive 400 W Transil
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com